Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NDT01N60 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NDT01N60
Description  N-Channel Power MOSFET 600 V, 8.5
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NDT01N60 Datasheet(HTML) 6 Page - ON Semiconductor

  NDT01N60 Datasheet HTML 1Page - ON Semiconductor NDT01N60 Datasheet HTML 2Page - ON Semiconductor NDT01N60 Datasheet HTML 3Page - ON Semiconductor NDT01N60 Datasheet HTML 4Page - ON Semiconductor NDT01N60 Datasheet HTML 5Page - ON Semiconductor NDT01N60 Datasheet HTML 6Page - ON Semiconductor NDT01N60 Datasheet HTML 7Page - ON Semiconductor NDT01N60 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
NDD01N60, NDT01N60
http://onsemi.com
6
PACKAGE DIMENSIONS
SOT−223 (TO−261)
CASE 318E−04
ISSUE N
A1
b1
D
E
b
e
e1
4
12
3
0.08 (0003)
A
L1
C
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: INCH.
1.5
0.059
mm
inches
SCALE 6:1
3.8
0.15
2.0
0.079
6.3
0.248
2.3
0.091
2.3
0.091
2.0
0.079
SOLDERING FOOTPRINT
HE
DIM
A
MIN
NOM
MAX
MIN
MILLIMETERS
1.50
1.63
1.75
0.060
INCHES
A1
0.02
0.06
0.10
0.001
b
0.60
0.75
0.89
0.024
b1
2.90
3.06
3.20
0.115
c
0.24
0.29
0.35
0.009
D
6.30
6.50
6.70
0.249
E
3.30
3.50
3.70
0.130
e
2.20
2.30
2.40
0.087
0.85
0.94
1.05
0.033
0.064
0.068
0.002
0.004
0.030
0.035
0.121
0.126
0.012
0.014
0.256
0.263
0.138
0.145
0.091
0.094
0.037
0.041
NOM
MAX
L1
1.50
1.75
2.00
0.060
6.70
7.00
7.30
0.264
0.069
0.078
0.276
0.287
HE
e1
0
°
10°
0
°
10°
q
q
L
L
0.20
−−−
−−−
0.008
−−−
−−−
STYLE 3:
PIN 1. GATE
2. DRAIN
3. SOURCE
4. DRAIN


Similar Part No. - NDT01N60

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NDT01N60 ONSEMI-NDT01N60 Datasheet
136Kb / 8P
   N-Channel Power MOSFET 600 V, 8.5 ohm
January, 2013 ??Rev. 2
NDT01N60T1G ONSEMI-NDT01N60T1G Datasheet
136Kb / 8P
   N-Channel Power MOSFET 600 V, 8.5 ohm
January, 2013 ??Rev. 2
More results

Similar Description - NDT01N60

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NDD01N60 ONSEMI-NDD01N60 Datasheet
136Kb / 8P
   N-Channel Power MOSFET 600 V, 8.5 ohm
January, 2013 ??Rev. 2
NDF06N60ZH ONSEMI-NDF06N60ZH Datasheet
116Kb / 8P
   N-Channel Power MOSFET 600 V, 1.2 
February, 2013 ??Rev. 6
NDF03N60Z ONSEMI-NDF03N60Z Datasheet
167Kb / 10P
   N-Channel Power MOSFET 600 V, 3.3 
April, 2010 ??Rev. 3
NDF08N60Z ONSEMI-NDF08N60Z Datasheet
118Kb / 6P
   N-Channel Power MOSFET 600 V, 0.95 ?
July, 2010 ??Rev. 0
NDF02N60ZH ONSEMI-NDF02N60ZH Datasheet
146Kb / 10P
   N-Channel Power MOSFET 600 V, 4.8 
July, 2013 ??Rev. 7
NDF03N60ZH ONSEMI-NDF03N60ZH Datasheet
137Kb / 10P
   N-Channel Power MOSFET 600 V, 3.6 
July, 2013 ??Rev. 7
NDF02N60Z ONSEMI-NDF02N60Z Datasheet
168Kb / 10P
   N-Channel Power MOSFET 600 V, 4.0 
April, 2010 ??Rev. 2
NDF04N60ZH ONSEMI-NDF04N60ZH Datasheet
140Kb / 9P
   N-Channel Power MOSFET 600 V, 2.0 Ohm
June, 2013 ??Rev. 8
NDF10N60ZH ONSEMI-NDF10N60ZH Datasheet
119Kb / 8P
   N-Channel Power MOSFET 600 V, 0.75 Ohm
February, 2012 ??Rev. 10
logo
VBsemi Electronics Co.,...
4N40L-TA3-T VBSEMI-4N40L-TA3-T Datasheet
1Mb / 9P
   N-Channel 600 V (D-S) Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com