Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV8664DT50RKG Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCV8664DT50RKG
Description  Very Low Iq Low Dropout Linear Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8664DT50RKG Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCV8664DT50RKG Datasheet HTML 6Page - ON Semiconductor NCV8664DT50RKG Datasheet HTML 7Page - ON Semiconductor NCV8664DT50RKG Datasheet HTML 8Page - ON Semiconductor NCV8664DT50RKG Datasheet HTML 9Page - ON Semiconductor NCV8664DT50RKG Datasheet HTML 10Page - ON Semiconductor NCV8664DT50RKG Datasheet HTML 11Page - ON Semiconductor NCV8664DT50RKG Datasheet HTML 12Page - ON Semiconductor NCV8664DT50RKG Datasheet HTML 13Page - ON Semiconductor NCV8664DT50RKG Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
NCV8664
http://onsemi.com
11
Figure 28. qJA vs. Copper Spreader Area
Figure 29. Single−Pulse Heating Curves
COPPER AREA (mm2)
PULSE TIME (sec)
0
100
200
300
400
500
600
700
0
20
40
60
80
100
120
140
160
SOT223
DPAK
SOIC−8 Fused
0.001
0.01
0.1
1
10
100
1000
0.000001
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
SOIC−8 Fused
SOT223
DPAK
ORDERING INFORMATION
Device
Marking
Package
Shipping
NCV8664D50R2G
V6645
SOIC−8 Fused
(Pb−Free)
2500 / Tape & Reel
NCV8664D50G
V6645
SOIC−8 Fused
(Pb−Free)
98 Units / Rail
NCV8664DT50RKG
V66450G
DPAK
(Pb−Free)
2500 / Tape & Reel
NCV8664DT33RKG
V66433G
DPAK
(Pb−Free)
2500 / Tape & Reel
NCV8664ST50T3G
V6645
SOT−223
(Pb−Free)
4000 / Tape & Reel
NCV8664ST33T3G
V6643
SOT−223
(Pb−Free)
4000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.


Similar Part No. - NCV8664DT50RKG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8664DT50RKG ONSEMI-NCV8664DT50RKG Datasheet
281Kb / 9P
   Ultra?묹ow Iq Low Dropout Linear Regulator
November, 2006 ??Rev. 1
NCV8664DT50RKG ONSEMI-NCV8664DT50RKG Datasheet
152Kb / 13P
   Ultra?묹ow Iq Low Dropout Linear Regulator
March, 2007 ??Rev. 7
More results

Similar Description - NCV8664DT50RKG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8674 ONSEMI-NCV8674 Datasheet
155Kb / 11P
   Very Low Iq Low Dropout Linear Regulator
November, 2008 ??Rev. 2
NCV8664C ONSEMI-NCV8664C Datasheet
86Kb / 11P
   Very Low Iq Low Dropout Linear Regulator
November, 2014 ??Rev. 0
NCV8664C ONSEMI-NCV8664C_17 Datasheet
99Kb / 13P
   Very Low Iq Low Dropout Linear Regulator
June, 2017 ??Rev. 2
NCV8664DT33RKG ONSEMI-NCV8664DT33RKG Datasheet
165Kb / 14P
   Very Low Iq Low Dropout Linear Regulator
September, 2010 ??Rev. 18
NCV4264-2 ONSEMI-NCV4264-2_17 Datasheet
91Kb / 11P
   Low IQ Low Dropout Linear Regulator
July, 2017 ??Rev. 9
NCV4264-2C ONSEMI-NCV4264-2C Datasheet
75Kb / 10P
   Low IQ Low Dropout Linear Regulator
April, 2014 ??Rev. 0
NCV4264-2C ONSEMI-NCV4264-2C_15 Datasheet
78Kb / 10P
   Low IQ Low Dropout Linear Regulator
October, 2015 ??Rev. 1
NCV4264-2 ONSEMI-NCV4264-2 Datasheet
102Kb / 11P
   Low IQ Low Dropout Linear Regulator
March, 2008 - Rev. 4
logo
Analog Devices
LT3033 AD-LT3033 Datasheet
3Mb / 24P
   Very Low Dropout Linear Regulator
logo
Maxim Integrated Produc...
MAX1793 MAXIM-MAX1793_09 Datasheet
236Kb / 11P
   Low-Dropout, Low IQ, 1A Linear Regulator
Rev 2; 9/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com