Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTS45-12L-103 Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # PTS45-12L-103
Description  High Grade Slide Potentiometer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PTS45-12L-103 Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  PTS45-12L-103 Datasheet HTML 1Page - Bourns Electronic Solutions PTS45-12L-103 Datasheet HTML 2Page - Bourns Electronic Solutions PTS45-12L-103 Datasheet HTML 3Page - Bourns Electronic Solutions PTS45-12L-103 Datasheet HTML 4Page - Bourns Electronic Solutions PTS45-12L-103 Datasheet HTML 5Page - Bourns Electronic Solutions PTS45-12L-103 Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
PTS Series High Grade Slide Potentiometer
Product Dimensions
45 mm Length of Travel
Lever End Style “T”
DIMENSIONS:
MM
(INCHES)
65.0
± 0.2
(2.559
± .008)
77.5
(3.052)
MAX.
M3 X 0.5 2 PLCS.
13.0
(.512)
MAX.
0.5
(.020)
0.6
(.024)
3.7
± 0.2
(.146
± .008)
5.4
± 0.2
(.213
± .008)
2.3
± 0.2
(.091
± .008)
1.8
(.071)
2 PLCS.
8.0
(.315)
6.8
(.268)
12.5
(.492)
5.0
(.197)
5.0
(.197)
2
1
2'
1'
3'
3
5.0
(.197)
2.0
(.079)
HOLES
6 PLCS.
38.7
± 0.5
(1.524
± .020)
20.0
(.787)
30.0
(1.181)
45.0 ± 0.5
(1.772 ± .020)
14.5
(.571)
8.0
(.315)
18.5 +0/-0.1
(.728 +0/-.004)
8.2 ± 0.5
(.323 ± .020)
2.0
(.079)
4.0
(.157)
2.0
(.079)
DIA. 2 PLCS.
1.2
± .05
(.047
± .002)
1.5
± .05
(.059
± .002)


Similar Part No. - PTS45-12L-103

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PTS453 ETC2-PTS453 Datasheet
54Kb / 2P
   4,5 mm Tact Switches
More results

Similar Description - PTS45-12L-103

ManufacturerPart #DatasheetDescription
logo
Bi technologies
PS100-1 BITECH-PS100-1 Datasheet
101Kb / 3P
   Slide Potentiometer
PS45G BITECH-PS45G Datasheet
110Kb / 4P
   Slide Potentiometer
logo
SHINMEI ELECTRIC CO., L...
SLR-1-10101B SHINMEI-SLR-1-10101B Datasheet
140Kb / 3P
   SLIDE POTENTIOMETER
logo
Bi technologies
PS30M BITECH-PS30M Datasheet
168Kb / 6P
   Slide Potentiometer
PS30 BITECH-PS30 Datasheet
102Kb / 4P
   Slide Potentiometer
logo
TT Electronics.
PSM050S-10B10KB TTELEC-PSM050S-10B10KB Datasheet
376Kb / 3P
   Miniature Slide Potentiometer
12/2021
logo
Bourns Electronic Solut...
PTA BOURNS-PTA Datasheet
223Kb / 2P
   Low Profile Slide Potentiometer
PDV10-21P-102A BOURNS-PDV10-21P-102A Datasheet
195Kb / 2P
   Open Frame Slide Potentiometer
PSP BOURNS-PSP Datasheet
464Kb / 2P
   Motorized Master Slide Potentiometer
SMLJ12A-Q BOURNS-SMLJ12A-Q Datasheet
838Kb / 3P
   Motorized Master Slide Potentiometer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com