Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT27C2048-15PC Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT27C2048-15PC
Description  2-Megabit 128K x 16 OTP EPROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C2048-15PC Datasheet(HTML) 4 Page - ATMEL Corporation

  AT27C2048-15PC Datasheet HTML 1Page - ATMEL Corporation AT27C2048-15PC Datasheet HTML 2Page - ATMEL Corporation AT27C2048-15PC Datasheet HTML 3Page - ATMEL Corporation AT27C2048-15PC Datasheet HTML 4Page - ATMEL Corporation AT27C2048-15PC Datasheet HTML 5Page - ATMEL Corporation AT27C2048-15PC Datasheet HTML 6Page - ATMEL Corporation AT27C2048-15PC Datasheet HTML 7Page - ATMEL Corporation AT27C2048-15PC Datasheet HTML 8Page - ATMEL Corporation AT27C2048-15PC Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AT27C2048
4
DC and AC Operating Conditions for Read Operation
DC and Operating Characteristics for Read Operation
Notes:
1.
VCC must be applied simultaneously or before VPP, and removed simultaneously or after VPP.
2.
VPP may be connected directly to VCC, except during programming. The supply current would then be the sum of ICC and
IPP.
AC Characteristics for Read Operation
Notes:
1.
2, 3, 4, 5. See the AC Waveforms for Read Operation diagram.
AT27C2048
-55
-70
-90
-12
-15
Operating
Temperature
(Case)
Com.
0
°C - 70°C0°C - 70°C0°C - 70°C0°C - 70°C0°C - 70°C
Ind.
-40
°C - 85°C-40°C - 85°C-40°C - 85°C-40°C - 85°C-40°C - 85°C
VCC Power Supply
5V
± 10%
5V
± 10%
5V
± 10%
5V
± 10%
5V
± 10%
Symbol
Parameter
Condition
Min
Max
Units
ILI
Input Load Current
VIN = 0V to VCC
± 1
µA
ILO
Output Leakage Current
VOUT = 0V to VCC
± 5
µA
IPP1
(2)
VPP
(1) Read/Standby Current
VPP = VCC
10
µA
ISB
VCC
(1) Standby Current
ISB1 (CMOS)
CE = VCC ± 0.3V
100
µA
ISB2 (TTL)
CE = 2.0 to VCC + 0.5V
1mA
ICC
VCC Active Current
f = 5 MHz, IOUT = 0 mA,
CE = VIL
35
mA
VIL
Input Low Voltage
-0.6
0.8
V
VIH
Input High Voltage
2.0
VCC + 0.5
V
VOL
Output Low Voltage
IOL = 2.1 mA
0.4
V
VOH
Output High Voltage
IOH = -400 µA2.4
V
AT27C2048
-55
-70
-90
-12
-15
Symbol
Parameter
Condition
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Units
tACC
(3)
Address to
Output Delay
CE = OE
= VIL
55
70
90
120
150
ns
tCE
(2)
CE to Output Delay
OE = VIL
55
70
90
120
150
ns
tOE
(2)(3)
OE to Output Delay
CE = VIL
20
30
35
40
50
ns
tDF
(4)(5)
OE or CE High to
Output Float,
whichever occurred
first
20
20
20
30
35
ns
tOH
(4)
Output Hold from
Address, CE or OE,
whichever occurred
first
770
00
ns


Similar Part No. - AT27C2048-15PC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C2048-55JI ATMEL-AT27C2048-55JI Datasheet
356Kb / 14P
   2-Megabit (128K x 16) OTP EPROM AT27C2048
AT27C2048-55JU ATMEL-AT27C2048-55JU Datasheet
356Kb / 14P
   2-Megabit (128K x 16) OTP EPROM AT27C2048
AT27C2048-55PI ATMEL-AT27C2048-55PI Datasheet
356Kb / 14P
   2-Megabit (128K x 16) OTP EPROM AT27C2048
AT27C2048-55PU ATMEL-AT27C2048-55PU Datasheet
356Kb / 14P
   2-Megabit (128K x 16) OTP EPROM AT27C2048
AT27C2048-55VI ATMEL-AT27C2048-55VI Datasheet
356Kb / 14P
   2-Megabit (128K x 16) OTP EPROM AT27C2048
More results

Similar Description - AT27C2048-15PC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C2048 ATMEL-AT27C2048_07 Datasheet
356Kb / 14P
   2-Megabit (128K x 16) OTP EPROM AT27C2048
AT27C010 ATMEL-AT27C010_07 Datasheet
343Kb / 14P
   1-Megabit (128K x 8) OTP EPROM
logo
Maxwell Technologies
27C010T MAXWELL-27C010T Datasheet
207Kb / 14P
   1 Megabit (128K x 8-Bit) - OTP EPROM
logo
ATMEL Corporation
AT27C010 ATMEL-AT27C010 Datasheet
256Kb / 9P
   1 Megabit 128K x 8 OTP CMOS EPROM
AT27C4096 ATMEL-AT27C4096 Datasheet
254Kb / 9P
   4-Megabit 256K x 16 OTP EPROM
AT27LV010A ATMEL-AT27LV010A_07 Datasheet
375Kb / 15P
   1-Megabit (128K x 8) Low Voltage OTP EPROM
AT27C1024 ATMEL-AT27C1024 Datasheet
261Kb / 9P
   1-Megabit 64K x 16 OTP EPROM
AT27C1024 ATMEL-AT27C1024_07 Datasheet
370Kb / 14P
   1-Megabit (64K x 16) OTP EPROM
AT27C4096 ATMEL-AT27C4096_07 Datasheet
360Kb / 14P
   4-Megabit (256K x 16) OTP EPROM
AT27C020 ATMEL-AT27C020_07 Datasheet
373Kb / 14P
   2-megabit (256K x 8) OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com