Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

27C020 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # 27C020
Description  2-Megabit 256K x 8 OTP EPROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

27C020 Datasheet(HTML) 3 Page - ATMEL Corporation

  27C020 Datasheet HTML 1Page - ATMEL Corporation 27C020 Datasheet HTML 2Page - ATMEL Corporation 27C020 Datasheet HTML 3Page - ATMEL Corporation 27C020 Datasheet HTML 4Page - ATMEL Corporation 27C020 Datasheet HTML 5Page - ATMEL Corporation 27C020 Datasheet HTML 6Page - ATMEL Corporation 27C020 Datasheet HTML 7Page - ATMEL Corporation 27C020 Datasheet HTML 8Page - ATMEL Corporation 27C020 Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AT27C020
3
Absolute Maximum Ratings*
Temperature Under Bias.......................-55°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent
damage to the device. This is a stress rating
only and functional operation of the device at
these or any other conditions beyond those
indicated in the operational sections of this
specification is not implied. Exposure to abso-
lute maximum rating conditions for extended
periods may affect device reliability.
Note:
1.
Minimum voltage is -0.6V DC which may
undershoot to -2.0V for pulses of less than 20
ns. Maximum output pin voltage is VCC +
0.75V DC which may overshoot to +7.0V for
pulses of less than 20 ns.
Storage Temperature............................-65°C to +150°C
Voltage on Any Pin with
Respect to Ground ............................... -2.0V to +7.0V
(1)
Voltage on A9 with
Respect to Ground ............................ -2.0V to +14.0V(1)
V
PP Supply Voltage with
Respect to Ground ............................. -2.0V to +14.0V(1)
Operating Modes
Notes:
1. X can be V
IL or VIH.
2. Refer to Programming Characteristics.
3. V
H = 12.0 ± 0.5V.
4. Two identifier bytes may be selected. All Ai inputs are held low (V
IL), except A9 which is set to VH and A0 which is toggled
low (V
IL) to select the Manufacturer’s Identification byte and high (VIH) to select the Device Code byte.
Mode/Pin
CE
OE
PGM
Ai
V
PP
Outputs
Read
V
IL
V
IL
X(1)
Ai
X
D
OUT
Output Disable
X
V
IH
XXX
High Z
Standby
V
IH
X
XXX
High Z
Rapid Program(2)
V
IL
V
IH
V
IL
Ai
V
PP
D
IN
PGM Verify
V
IL
V
IL
V
IH
Ai
V
PP
D
OUT
PGM Inhibit
V
IH
XX
X
V
PP
High Z
Product Identification
(4)
VIL
VIL
X
A9 = V
H
(3)
A0 = VIH or VIL
A1 - A17 = V
IL
X
Identification Code


Similar Part No. - 27C020

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
27C020 AMD-27C020 Datasheet
172Kb / 12P
   2 Megabit (256 K x 8-Bit) CMOS EPROM
More results

Similar Description - 27C020

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C020 ATMEL-AT27C020_07 Datasheet
373Kb / 14P
   2-megabit (256K x 8) OTP EPROM
AT27LV020A ATMEL-AT27LV020A Datasheet
220Kb / 9P
   2 Megabit 256K x 8 Low Voltage OTP EPROM
AT27LV020A ATMEL-AT27LV020A_07 Datasheet
377Kb / 15P
   2-Megabit (256K x 8) Low Voltage OTP EPROM
AT27C4096 ATMEL-AT27C4096 Datasheet
254Kb / 9P
   4-Megabit 256K x 16 OTP EPROM
AT27C4096 ATMEL-AT27C4096_07 Datasheet
360Kb / 14P
   4-Megabit (256K x 16) OTP EPROM
AT27C400 ATMEL-AT27C400 Datasheet
184Kb / 10P
   4-Megabit 256K x 16 or 512K x 8 OTP EPROM
AT27BV020 ATMEL-AT27BV020_07 Datasheet
385Kb / 15P
   2-megabit (256K x 8) Unregulated Battery-Voltage High-speed OTP EPROM
AT27BV020 ATMEL-AT27BV020 Datasheet
215Kb / 10P
   2-Megabit 256K x 8 Unregulated Battery-Voltage High Speed OTP EPROM
logo
AMIC Technology
A27020 AMICC-A27020_15 Datasheet
138Kb / 14P
   256K X 8 OTP CMOS EPROM
logo
ATMEL Corporation
AT27C256R ATMEL-AT27C256R_07 Datasheet
415Kb / 15P
   256K (32K x 8) OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com