Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT27C040-15PI Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT27C040-15PI
Description  4-Megabit 512K x 8 OTP EPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C040-15PI Datasheet(HTML) 1 Page - ATMEL Corporation

  AT27C040-15PI Datasheet HTML 1Page - ATMEL Corporation AT27C040-15PI Datasheet HTML 2Page - ATMEL Corporation AT27C040-15PI Datasheet HTML 3Page - ATMEL Corporation AT27C040-15PI Datasheet HTML 4Page - ATMEL Corporation AT27C040-15PI Datasheet HTML 5Page - ATMEL Corporation AT27C040-15PI Datasheet HTML 6Page - ATMEL Corporation AT27C040-15PI Datasheet HTML 7Page - ATMEL Corporation AT27C040-15PI Datasheet HTML 8Page - ATMEL Corporation AT27C040-15PI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
0189F–EPROM–4/03
Features
Fast Read Access Time – 70 ns
Low Power CMOS Operation
–100 µA Max Standby
– 30 mA Max Active at 5 MHz
JEDEC Standard Packages
– 32-lead, 600-mil PDIP
– 32-lead PLCC
– 32-lead TSOP
5V
± 10% Supply
High Reliability CMOS Technology
– 2000V ESD Protection
– 200 mA Latchup Immunity
Rapid™ Programming Algorithm – 100 µs/Byte (Typical)
CMOS and TTL Compatible Inputs and Outputs
Integrated Product Identification Code
Commercial and Industrial Temperature Ranges
Description
The AT27C040 chip is a low-power, high-performance, 4,194,304-bit one-time pro-
grammable read-only memory (OTP EPROM) organized as 512K by 8 bits. The
AT27C040 requires only one 5V power supply in normal read mode operation. Any
byte can be accessed in less than 70 ns, eliminating the need for speed reducing
WAIT states on high-performance microprocessor systems.
4-Megabit
(512K x 8)
OTP EPROM
AT27C040
PDIP Top View
Pin Configurations
Pin Name
Function
A0 - A18
Addresses
O0 - O7
Outputs
CE
Chip Enable
OE
Output Enable
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
VPP
A16
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
O0
O1
O2
GND
VCC
A18
A17
A14
A13
A8
A9
A11
OE
A10
CE
07
06
05
04
03
TSOP Top View
PLCC Top View
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
A11
A9
A8
A13
A14
A17
A18
VCC
VPP
A16
A15
A12
A7
A6
A5
A4
OE
A10
CE
07
06
05
04
03
GND
02
01
O0
A0
A1
A2
A3
5
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
21
A7
A6
A5
A4
A3
A2
A1
A0
O0
A14
A13
A8
A9
A11
OE
A10
CE
07


Similar Part No. - AT27C040-15PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C040-70JI ATMEL-AT27C040-70JI Datasheet
354Kb / 14P
   4-Megabit
AT27C040-70JI ATMEL-AT27C040-70JI Datasheet
306Kb / 14P
   4-Megabit (512K x 8) otp eprom
AT27C040-70JU ATMEL-AT27C040-70JU Datasheet
306Kb / 14P
   4-Megabit (512K x 8) otp eprom
AT27C040-70PI ATMEL-AT27C040-70PI Datasheet
354Kb / 14P
   4-Megabit
AT27C040-70PI ATMEL-AT27C040-70PI Datasheet
306Kb / 14P
   4-Megabit (512K x 8) otp eprom
More results

Similar Description - AT27C040-15PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
97314 ATMEL-97314 Datasheet
306Kb / 14P
   4-Megabit (512K x 8) otp eprom
AT27LV040A ATMEL-AT27LV040A_07 Datasheet
380Kb / 15P
   4-Megabit (512K x 8) Low Voltage OTP EPROM
AT27LV040A ATMEL-AT27LV040A Datasheet
226Kb / 9P
   4 Megabit 512K x 8 Low Voltage OTP CMOS EPROM
AT27C400 ATMEL-AT27C400 Datasheet
184Kb / 10P
   4-Megabit 256K x 16 or 512K x 8 OTP EPROM
AT27BV040 ATMEL-AT27BV040 Datasheet
374Kb / 15P
   4-Megabit (512K x 8) Unregulated Battery-Voltage High-Speed OTP EPROM
AT27C512R ATMEL-AT27C512R_07 Datasheet
406Kb / 15P
   512K (64K x 8) OTP EPROM
AT27C040-90PU ATMEL-AT27C040-90PU Datasheet
548Kb / 13P
   4Mb (512K x 8) OTP, EPROM
AT27C080 ATMEL-AT27C080_07 Datasheet
352Kb / 14P
   8-Megabit (1M x 8) OTP EPROM
AT27BV040 ATMEL-AT27BV040 Datasheet
205Kb / 9P
   4 Megabit 512K x 8 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
AT27C020 ATMEL-AT27C020_07 Datasheet
373Kb / 14P
   2-megabit (256K x 8) OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com