Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAT1554-2015CPB102 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # PAT1554-2015CPB102
Description  Low Profi le Slide Potentiometer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PAT1554-2015CPB102 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  PAT1554-2015CPB102 Datasheet HTML 1Page - Bourns Electronic Solutions PAT1554-2015CPB102 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
PTA Series - Low Profile Slide Potentiometer
Product Dimensions
DIMENSIONS:
MM
(INCHES)
2
13
SCHEMATIC
SINGLE GANG
2
2
13
13
SCHEMATIC
DUAL GANG
REV. 01/14
Single Gang Dimensions
Model
A
B
C
D
E
Travel
PTA1543
30
(3.18)
26
(1.02)
17.8
(.700)
20.2
(.795)
28.5
(1.12)
15
(.59)
PTA2043
35
(1.37)
31
(1.22)
22.8
(.897)
25.2
(.992)
33
(1.29)
20
(.787)
PTA3043
45
(1.77)
41
(1.61)
32.8
(1.29)
35.2
(1.38)
43.5
(1.71)
30
(1.18)
PTA4543
60
(2.36)
56
(2.20)
47.8
(1.88)
50.2
(1.97)
58.5
(2.30)
45
(1.77)
PTA6043
75
(2.95)
71
(2.79)
62.8
(2.47)
65.2
(2.56)
73.5
(2.89)
60
(2.36)
Dual Gang Dimensions
Model
A
B
C
D
E
F
Travel
PTA1544
30
(3.18)
26
(1.02)
17.8
(.700)
20.2
(.795)
28.5
(1.12)
18
(.708)
15
(.59)
PTA2044
35
(1.37)
31
(1.22)
22.8
(.897)
25.2
(.992)
33
(1.29)
23
(.905)
20
(.787)
PTA3044
45
(1.77)
41
(1.61)
32.8
(1.29)
35.2
(1.38)
43.5
(1.71)
33
(1.29)
30
(1.18)
PTA4544
60
(2.36)
56
(2.20)
47.8
(1.88)
50.2
(1.97)
58.5
(2.30)
48
(1.88)
45
(1.77)
PTA6044
75
(2.95)
71
(2.79)
62.8
(2.47)
65.2
(2.56)
73.5
(2.89)
63
(2.48)
60
(2.36)
E
D
C
3
1
2
TRAVEL
C
D
E
B
A
PTAxx43
9.0
(.354)
6.5
(.255)
5.5
(.216)
3.0
(.118)
3.5
(.137)
0.5
(.019)
1.5 ± 0.3
(.059 ± .012)
4 PLCS.
8.4
(.330)
3.5
(.137)
1.7
(.067)
DIA.
4 PLCS.
MIN.
MIN.
1.2
(.047)
DIA.
3 PLCS.
M2 x
2 PLCS.
0.4
(.016)
E
D
F
C
1
PTAxx44
1
2
2
3
3
TRAVEL
C
D
E
B
A
9.0
(.354)
6.5
(.255)
5.5
(.216)
3.0
(.118)
3.5
(.137)
0.5
(.019)
1.7
(.067)
DIA.
4 PLCS.
1.2
(.047)
DIA.
6 PLCS.
8.4
(.330)
3.5
(.137)
2.0
(.078)
1.2
(.047)
MIN.
MIN.
M2 x
2 PLCS.
0.4
(.016)
Applications
Audio/TV sets
Car radio
Amplifiers/mixers/drum machines/synthesizers
PCs/monitors
Appliances


Similar Part No. - PAT1554-2015CPB102

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PAT15012 NIEC-PAT15012 Datasheet
248Kb / 4P
   150A Avg 1200~1600 Volts
PAT15012 NIEC-PAT15012 Datasheet
261Kb / 5P
   THYRISTOR MODULE
PAT15016 NIEC-PAT15016 Datasheet
248Kb / 4P
   150A Avg 1200~1600 Volts
PAT15016 NIEC-PAT15016 Datasheet
261Kb / 5P
   THYRISTOR MODULE
logo
Kyocera Kinseki Corpota...
PAT15016 KSS-PAT15016 Datasheet
970Kb / 3P
   Thyristor
More results

Similar Description - PAT1554-2015CPB102

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PTB0143-2010BPA102 BOURNS-PTB0143-2010BPA102 Datasheet
320Kb / 2P
   Low Profi le Slide Potentiometer
PTE45-152A-103B2 BOURNS-PTE45-152A-103B2 Datasheet
286Kb / 3P
   PTE Series Low Profi le Slide Potentiometer
PTA6043-2015DPB103 BOURNS-PTA6043-2015DPB103 Datasheet
373Kb / 2P
   PTA Series - Low Profi le Slide Potentiometer
PEC11L BOURNS-PEC11L_13 Datasheet
220Kb / 2P
   11 mm Low Profi le Encoder
logo
Power System Technology
FAB0502019 PST-FAB0502019 Datasheet
237Kb / 3P
   Chassis mounting applications, low profi le
logo
TDK Electronics
SWS600L TDK-SWS600L Datasheet
397Kb / 2P
   Single Output Low Profi le Power Supplies
logo
Cornell Dubilier Electr...
944U CDE-944U Datasheet
267Kb / 4P
   High Current, Low Profi le for Inverter Applications
logo
Bourns Electronic Solut...
4310R-102-332 BOURNS-4310R-102-332 Datasheet
208Kb / 2P
   Low profi le provides compatibility with DIPs
logo
Visual Communications C...
LPCM VCC-LPCM Datasheet
1Mb / 1P
   Low Profi le, Panel Flush Light Pipe
logo
Panasonic Semiconductor
ELT5KT220L PANASONIC-ELT5KT220L Datasheet
92Kb / 2P
   Voltage Step-up Coils High inductance, low profi le choke coil Low profi le (H=1.2 mm max.)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com