Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NOIS1SM1000A-HWC Datasheet(PDF) 4 Page - ON Semiconductor

Part # NOIS1SM1000A-HWC
Description  STAR1000 1M Pixel Radiation Hard CMOS
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NOIS1SM1000A-HWC Datasheet(HTML) 4 Page - ON Semiconductor

  NOIS1SM1000A-HWC Datasheet HTML 1Page - ON Semiconductor NOIS1SM1000A-HWC Datasheet HTML 2Page - ON Semiconductor NOIS1SM1000A-HWC Datasheet HTML 3Page - ON Semiconductor NOIS1SM1000A-HWC Datasheet HTML 4Page - ON Semiconductor NOIS1SM1000A-HWC Datasheet HTML 5Page - ON Semiconductor NOIS1SM1000A-HWC Datasheet HTML 6Page - ON Semiconductor NOIS1SM1000A-HWC Datasheet HTML 7Page - ON Semiconductor NOIS1SM1000A-HWC Datasheet HTML 8Page - ON Semiconductor NOIS1SM1000A-HWC Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
NOIS1SM1000S, NOIS1SM1000A
http://onsemi.com
4
APPLICABLE DOCUMENTS
The following documents form part of this specification and shall be read in conjunction with it:
No.
Reference
Title
Issue
Date
AD01
ESCC Generic Specification 9020
Charge Coupled Devices, Silicon, Photosensitive
2.0
March 2010
AD02
CISP spec# 001-06225
Electro-optical test methods for CMOS image
sensors
E
October, 2008
AD03
JESD22-A114-B
Electrostatic Discharge (ESD) Sensitivity Testing
Human Body Model (HBM)
B
June, 2000
AD04
APS-FF-SC-03-010
Process Identification Document
3.0
AD05
CISP spec# 001-49283
Visual Inspection for FM devices
1
January, 2008
NOTE: CISP # − CMOS Image Sensor Products, ON Semiconductor
TERMS, DEFINITIONS ABBREVIATIONS, SYMBOLS AND UNITS
For the purpose of this specification, the terms,
definitions, abbreviations, symbols and units specified in
ESCC basic Specification 21300 shall apply.
The following formulas are applicable to convert %Vsat
and mV/s into e- and e-/s:
FPN[e *] +
FPN[%Vsat]* Vsat
conversion_gain
Dark_signal[e * s] +
Dark_signal[V s]
conversion_gain
DSNU[e *] +
DSNU[%Vsat]* Vsat
conversion_gain
Conversion gain for STAR1000: 11.5 mV/e-


Similar Part No. - NOIS1SM1000A-HWC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOIS1SM0250A ONSEMI-NOIS1SM0250A Datasheet
474Kb / 25P
   Radiation Tolerant CMOS Image Sensor
January, 2014 ??Rev. 10
NOIS1SM0250A ONSEMI-NOIS1SM0250A Datasheet
453Kb / 24P
   Pixel Radiation Tolerant CMOS Image Sensor
January, 2017 ??Rev. 11
NOIS1SM0250A-HHC ONSEMI-NOIS1SM0250A-HHC Datasheet
474Kb / 25P
   Radiation Tolerant CMOS Image Sensor
January, 2014 ??Rev. 10
NOIS1SM0250A-HHC ONSEMI-NOIS1SM0250A-HHC Datasheet
453Kb / 24P
   Pixel Radiation Tolerant CMOS Image Sensor
January, 2017 ??Rev. 11
NOIS1SM0250A-WWC ONSEMI-NOIS1SM0250A-WWC Datasheet
474Kb / 25P
   Radiation Tolerant CMOS Image Sensor
January, 2014 ??Rev. 10
More results

Similar Description - NOIS1SM1000A-HWC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
STAR1000 CYPRESS-STAR1000_09 Datasheet
1Mb / 21P
   1M Pixel Radiation Hard CMOS Image Sensor
STAR1000 CYPRESS-STAR1000_11 Datasheet
1,009Kb / 24P
   1M Pixel Radiation Hard CMOS Image Sensor
CYIS1SM1000AA-HQC CYPRESS-CYIS1SM1000AA-HQC Datasheet
634Kb / 21P
   1M Pixel Radiation Hard CMOS Image Sensor
CYIS1SM0250-AA CYPRESS-CYIS1SM0250-AA Datasheet
469Kb / 24P
   250K Pixel Radiation Hard CMOS Image Sensor
CYIS1SM0250-AA CYPRESS-CYIS1SM0250-AA_09 Datasheet
797Kb / 21P
   CYIS1SM0250-AA STAR250 250K Pixel Radiation Hard CMOS Image Sensor
logo
ON Semiconductor
NOIS1SM0250A ONSEMI-NOIS1SM0250A_17 Datasheet
453Kb / 24P
   Pixel Radiation Tolerant CMOS Image Sensor
January, 2017 ??Rev. 11
logo
List of Unclassifed Man...
MA2909 ETC1-MA2909 Datasheet
133Kb / 13P
   RADIATION HARD MICROPROGRAM SEQUENCER
MA2910 ETC1-MA2910 Datasheet
201Kb / 16P
   RADIATION HARD MICROPROGRAM CONTROLLER
logo
Dynex Semiconductor
MA7001 DYNEX-MA7001 Datasheet
144Kb / 15P
   Radiation Hard 512x9 Bit FIFO
MA28151 DYNEX-MA28151 Datasheet
186Kb / 22P
   Radiation hard Programmable Communication Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com