Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT28HC256-70JC Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT28HC256-70JC
Description  256 32K x 8 High Speed Parallel EEPROMs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28HC256-70JC Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT28HC256-70JC Datasheet HTML 4Page - ATMEL Corporation AT28HC256-70JC Datasheet HTML 5Page - ATMEL Corporation AT28HC256-70JC Datasheet HTML 6Page - ATMEL Corporation AT28HC256-70JC Datasheet HTML 7Page - ATMEL Corporation AT28HC256-70JC Datasheet HTML 8Page - ATMEL Corporation AT28HC256-70JC Datasheet HTML 9Page - ATMEL Corporation AT28HC256-70JC Datasheet HTML 10Page - ATMEL Corporation AT28HC256-70JC Datasheet HTML 11Page - ATMEL Corporation AT28HC256-70JC Datasheet HTML 12Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Notes: 1. These parameters are characterized and not 100% tested.
Symbol
Parameter
Min
Typ
Max
Units
tDH
Data Hold Time
10
ns
tOEH
OE Hold Time
10
ns
tOE
OE to Output Delay (2)
ns
tOEHP
OE High Pulse
150
ns
tWR
Write Recovery Time
0
ns
Notes: 1. These parameters are characterized and not 100% tested.
Toggle Bit Characteristics
(1)
2. See AC Read Characteristics.
Symbol
Parameter
Min
Typ
Max
Units
tDH
Data Hold Time
0
ns
tOEH
OE Hold Time
0
ns
tOE
OE to Output Delay (2)
ns
tWR
Write Recovery Time
0
ns
Data Polling Characteristics
(1)
2. See AC Read Characteristics.
Toggle Bit Waveforms
Notes: 1. Toggling either OE or CE or both OE and CE will
operate toggle bit.
2. Beginning and ending state of I/O6 will vary
3. Any address location may be used but the
address should not vary.
Data Polling Waveforms
AT28HC256
2-287


Similar Part No. - AT28HC256-70JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28HC256-70JC ATMEL-AT28HC256-70JC Datasheet
728Kb / 12P
   256 32K x 8 High Speed CMOS E2PROM
More results

Similar Description - AT28HC256-70JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28HC256 ATMEL-AT28HC256_08 Datasheet
448Kb / 16P
   256 (32K x 8) High Speed Parallel Parallel
AT28HC256N ATMEL-AT28HC256N Datasheet
230Kb / 13P
   256 (32K x 8) High-speed Parallel EEPROM
AT28BV256 ATMEL-AT28BV256 Datasheet
251Kb / 16P
   256K (32K x 8) Battery-Voltage Parallel EEPROMs
AT28BV256 ATMEL-AT28BV256 Datasheet
307Kb / 18P
   256K (32K x 8) Battery-Voltage Parallel EEPROMs
AT28BV256 ATMEL-AT28BV256_09 Datasheet
301Kb / 17P
   256K (32K x 8) Battery-Voltage Parallel EEPROMs
AT28HC256 ATMEL-AT28HC256 Datasheet
728Kb / 12P
   256 32K x 8 High Speed CMOS E2PROM
logo
Cypress Semiconductor
CY14B256LA CYPRESS-CY14B256LA Datasheet
648Kb / 21P
   256 Kbit (32K x 8) nvSRAM
CY14E256L CYPRESS-CY14E256L_09 Datasheet
1Mb / 18P
   256 Kbit (32K x 8) nvSRAM
logo
ATMEL Corporation
AT16C16 ATMEL-AT16C16 Datasheet
176Kb / 12P
   16K (2K x 8) Parallel EEPROMs
logo
Cypress Semiconductor
CY14E256L CYPRESS-CY14E256L Datasheet
799Kb / 16P
   256-Kbit (32K x 8) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com