Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECL05US48 Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # ECL05US48
Description  530 Watts ECL Series
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

ECL05US48 Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button ECL05US48 Datasheet HTML 2Page - Omron Electronics LLC ECL05US48 Datasheet HTML 3Page - Omron Electronics LLC ECL05US48 Datasheet HTML 4Page - Omron Electronics LLC ECL05US48 Datasheet HTML 5Page - Omron Electronics LLC ECL05US48 Datasheet HTML 6Page - Omron Electronics LLC ECL05US48 Datasheet HTML 7Page - Omron Electronics LLC ECL05US48 Datasheet HTML 8Page - Omron Electronics LLC ECL05US48 Datasheet HTML 9Page - Omron Electronics LLC ECL05US48 Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
6
Features/Applications
■ Feature: Multicore (Flexible) Fibers
A large number of ultrafine cores are all surrounded by
cladding. As a result, the fiber is flexible and can be bent
without significantly reducing the light intensity. This
helps solve problems, such as fiber being broken by get-
ting caught on other objects.
■ Ratings/Characteristics
■ Feature: Flat Models
Flat models, which allow simple attachment and wiring,
have been added to the lineup. Choose the model to suit
the installation space from 3 sensing directions and 2
sizes, standard and small.
■ Ratings/Characteristics
*Depends on the fiber diameter.
■ Feature: Bundle Fibers
The Fiber Units contain a large number of independent
fine fibers, ensuring a high degree of flexibility.
■ Ratings/Characteristics
Standard Models
Flexible (New Standard)
R
Fewer problems
Light intensity affected by bends in fiber
Fiber broken by getting caught on sur-
rounding objects
• Perform wiring without worrying about the bending radius.
• Choose the model to suit the installation space from
a variety of shapes.
Flexible fiber
Conventional fiber
Cladding
Cores
Min. sensing
object
0.005-mm dia.
Min. bending
radius
1 mm
Ambient tem-
perature range −40°C to 70°C (no icing or condensation)
Fiber material Plastic
Standard
Equipped with sleeve
Cylindrical
Screw-shaped
Flat
• Choose the model to suit the installation space
from a variety of shapes.
• New flat models allow space savings and simple
installation.
Min. sensing
object
0.005-mm dia.
Min. bending
radius
10 or 25 mm*
Ambient tem-
perature range −40°C to 70°C (no icing or condensation)
Fiber material Plastic
Break-resistant
B
• Bundle-fiber models can be used for moving parts.
• Capable of withstanding at least one million re-
peated bends (in typical applications).
Min. sensing
object
0.005-mm dia.
Min. bending
radius
4 mm (withstands repeated bending)
Ambient tem-
perature range −40°C to 70°C (no icing or condensation)
Fiber material Plastic


Similar Part No. - ECL05US48

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
ECL05US48 XPPOWER-ECL05US48 Datasheet
450Kb / 6P
   530 Watts ECL Series
ECL05US48 XPPOWER-ECL05US48 Datasheet
449Kb / 6P
   Ultra Compact Size
ECL05US48 XPPOWER-ECL05US48 Datasheet
449Kb / 6P
   Ultra Compact Size
ECL05US48 XPPOWER-ECL05US48 Datasheet
449Kb / 6P
   Ultra Compact Size
ECL05US48 XPPOWER-ECL05US48 Datasheet
1Mb / 6P
   5-30 Watts ECL Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com