Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECL05US05-E Datasheet(PDF) 4 Page - XP Power Limited

Part # ECL05US05-E
Description  Ultra Compact Size
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ECL05US05-E Datasheet(HTML) 4 Page - XP Power Limited

  ECL05US05-E Datasheet HTML 1Page - XP Power Limited ECL05US05-E Datasheet HTML 2Page - XP Power Limited ECL05US05-E Datasheet HTML 3Page - XP Power Limited ECL05US05-E Datasheet HTML 4Page - XP Power Limited ECL05US05-E Datasheet HTML 5Page - XP Power Limited ECL05US05-E Datasheet HTML 6Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Notes
ECL15UD/UT
ACL
Pin1
Pin2
Pin3
Pin4
ACN
Pin5
2.44 (62.0)
2.13 (54.1)
0.155 (3.9)
7-ø0.04 (ø1.0)
7-ø0.07 (ø1.8)
0.15 (3.81)
2.80 (71.1)
3.10 (78.7)
4-ø0.13 (ø3.20)
ACN
Pin5
Pin4
Pin3
Pin2
Pin1
ACL
NP
2.56 (65.0)
0.54 (13.7)
0.25 (6.3)
0.54 (13.7)
4-ø0.04 (ø1.0)
0.21 (5.4)
2.13 (54.1)
ACN
ACL
Pin1
Pin4
Pin2
Pin3
Pin5
C1
Top View
1.03 (26.3)
0.39 (10.0)
Optional
DIN clip
0.18 (4.6)
0.18 (4.5)
2.56 (65.1)
0.10 (2.5)
0.10 (2.5)
0.10 (2.5)
0.27 (6.8)
2.95 (75.0)
3.31 (84.0)
2-ø0.14 (ø3.5)
Pin5
Pin4
Pin3
Pin2
Pin1
ACN
ACL
Top View
Mechanical Details
Open Frame
PCB Mount (P)
Open Frame
Chassis Mount (T)
Encapsulated (E)
Screw Terminal (S)
Models and Ratings
Output Power
Output 1
Output 2
Output 3
Efficiency
Model
Number(3,4)
Voltage
Current(2)
Voltage
Current(2)
Voltage
Current(2)
15 W
+12.0 V
0.65 A
-12.0 V
0.650 A
82%
ECL15UD01
15 W
+15.0 V
0.50 A
-15.0 V
0.500 A
82%
ECL15UD02
15 W
5.0 V(1)
1.50 A
12.0 V(1)
0.625 A
81%
ECL15UD03
15 W
5.0 V(1)
2.00 A
+12.0 V
0.200 A
-12.0 V
0.200 A
81%
ECL15UT02
15 W
5.0 V(1)
2.00 A
+15.0 V
0.150 A
-15.0 V
0.150 A
81%
ECL15UT03
Pin
UD01/02
UD03
UT02/03
1
V2
NP
V3
2
NP
V2 RTN
COM
3
COM
V2
V2
4
V1
V1
V1
5
NP
V1 RTN
V1 RTN
Pin
UD01/02
UD03
UT02/03
1
V2
NC
V3
2
COM
V2 RTN
COM
3
COM
V2
V2
4
COM
V1
V1
5
V1
V1 RTN
V1 RTN
Pin
UD01/02
UD03
UT02/03
1
V2
NP
V3
2
NP
V2 RTN
COM
3
COM
V2
V2
4
V1
V1
V1
5
NP
V1 RTN
V1 RTN
Pin
UD01/02
UD03
UT02/03
1
V2
NC
V3
2
COM
V2 RTN
COM
3
COM
V2
V2
4
COM
+V1
V1
5
V1
V1 RTN
V1 RTN
1. Isolated output
2. Peak load of 130% lasting <30 s with a maximum duty cycle of 10%, average
output power not to exceed nominal.
3. Add suffix to model number to define type: add ‘-P’ for PCB mount, add ‘-T’
for chassis mount, add ‘-E’ for encapsulated, add ‘-S’ for screw terminals.
4. A screw terminal version (-S) is available with DIN clip attached, add suffix ‘D’
e.g. ECL15UT02-SD, DIN rail mounting kit is available as a separate item, order
code ECL15 DIN CLIP.
5. UD01/UD02: Load regulation <3%, 10-100% load.
Cross regulation <3%, one output fixed, the other varied from
10-100% load
UD03:
Load regulation <1% V1, <10% V2
Cross regulation <10% V2, V1 varied from 10-100% load
UT02/UT03: Load regulation <1% V1, <10% V2 & V3
Cross regulation <10% V2 & V3, V2 & V3 at 50% load & V1
varied from 20-100% load
1. All dimensions in inches (mm).
2. Tolerances: x.xx = ± 0.02 (x.x = ± 0.5)
x.xxx = ± 0.01 (x.xx = ± 0.25)
3. Weight: ECL15 UD/UT: P Version: 0.09 lbs (40 g)
T Version: 0.09 lbs (40 g)
E Version: 0.21 lbs(95 g)
S Version: 0.26 lbs (120 g)
Mating Connectors (-T version only)
Input Connector: JST PHR-3
Output Connector: JST XHP-5
Notes
NP = No pin.
NC = No connection.
NC = No connection.
NP = No pin.


Similar Part No. - ECL05US05-E

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
ECL05US05 XPPOWER-ECL05US05 Datasheet
450Kb / 6P
   530 Watts ECL Series
logo
Omron Electronics LLC
ECL05US05 OMRON-ECL05US05 Datasheet
3Mb / 31P
   530 Watts ECL Series
logo
XP Power Limited
ECL05US05 XPPOWER-ECL05US05 Datasheet
449Kb / 6P
   Ultra Compact Size
ECL05US05 XPPOWER-ECL05US05 Datasheet
449Kb / 6P
   Ultra Compact Size
ECL05US05 XPPOWER-ECL05US05 Datasheet
1Mb / 6P
   5-30 Watts ECL Series
More results

Similar Description - ECL05US05-E

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
ECL15US24-E XPPOWER-ECL15US24-E Datasheet
449Kb / 6P
   Ultra Compact Size
ECL10US05-P XPPOWER-ECL10US05-P Datasheet
449Kb / 6P
   Ultra Compact Size
logo
Rohm
SML-P11VT ROHM-SML-P11VT Datasheet
278Kb / 11P
   Ultra compact, thin size
SML-P12VT ROHM-SML-P12VT Datasheet
447Kb / 12P
   Ultra compact, thin size
SML-P12DTT86 ROHM-SML-P12DTT86 Datasheet
919Kb / 11P
   Ultra compact, thin size 1.0x0.6mm
logo
WALSIN TECHNOLOGY CORPO...
WF25A WALSIN-WF25A Datasheet
388Kb / 7P
   Ultra high power rating and compact size
logo
C&K Components
KMS221GLFS CK-COMPONENTS-KMS221GLFS Datasheet
515Kb / 2P
   Compact size
logo
XP Power Limited
ECM XPPOWER-ECM Datasheet
367Kb / 6P
   Compact Size
logo
Surge Components
C46 SURGE-C46 Datasheet
2Mb / 9P
   Compact size
logo
HuaXinAn Electronics CO...
NG8ND HUAXINAN-NG8ND Datasheet
316Kb / 1P
   Compact size
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com