Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT27C516-85 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT27C516-85
Description  512K 32K x 16 OTP CMOS EPROM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C516-85 Datasheet(HTML) 7 Page - ATMEL Corporation

  AT27C516-85 Datasheet HTML 1Page - ATMEL Corporation AT27C516-85 Datasheet HTML 2Page - ATMEL Corporation AT27C516-85 Datasheet HTML 3Page - ATMEL Corporation AT27C516-85 Datasheet HTML 4Page - ATMEL Corporation AT27C516-85 Datasheet HTML 5Page - ATMEL Corporation AT27C516-85 Datasheet HTML 6Page - ATMEL Corporation AT27C516-85 Datasheet HTML 7Page - ATMEL Corporation AT27C516-85 Datasheet HTML 8Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
AC Programming Characteristics
TA = 25
± 5°C, VCC = 6.5 ± 0.25V, VPP = 13.0 ± 0.25V
Sym-
bol
Parameter
Test
Conditions*
(1)
Limit
Units
Min
Max
tAS
Address Setup Time
2
µs
tCES
CE Setup Time
2
µs
tOES
OE Setup Time
2
µs
tDS
Data Setup Time
2
µs
tAH
Address Hold Time
0
µs
tDH
Data Hold Time
2
µs
tDFP
OE High to
Output Float Delay
(2)
0130
ns
tVPS
VPP Setup Time
2
µs
tVCS
VCC Setup Time
2
µs
tPW
PGM Program Pulse Width
(3)
47.5
52.5
µs
tOE
Data Valid from OE
150
ns
tPRT
VPP Pulse Rise Time During
Programming
50
ns
*AC Conditions of Test:
Input Rise and Fall Times (10% to 90%)..............20 ns
Input Pulse Levels...................................0.45V to 2.4V
Input Timing Reference Level...................0.8V to 2.0V
Output Timing Reference Level................0.8V to 2.0V
Notes: 1. VCC must be applied simultaneously or before VPP
and removed simultaneously or after VPP.
2. This parameter is only sampled and is not 100%
tested. Output Float is defined as the point where
data is no longer driven — see timing diagram.
3. Program Pulse width tolerance is 50
µsec ± 5%.
Atmel’s 27C516 Integrated
Product Identification Code
Codes
Pins
Hex
Data
A0 015-08 O7 O6 O5 O4 O3 O2 O1 O0
Manufacturer
0
0
0001111
0 001E
Device Type
1
0
1111001
0
00F2
Rapid Programming Algorithm
A 50
µs PGM pulse width is used to program. The address
is set to the first location. VCC is raised to 6.5V and VPP is
raised to 13.0V. Each address is first programmed with
one 50
µs PGM pulse without verification. Then a verifica-
tion / reprogramming loop is executed for each address.
In the event a word fails to pass verification, up to 10 suc-
cessive 50
µs pulses are applied with a verification after
each pulse. If the word fails to verify after 10 pulses have
been applied, the part is considered failed. After the word
verifies properly, the next address is selected until all have
been checked. VPP is then lowered to 5.0V and VCC to
5.0V. All words are read again and compared with the
original data to determine if the device passes or fails.
AT27C516
3-151


Similar Part No. - AT27C516-85

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C516-45JI ATMEL-AT27C516-45JI Datasheet
353Kb / 13P
   512K (32K x 16) OTP EPROM
AT27C516-45JU ATMEL-AT27C516-45JU Datasheet
353Kb / 13P
   512K (32K x 16) OTP EPROM
AT27C516-45VI ATMEL-AT27C516-45VI Datasheet
353Kb / 13P
   512K (32K x 16) OTP EPROM
AT27C516-70JI ATMEL-AT27C516-70JI Datasheet
353Kb / 13P
   512K (32K x 16) OTP EPROM
AT27C516-70JU ATMEL-AT27C516-70JU Datasheet
353Kb / 13P
   512K (32K x 16) OTP EPROM
More results

Similar Description - AT27C516-85

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C516 ATMEL-AT27C516_08 Datasheet
353Kb / 13P
   512K (32K x 16) OTP EPROM
AT27C256R ATMEL-AT27C256R Datasheet
251Kb / 9P
   256K 32K x 8 OTP CMOS EPROM
AT27C512R ATMEL-AT27C512R Datasheet
249Kb / 9P
   512K 64K x 8 OTP CMOS EPROM
logo
Maxwell Technologies
27C1512T MAXWELL-27C1512T Datasheet
148Kb / 13P
   512Kb (32K x 16-bit) OTP EPROM MCM
logo
ATMEL Corporation
AT27LV256A ATMEL-AT27LV256A Datasheet
221Kb / 9P
   256K 32K x 8 Low Voltage OTP CMOS EPROM
AT27C256R ATMEL-AT27C256R_07 Datasheet
415Kb / 15P
   256K (32K x 8) OTP EPROM
AT27C512R ATMEL-AT27C512R_07 Datasheet
406Kb / 15P
   512K (64K x 8) OTP EPROM
logo
Holtek Semiconductor In...
HT27LC040 HOLTEK-HT27LC040 Datasheet
175Kb / 15P
   CMOS 512K 8-Bit OTP EPROM
logo
ATMEL Corporation
AT27LV512A ATMEL-AT27LV512A Datasheet
220Kb / 9P
   512K 64K x 8 Low Voltage OTP CMOS EPROM
AT27C040-90PU ATMEL-AT27C040-90PU Datasheet
548Kb / 13P
   4Mb (512K x 8) OTP, EPROM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com