Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT28HC256F Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT28HC256F
Description  256 32K x 8 High Speed CMOS E2PROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28HC256F Datasheet(HTML) 3 Page - ATMEL Corporation

  AT28HC256F Datasheet HTML 1Page - ATMEL Corporation AT28HC256F Datasheet HTML 2Page - ATMEL Corporation AT28HC256F Datasheet HTML 3Page - ATMEL Corporation AT28HC256F Datasheet HTML 4Page - ATMEL Corporation AT28HC256F Datasheet HTML 5Page - ATMEL Corporation AT28HC256F Datasheet HTML 6Page - ATMEL Corporation AT28HC256F Datasheet HTML 7Page - ATMEL Corporation AT28HC256F Datasheet HTML 8Page - ATMEL Corporation AT28HC256F Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Device Operation
READ: The AT28HC256 is accessed like a Static RAM.
When CE and OE are low and WE is high, the data stored
at the memory location determined by the address pins is
asserted on the outputs. The outputs are put in the high
impedance state when either CE or OE is high. This dual-
line control gives designers flexibility in preventing bus
contention in their system.
BYTE WRITE: A low pulse on the WE or CE input with CE
or WE low (respectively) and OE high initiates a write cy-
cle. The address is latched on the falling edge of CE or
WE, whichever occurs last. The data is latched by the first
rising edge of CE or WE. Once a byte write has been
started it will automatically time itself to completion. Once
a programming operation has been initiated and for the
duration of tWC, a read operation will effectively be a poll-
ing operation.
PAGE WRITE: The p a g e wr i t e oper ation of the
AT28HC256 allows 1 to 64-bytes of data to be written into
the device during a single internal programming period. A
page write operation is initiated in the same manner as a
byte write; the first byte written can then be followed by 1
to 63 additional bytes. Each successive byte must be writ-
ten within 150
µs (tBLC) of the previous byte. If the tBLC
limit is exceeded the AT28C256 will cease accepting data
and commence the internal programming operation. All
bytes during a page write operation must reside on the
same page as defined by the state of the A6 - A14 inputs.
That is, for each WE high to low transition during the page
write operation, A6 - A14 must be the same.
The A0 to A5 inputs are used to specify which bytes within
the page are to be written. The bytes may be loaded in any
order and may be altered within the same load period.
Only bytes which are specified for writing will be written;
unnecessary cycling of other bytes within the page does
not occur.
DATA POLLING: The AT28HC256 features DATA Polling
to indicate the end of a write cycle. During a byte or page
write cycle an attempted read of the last byte written will
result in the complement of the written data to be pre-
sented on I/O7. Once the write cycle has been completed,
true data is valid on all outputs, and the next write cycle
may begin. DATA Polling may begin at anytime during the
write cycle.
TOGGLE BIT: I n ad di ti on t o DATA P o ll in g th e
AT28HC256 provides another method for determining the
end of a write cycle. During the write operation, succes-
sive attempts to read data from the device will result in
I/O6 toggling between one and zero. Once the write has
completed, I/O6 will stop toggling and valid data will be
read. Testing the toggle bit may begin at any time during
the write cycle.
(continued)
DATA PROTECTION: If precautions are not taken, inad-
vertent writes to any 5-volt-only nonvolatile memory may
occur during transition of the host system power supply.
Atmel has incorporated both hardware and software fea-
tures that will protect the memory against inadvertent
writes.
HARDWARE PROTECTION: Hardware features protect
against inadvertent writes to the AT28HC256 in the follow-
ing ways: (a) VCC sense - if VCC is below 3.8V (typical) the
write function is inhibited; (b) VCC power-on delay - once
VCC has reached 3.8V the device will automatically time
out 5 ms typical) before allowing a write: (c) write inhibit -
holding any one of OE low, CE high or WE high inhibits
write cycles; (d) noise filter - pulses of less than 15 ns (typi-
cal) on the WE or CE inputs will not initiate a write cycle.
SOFTWARE DATA PROTECTION: A software controlled
data protection feature has been implemented on the
AT28HC256. When enabled, the software data protection
(SDP), will prevent inadvertent writes. The SDP feature
may be enabled or disabled by the user; the AT28HC256
is shipped from Atmel with SDP disabled.
SDP is enabled by the host system issuing a series of
three write commands; three specific bytes of data are
written to three specific addresses (refer to Software Data
Protection Algorithm). After writing the 3-byte command
sequence and after tWC the entire AT28HC256 will be pro-
tected against inadvertent write operations. It should be
noted, that once protected the host may still perform a
byte or page write to the AT28HC256. This is done by pre-
ceding the data to be written by the same 3-byte command
sequence.
Once set, SDP will remain active unless the disable com-
mand sequence is issued. Power transitions do not dis-
able SDP and SDP will protect the AT28HC256 during
power-up and power-down conditions. All command se-
quences must conform to the page write timing specifica-
tions. It should also be noted that the data in the enable
and disable command sequences is not written to the de-
vice and the memory addresses used in the sequence
may be written with data in either a byte or page write op-
eration.
After setting SDP, any attempt to write to the device with-
out the three byte command sequence will start the inter-
nal write timers. No data will be written to the device; how-
ever, for the duration of tWC, read operations will effec-
tively be polling operations.
AT28HC256
2-281


Similar Part No. - AT28HC256F

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28HC256F ATMEL-AT28HC256F Datasheet
445Kb / 12P
   256 32K x 8 High Speed Parallel EEPROMs
AT28HC256F-12DM/883 ATMEL-AT28HC256F-12DM/883 Datasheet
445Kb / 12P
   256 32K x 8 High Speed Parallel EEPROMs
AT28HC256F-12FM/883 ATMEL-AT28HC256F-12FM/883 Datasheet
445Kb / 12P
   256 32K x 8 High Speed Parallel EEPROMs
AT28HC256F-12JC ATMEL-AT28HC256F-12JC Datasheet
445Kb / 12P
   256 32K x 8 High Speed Parallel EEPROMs
AT28HC256F-12JI ATMEL-AT28HC256F-12JI Datasheet
445Kb / 12P
   256 32K x 8 High Speed Parallel EEPROMs
More results

Similar Description - AT28HC256F

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C256 ATMEL-AT28C256 Datasheet
762Kb / 14P
   256K 32K x 8 Paged CMOS E2PROM
AT28HC256N ATMEL-AT28HC256N Datasheet
230Kb / 13P
   256 (32K x 8) High-speed Parallel EEPROM
AT28HC256 ATMEL-AT28HC256_08 Datasheet
448Kb / 16P
   256 (32K x 8) High Speed Parallel Parallel
AT28HC256 ATMEL-AT28HC256 Datasheet
445Kb / 12P
   256 32K x 8 High Speed Parallel EEPROMs
AT28LV256 ATMEL-AT28LV256 Datasheet
602Kb / 10P
   256K 32K x 8 Low Voltage CMOS E2PROM
logo
STMicroelectronics
WS57C256F STMICROELECTRONICS-WS57C256F Datasheet
49Kb / 5P
   HIGH SPEED 32K x 8 CMOS EPROM
logo
Integrated Circuit Solu...
IC61C256AH ICSI-IC61C256AH Datasheet
97Kb / 9P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
UT61256 ETC-UT61256 Datasheet
185Kb / 10P
   32K X 8 BIT HIGH SPEED CMOS SRAM
logo
Pyramid Semiconductor C...
P4C1256 PYRAMID-P4C1256 Datasheet
170Kb / 17P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
logo
Lyontek Inc.
LY61L256 LYONTEK-LY61L256_17 Datasheet
852Kb / 14P
   32K X 8 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com