Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTMFS4C09N Datasheet(PDF) 5 Page - ON Semiconductor

Part # NTMFS4C09N
Description  Power MOSFET 30 V, 52 A, Single N?묬hannel, SO?? FL
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFS4C09N Datasheet(HTML) 5 Page - ON Semiconductor

  NTMFS4C09N Datasheet HTML 1Page - ON Semiconductor NTMFS4C09N Datasheet HTML 2Page - ON Semiconductor NTMFS4C09N Datasheet HTML 3Page - ON Semiconductor NTMFS4C09N Datasheet HTML 4Page - ON Semiconductor NTMFS4C09N Datasheet HTML 5Page - ON Semiconductor NTMFS4C09N Datasheet HTML 6Page - ON Semiconductor NTMFS4C09N Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
NTMFS4C09N
http://onsemi.com
5
TYPICAL CHARACTERISTICS
QT
Figure 7. Gate−to−Source and
Drain−to−Source Voltage vs. Total Charge
QG, TOTAL GATE CHARGE (nC)
22
20
16
12
10
4
2
0
0
2
4
6
8
10
Figure 8. Resistive Switching Time Variation
vs. Gate Resistance
Figure 9. Diode Forward Voltage vs. Current
RG, GATE RESISTANCE (W)
VSD, SOURCE−TO−DRAIN VOLTAGE (V)
100
10
1
1
10
100
1000
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0
2
6
8
12
14
18
20
VGS = 10 V
VDD = 15 V
ID = 30 A
TJ = 25°C
QGS
QGD
6
8
14
18
24
VGS = 10 V
VDD = 15 V
ID = 15 A
td(off)
td(on)
tf
tr
TJ = 25°C
VGS = 0 V
TJ = 125°C
4
10
16
Figure 10. Maximum Rated Forward Biased
Safe Operating Area
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
100
10
1
0.1
0.01
0.01
0.1
1
10
100
1000
0 V < VGS < 10 V
RDS(on) Limit
Thermal Limit
Package Limit
10 ms
100 ms
1 ms
10 ms
dc
Figure 11. Maximum Avalanche Energy vs.
Starting Junction Temperature
TJ, STARTING JUNCTION TEMPERATURE (°C)
150
125
100
75
50
25
0
2
6
8
10
16
18
20
Figure 12. GFS vs. ID
ID (A)
25
20
15
30
10
5
0
0
10
40
50
70
ID = 20 A
4
12
50
45
40
35
20
30
60
80
14


Similar Part No. - NTMFS4C09N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4C09N ONSEMI-NTMFS4C09N Datasheet
94Kb / 7P
   Power MOSFET
November, 2015 ??Rev. 5
NTMFS4C09NT1G ONSEMI-NTMFS4C09NT1G Datasheet
94Kb / 7P
   Power MOSFET
November, 2015 ??Rev. 5
NTMFS4C09NT3G ONSEMI-NTMFS4C09NT3G Datasheet
94Kb / 7P
   Power MOSFET
November, 2015 ??Rev. 5
More results

Similar Description - NTMFS4C09N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4C08NT1G ONSEMI-NTMFS4C08NT1G Datasheet
129Kb / 7P
   Power MOSFET 30 V, 52 A, Single N?묬hannel, SO?? FL
March, 2013 ??Rev. 1
NTMFS4823N ONSEMI-NTMFS4823N Datasheet
141Kb / 6P
   Power MOSFET 30 V, 30 A, Single N?묬hannel, SO?? FL
January, 2010 ??Rev. 2
NTMFS4849N ONSEMI-NTMFS4849N_10 Datasheet
143Kb / 6P
   Power MOSFET 30 V, 71 A, Single N?묬hannel, SO??FL
May, 2010 ??Rev. 2
NTMFS4852N ONSEMI-NTMFS4852N Datasheet
141Kb / 7P
   Power MOSFET 30 V, 155 A, Single N?묬hannel, SO?? FL
July, 2009 ??Rev. P1
NTMFS4925N ONSEMI-NTMFS4925N Datasheet
114Kb / 6P
   Power MOSFET 30 V, 48 A, Single N?묬hannel, SO?? FL
October, 2010 ??Rev. 0
NTMFS4841N ONSEMI-NTMFS4841N Datasheet
151Kb / 7P
   Power MOSFET 30 V, 57 A, Single N?묬hannel, SO??FL
May, 2010 ??Rev. 7
NTMFS4845N ONSEMI-NTMFS4845N Datasheet
143Kb / 6P
   Power MOSFET 30 V, 115 A, Single N?묬hannel, SO??FL
May, 2010 ??Rev. 2
NTMFS4937N ONSEMI-NTMFS4937N Datasheet
148Kb / 7P
   Power MOSFET 30 V, 70 A, Single N?묬hannel, SO?? FL
August, 2009 ??Rev. 1
NTMFS4C05NT1G ONSEMI-NTMFS4C05NT1G Datasheet
123Kb / 7P
   Power MOSFET 30 V, 78 A, Single N?묬hannel, SO?? FL
November, 2013 ??Rev. 3
NTMFS4955NT3G ONSEMI-NTMFS4955NT3G Datasheet
123Kb / 7P
   Power MOSFET 30 V, 48 A, Single N?묬hannel, SO?? FL
March, 2013 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com