Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECL10US15 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # ECL10US15
Description  530 Watts ECL Series
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

ECL10US15 Datasheet(HTML) 4 Page - Omron Electronics LLC

  ECL10US15 Datasheet HTML 1Page - Omron Electronics LLC ECL10US15 Datasheet HTML 2Page - Omron Electronics LLC ECL10US15 Datasheet HTML 3Page - Omron Electronics LLC ECL10US15 Datasheet HTML 4Page - Omron Electronics LLC ECL10US15 Datasheet HTML 5Page - Omron Electronics LLC ECL10US15 Datasheet HTML 6Page - Omron Electronics LLC ECL10US15 Datasheet HTML 7Page - Omron Electronics LLC ECL10US15 Datasheet HTML 8Page - Omron Electronics LLC ECL10US15 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
4
Selection Guide
Fiber Units
Amplifier Units
Detection
conditions
Environmental
conditions
Standard environments
Special environments
■ High-temperature environ-
ments (up to 400ºC)
■ Environments subject to scat-
tering of chemicals and oil
■ Vacuum environments
Standard
detection
■ Workpiece presence
■ Positioning
■ Level differences and marks
Standard Models
P.6
Environment-resistive Models
P.14
Special-
beam
■ Long-distance sensing, resistance to
dust and dirt
■ Small beam, resistance to rattling
■ Detection of transparent objects
Special-beam Models
P.10
Application-
corresponding
■ Labels
■ Liquid level
■ Alignment and mapping of glass sub-
strates
■ Wafer mapping
Application-corresponding Models
P.16
Type
Digital
Manual
Appearance
Response
time
48 µs, 1 ms, or 4 ms
(2-output models: 80 µs, 1 ms, or 4 ms)
100
µs, 1 ms, or 4 ms
200 µs
(high-speed models: 20 µs)
Light source Red, green, blue, or infrared LED
Red or green LED
Function
Dual display (including digital, bar, percent, and hold display functions)
Threshold adjustment performed manually or by teaching
OFF-delay, ON-delay, one-shot timer (adjustable from 1 ms to 5 s)
LED bar display (5 levels)
8-turn sensitivity adjuster
OFF delay timer (fixed at 40 ms)
Advanced-function models are
available (2-output/input models).
Water-resistant models are available.
Models
E3X-DA@-S
E3X-DA@TW-S (2-output model)
E3X-DA@RM-S (input model)
E3X-MDA@
E3X-NA@
E3X-NA@F (high-speed model)
E3X-NA@V (water-resistant model)
Fiber Units
Amplifier Units
Workpiece
presence
Positioning
Level
differences
Marks
Workpiece
presence
Positioning
Level
difference
High power
Small spot
Area sensing Retroreflective
sensing
Labels
Liquid level
Alignment
Mapping
2-channel
models
We have developed
model variations for
handling a broad
range of applications.


Similar Part No. - ECL10US15

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
ECL10US15 XPPOWER-ECL10US15 Datasheet
118Kb / 2P
   AC-DC Power Supplies
ECL10US15 XPPOWER-ECL10US15 Datasheet
450Kb / 6P
   530 Watts ECL Series
ECL10US15 XPPOWER-ECL10US15 Datasheet
449Kb / 6P
   Ultra Compact Size
ECL10US15 XPPOWER-ECL10US15 Datasheet
449Kb / 6P
   Ultra Compact Size
ECL10US15 XPPOWER-ECL10US15 Datasheet
449Kb / 6P
   Ultra Compact Size
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com