Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT27C400-15 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT27C400-15
Description  4-Megabit 256K x 16 or 512K x 8 OTP EPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C400-15 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT27C400-15 Datasheet HTML 2Page - ATMEL Corporation AT27C400-15 Datasheet HTML 3Page - ATMEL Corporation AT27C400-15 Datasheet HTML 4Page - ATMEL Corporation AT27C400-15 Datasheet HTML 5Page - ATMEL Corporation AT27C400-15 Datasheet HTML 6Page - ATMEL Corporation AT27C400-15 Datasheet HTML 7Page - ATMEL Corporation AT27C400-15 Datasheet HTML 8Page - ATMEL Corporation AT27C400-15 Datasheet HTML 9Page - ATMEL Corporation AT27C400-15 Datasheet HTML 10Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
AT27C400
9
Rapid Programming Algorithm
A 50
µs CE pulse width is used to program. The address is
set to the first location. VCC is raised to 6.5V and BYTE/VPP
is raised to 13.0V. Each address is first programmed with
one 50
µs CE pulse without verification. Then a verification/
reprogramming loop is executed for each address. In the
event a word fails to pass verification, up to 10 successive
50
µs pulses are applied with a verification after each
pulse. If the word fails to verify after 10 pulses have been
applied, the part is considered failed. After the word verifies
properly, the next address is selected until all have been
checked. VPP is then lowered to 5.0V and VCC to 5.0V. All
words are read again and compared with the original data
to determine if the device passes or fails.


Similar Part No. - AT27C400-15

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C4096 ATMEL-AT27C4096 Datasheet
254Kb / 9P
   4-Megabit 256K x 16 OTP EPROM
AT27C4096 ATMEL-AT27C4096 Datasheet
360Kb / 14P
   4-Megabit (256K x 16) OTP EPROM
AT27C4096 ATMEL-AT27C4096 Datasheet
797Kb / 13P
   Low-power CMOS operation
AT27C4096-12 ATMEL-AT27C4096-12 Datasheet
254Kb / 9P
   4-Megabit 256K x 16 OTP EPROM
AT27C4096-12JC ATMEL-AT27C4096-12JC Datasheet
254Kb / 9P
   4-Megabit 256K x 16 OTP EPROM
More results

Similar Description - AT27C400-15

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C4096 ATMEL-AT27C4096 Datasheet
254Kb / 9P
   4-Megabit 256K x 16 OTP EPROM
AT27C4096 ATMEL-AT27C4096_07 Datasheet
360Kb / 14P
   4-Megabit (256K x 16) OTP EPROM
AT27C040 ATMEL-AT27C040 Datasheet
194Kb / 13P
   4-Megabit 512K x 8 OTP EPROM
97314 ATMEL-97314 Datasheet
306Kb / 14P
   4-Megabit (512K x 8) otp eprom
AT27BV400 ATMEL-AT27BV400 Datasheet
267Kb / 11P
   4-Megabit 256K x 16 or 512K x 8 Unregulated Battery-Voltage High Speed OTP EPROM
AT27C020 ATMEL-AT27C020_07 Datasheet
373Kb / 14P
   2-megabit (256K x 8) OTP EPROM
AT27C020 ATMEL-AT27C020 Datasheet
170Kb / 9P
   2-Megabit 256K x 8 OTP EPROM
AT27LV040A ATMEL-AT27LV040A_07 Datasheet
380Kb / 15P
   4-Megabit (512K x 8) Low Voltage OTP EPROM
AT27BV800 ATMEL-AT27BV800 Datasheet
260Kb / 11P
   8-Megabit 512K x 16 or 1024K x 8 Unregulated Battery-Voltage High Speed OTP EPROM
AT27LV040A ATMEL-AT27LV040A Datasheet
226Kb / 9P
   4 Megabit 512K x 8 Low Voltage OTP CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com