Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJ24FL503 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # RJ24FL503
Description  Square Trimpot Trimming Potentiometer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

RJ24FL503 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  RJ24FL503 Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
4.83
(.190)
2
3
1
2
3
1
2.41
(.095)
2
3
1
8.26 ± .64
(.325 ± .025)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.41
(.095)
10.64
(.419)
45° ± 3°
152.4
(6.00)
MIN. LENGTH
WIRE SIZE: 30AWG
9.53 ± .38
(.375 ± .015)
9.53 ± .38
(.375 ± .015)
3.81 + .25/-.13*
(.150 +.010/-.005)
1.02
(.040)
1.57
(.062)
MIN.
ADJ. SLOT
1.52
(.060)
.51
(.020)
.64
(.025)
WIDE
X
X
DEEP
DIA.
1.27 ± 0.1
(.050 ± .004)
4.83 ± .13
(.190 ± .005)
9.53
(.375)
1.27 ± 0.1
(.050 ± .004)
10.03
(.395)
1.52
(.060)
.38
(.015)
6.40 ± 1.32
(.252 ± .052)
.51 ± .03
(.020 ± .001)
2.54
(.100)
2.54
(.100)
MIN.
DIA.
ADJ. SLOT
2.19
(.086)
.56
(.022)
.76
(.030)
WIDE
X
X
DEEP
DIA.
Features
Multiturn / Cermet / Industrial / Sealed
Standoffs
■ Listed on the QPL per MIL-PRF-22097 and
High-Rel MIL-PRF-39035
For trimmer applications/processing
guidelines, click here
RJ24/RJR24 - 3/8 ” Square Trimpot® Trimming Potentiometer
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
“Trimpot” is a registered trademark of Bourns, Inc.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Electrical Characteristics
Standard Resistance Range
........................ 10 ohms to 1 megohm
(see standard resistance table)
Resistance Tolerance ............ ±10 % std.
Absolute Minimum Resistance
RJ24.................. 2 % or 20 ohms max.
(whichever is greater)
RJR24 ................. 2 % or 2 ohms max.
(whichever is greater)
Contact Resistance Variation
......................... 3.0 % or 3 ohms max.
(whichever is greater)
Adjustability
Voltage ...................................±0.01 %
Resistance .............................±0.05 %
Resolution.................................... Infinite
Insulation Resistance ............... 500 vdc.
1,000 megohms min.
Dielectric Strength
Sea Level ............................ 1,000 vac
80,000 Feet ............................ 400 vac
Effective Travel ................. 25 turns nom.
Environmental Characteristics
Power Rating (300 volts max.)
85 °C ...................................... 0.5 watt
150 °C ....................................... 0 watt
Temperature Range
................................-55 °C to +150 °C
Temperature Coefficient
.......................................±100 ppm/°C
Seal Test...................... 85 °C Fluorinert*
Humidity........ MIL-STD-202 Method 106
RJ24...................................... 96 hours
(1 %
ΔTR, 10 Megohms IR)
RJR24 ................................... 96 hours
(1 %
ΔTR, 100 Megohms IR)
Vibration ....... 20 G (1 %
ΔTR; 1 % ΔVR)
Shock.......... 100 G (1 %
ΔTR; 1 % ΔVR)
Load Life
RJ24....1,000 hours 0.5 watt @ 85 °C
(2 %
ΔTR; 10% ΔVR)
RJR24 .10,000 hours 0.5 watt @ 85 °C
(3 %
ΔTR)
Rotational Life...... 200 cycles (2 %
ΔTR)
Physical Characteristics
Torque............................. 5.0 oz-in. max.
Mechanical Stops ................. Wiper idles
Terminals .........Mil-Std 202, Method 208
Weight ..................................... 0.025 oz.
Marking................ Mil-spec part number,
date code
Wiper ............... 50 % (Actual TR) ±10 %
Flammability .......................... U.L. 94V-0
Standard Packaging ..... 50 pcs. per tube
Adjustment Tool .............................. H-90
Product Dimensions
How To Order
RJ24 F L 202
Model
Characteristic
F = ±100 ppm/°C Temp. Coeff. Max.
Terminal Style
Resistance Code
REV. 01/12
TOLERANCES: ±
0.25
EXCEPT WHERE NOTED
(.010)
RJ24FL
DIMENSIONS:
MM
(INCHES)
MIL-PRF-22097
Standard Resistance Table
Resistance
Resistance
(Ohms)
Code
10
100
20
200
50
500
100
101
200
201
500
501
1,000
102
2,000
202
5,000
502
10,000
103
20,000
203
25,000
253
50,000
503
100,000
104
200,000
204
250,000
254
500,000
504
1,000,000
105
Common Dimensions
RJ24FP/RJR24FP
How To Order
RJR24 F W 502 R
Model
Characteristic
F = ±100 ppm/°C Temp. Coeff. Max.
Terminal Style
Resistance Code
Failure Rate
M = 1.0 %
P = 0.1 %
R = 0.01 %
MIL-PRF-39035
RJ24FX/RJR24FX
RJ24FW/RJR24FW
1
3 GREEN
CW
CLOCKWISE
YELLOW
CCW
2 WIPER
RED


Similar Part No. - RJ24FL503

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
RJ24FL202 BOURNS-RJ24FL202 Datasheet
169Kb / 1P
   Square Trimming Potentiometer
More results

Similar Description - RJ24FL503

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
RT22C2P501 BOURNS-RT22C2P501 Datasheet
143Kb / 1P
   Square Trimpot Trimming Potentiometer
RT26 BOURNS-RT26 Datasheet
120Kb / 1P
   Square Trimpot Trimming Potentiometer
RT24C2P501 BOURNS-RT24C2P501 Datasheet
187Kb / 1P
   Square Trimpot Trimming Potentiometer
3260 BOURNS-3260 Datasheet
108Kb / 1P
   1/4 ??Square Trimpot Trimming Potentiometer
RJ22 BOURNS-RJ22 Datasheet
108Kb / 1P
   1/2 Square Trimpot Trimming Potentiometer
3266P-1-253LF BOURNS-3266P-1-253LF Datasheet
364Kb / 2P
   3266 - 1/4 Square Trimpot Trimming Potentiometer
3318F1503A BOURNS-3318F1503A Datasheet
245Kb / 2P
   3318 - 6 mm Square Trimpot Trimming Potentiometer
3386H-1-502LF BOURNS-3386H-1-502LF Datasheet
407Kb / 3P
   3386 - 3/8 Square Trimpot Trimming Potentiometer
3386X-1-103TLF BOURNS-3386X-1-103TLF Datasheet
407Kb / 3P
   3386 - 3/8 Square Trimpot Trimming Potentiometer
logo
AVAGO TECHNOLOGIES LIMI...
HSMC-C197 AVAGO-HSMC-C197 Datasheet
188Kb / 10P
   3296 - 3/8 Square Trimpot Trimming Potentiometer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com