Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTD5414N Datasheet(PDF) 5 Page - ON Semiconductor

Part # NTD5414N
Description  Power MOSFET 24 Amps, 60 Volts Single N?묬hannel
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD5414N Datasheet(HTML) 5 Page - ON Semiconductor

  NTD5414N Datasheet HTML 1Page - ON Semiconductor NTD5414N Datasheet HTML 2Page - ON Semiconductor NTD5414N Datasheet HTML 3Page - ON Semiconductor NTD5414N Datasheet HTML 4Page - ON Semiconductor NTD5414N Datasheet HTML 5Page - ON Semiconductor NTD5414N Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
NTD5414N, NVD5414N
http://onsemi.com
5
TYPICAL PERFORMANCE CURVES
0.001
0.01
0.1
1
10
100
0.000001
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
t, PULSE TIME (s)
Figure 13. Thermal Response
D = 0.5
0.2
0.1
0.05
0.02
0.01
Surface−Mounted on FR4 Board using 1 sq in pad size, 1 oz Cu
Single Pulse


Similar Part No. - NTD5414N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD5414N ONSEMI-NTD5414N Datasheet
109Kb / 6P
   Power MOSFET 24 Amps, 60 Volts Single N?묬hannel DPAK
October, 2008 ??Rev. 0
logo
SHENZHEN DOINGTER SEMIC...
NTD5414N DOINGTER-NTD5414N Datasheet
2Mb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
ON Semiconductor
NTD5414NT4G ONSEMI-NTD5414NT4G Datasheet
109Kb / 6P
   Power MOSFET 24 Amps, 60 Volts Single N?묬hannel DPAK
October, 2008 ??Rev. 0
NTD5414NT4G ONSEMI-NTD5414NT4G Datasheet
99Kb / 6P
   Power MOSFET
August, 2014 ??Rev. 2
logo
SHENZHEN DOINGTER SEMIC...
NTD5414NT4G DOINGTER-NTD5414NT4G Datasheet
887Kb / 4P
   N-Channel MOSFET uses advanced trench technology
More results

Similar Description - NTD5414N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD5414N ONSEMI-NTD5414N Datasheet
109Kb / 6P
   Power MOSFET 24 Amps, 60 Volts Single N?묬hannel DPAK
October, 2008 ??Rev. 0
NTF3055-100 ONSEMI-NTF3055-100 Datasheet
70Kb / 6P
   Power MOSFET 3.0 Amps 60 Volts N?묬hannel
February, 2006 ??Rev. 3
NTD5413N ONSEMI-NTD5413N Datasheet
109Kb / 6P
   Power MOSFET 30 Amps, 60 Volts Single N?묬hannel DPAK
October, 2008 ??Rev. 0
NTD24N06L ONSEMI-NTD24N06L Datasheet
87Kb / 8P
   Power MOSFET 24 Amps, 60 Volts Logic Level, N?묬hannel DPAK
August, 2005 ??Rev. 2
NTDV20N06T4G ONSEMI-NTDV20N06T4G Datasheet
162Kb / 7P
   Power MOSFET 20 Amps, 60 Volts, N?묬hannel DPAK
August, 2011 ??Rev. 8
NTD20N06-001 ONSEMI-NTD20N06-001 Datasheet
162Kb / 7P
   Power MOSFET 20 Amps, 60 Volts, N?묬hannel DPAK
August, 2011 ??Rev. 8
MTD20N06HD ONSEMI-MTD20N06HD Datasheet
293Kb / 11P
   Power MOSFET 20 Amps, 60 Volts N?묬hannel DPAK
August, 2006 ??Rev. 5
NTD95N02R ONSEMI-NTD95N02R Datasheet
71Kb / 6P
   Power MOSFET 95 Amps, 24 Volts N?묬hannel DPAK
July, 2006 ??Rev. 3
MMDF3N06VL ONSEMI-MMDF3N06VL Datasheet
52Kb / 4P
   Power MOSFET 3 Amps, 60 Volts N?묬hannel SO??, Dual
April, 2004 ??Rev. 2
NTD32N06 ONSEMI-NTD32N06 Datasheet
71Kb / 8P
   32 Amps, 60 Volts, N?묬hannel DPAK
August, 2004 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com