Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G6C-1117P-US Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # G6C-1117P-US
Description  SPST-NO Type Breaks 10-A Loads; SPST-NO SPST-NC Breaks 8-A Load
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6C-1117P-US Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button G6C-1117P-US Datasheet HTML 4Page - Omron Electronics LLC G6C-1117P-US Datasheet HTML 5Page - Omron Electronics LLC G6C-1117P-US Datasheet HTML 6Page - Omron Electronics LLC G6C-1117P-US Datasheet HTML 7Page - Omron Electronics LLC G6C-1117P-US Datasheet HTML 8Page - Omron Electronics LLC G6C-1117P-US Datasheet HTML 9Page - Omron Electronics LLC G6C-1117P-US Datasheet HTML 10Page - Omron Electronics LLC G6C-1117P-US Datasheet HTML 11Page - Omron Electronics LLC G6C-1117P-US Datasheet HTML 12Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Power PCB Relay
G6C
165
■ Accessories
Mounting Holes (Bottom View)
Mounting Height of Relay
with Connecting Socket
P6C-08P
Note: Rated current of socket max. 5 A
Back Connecting Sockets
P6C-06P
23.2 max.
(23)*
15 max.
(14.9)*
3.1
10.8 max.
(10.6)*
7.5
3.5
0.8
0.4
10.16
7.62
10.16
17 mm max.
7.5 mm max.
7.62
10.16
10.16
(2.61)
(2.4)
(2.61)
Six, 1.1-dia. holes
7.62
10.16
7.62
(2.61)
(2.4)
(2.61)
Eight, 1.1-dia. holes
2.54
Removal Tool
P6B-Y1
Hold-down Clips
P6B-C2
23.2 max.
(23)*
15 max.
(14.9)*
3.1
10.8 max.
(10.6)*
7.5
3.5
2.54
0.8
0.4
7.62
7.62
10.16
*Average value
*Average value
Mounting Holes (Bottom View)


Similar Part No. - G6C-1117P-US

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6C-1117P-US OMRON-G6C-1117P-US Datasheet
271Kb / 10P
   Power PCB Relay
G6C-1117P-US OMRON-G6C-1117P-US Datasheet
594Kb / 12P
   Power PCB Relay
G6C-1117P-US OMRON-G6C-1117P-US Datasheet
512Kb / 10P
   Power PCB Relay
G6C-1117P-US OMRON-G6C-1117P-US Datasheet
512Kb / 10P
   Power PCB Relay
More results

Similar Description - G6C-1117P-US

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
P6B-04P OMRON-P6B-04P Datasheet
1Mb / 10P
   High Capacity and High Dielectric Strength Miniature Relay with Fully Sealed Construction in 5 A (8 A) SPST-NO (1a), SPST-NC (1b), DPST-NO (2a), DPST-NC (2b) Types
logo
Standex Electronics, In...
4305180075 STANDEX-4305180075 Datasheet
125Kb / 1P
   REED RELAY 1 FORM A SPST-NO, 5V SIL
Version: 04
logo
ON Semiconductor
MC74VHC1G66 ONSEMI-MC74VHC1G66_11 Datasheet
138Kb / 9P
   SPST (NO) Normally Open Analog Switch
May, 2011 ??Rev. 15
logo
Standex Electronics, In...
8824185100 STANDEX-8824185100 Datasheet
79Kb / 2P
   Reed Relays REED RELAY 1 FORM A SPST-NO, 24V
Version: 01
logo
ON Semiconductor
MC74VHC1GT66 ONSEMI-MC74VHC1GT66_11 Datasheet
138Kb / 9P
   SPST (NO) Normally Open Analog Switch
August, 2011 ??Rev. 15
MC74VHC1G66 ONSEMI-MC74VHC1G66_16 Datasheet
102Kb / 9P
   SPST (NO) Normally Open Analog Switch
September, 2016 ??Rev. 17
MC74VHC1GT66 ONSEMI-MC74VHC1GT66_07 Datasheet
119Kb / 10P
   SPST (NO) Normally Open Analog Switch
February, 2007 ??Rev. 13
MC74VHC1G66 ONSEMI-MC74VHC1G66_07 Datasheet
109Kb / 10P
   SPST (NO) Normally Open Analog Switch
February, 2007 ??Rev. 13
logo
BOWEI Integrated Circui...
SW801 BOWEI-SW801 Datasheet
329Kb / 1P
   8-SPST Switches
logo
National Instruments Co...
PXI-2585 NI-PXI-2585 Datasheet
205Kb / 3P
   10-Channel, 12 A SPST (Form A) Relays/Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com