Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT28HC64B-70JC Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT28HC64B-70JC
Description  64K 8K x 8 High Speed CMOS E2PROM with Page Write and Software Data Protection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28HC64B-70JC Datasheet(HTML) 2 Page - ATMEL Corporation

  AT28HC64B-70JC Datasheet HTML 1Page - ATMEL Corporation AT28HC64B-70JC Datasheet HTML 2Page - ATMEL Corporation AT28HC64B-70JC Datasheet HTML 3Page - ATMEL Corporation AT28HC64B-70JC Datasheet HTML 4Page - ATMEL Corporation AT28HC64B-70JC Datasheet HTML 5Page - ATMEL Corporation AT28HC64B-70JC Datasheet HTML 6Page - ATMEL Corporation AT28HC64B-70JC Datasheet HTML 7Page - ATMEL Corporation AT28HC64B-70JC Datasheet HTML 8Page - ATMEL Corporation AT28HC64B-70JC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Block Diagram
writing of up to 64-bytes simultaneously. During a write cy-
cle, the addresses and 1 to 64-bytes of data are internally
latched, freeing the address and data bus for other opera-
tions. Following the initiation of a write cycle, the device
will automatically write the latched data using an internal
control timer. The end of a write cycle can be detected by
DATA Polling of I/O7. Once the end of a write cycle has
been detected, a new access for a read or write can begin.
Atmel’s AT28HC64B has additional features to ensure
high quality and manufacturability. The device utilizes in-
ternal error correction for extended endurance and im-
proved data retention. An optional software data protec-
tion mechanism is available to guard against inadvertent
writes. The device also includes an extra 64-bytes of
EEPROM for device identification or tracking.
Description (Continued)
Temperature Under Bias................. -55°C to +125°C
Storage Temperature...................... -65°C to +150°C
All Input Voltages
(including NC Pins)
with Respect to Ground ................... -0.6V to +6.25V
All Output Voltages
with Respect to Ground .............-0.6V to VCC + 0.6V
Voltage on OE and A9
with Respect to Ground ................... -0.6V to +13.5V
*NOTICE: Stresses beyond those listed under “Absolute Maxi-
mum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the
device at these or any other conditions beyond those indi-
cated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions
for extended periods may affect device reliability.
Absolute Maximum Ratings*
2-268
AT28HC64B


Similar Part No. - AT28HC64B-70JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28HC64B-70JI ATMEL-AT28HC64B-70JI Datasheet
341Kb / 18P
   64K (8K x 8) High Speed Parallel EEPROM with Page Write and Software Data Protection
AT28HC64B-70JU ATMEL-AT28HC64B-70JU Datasheet
394Kb / 17P
   64K (8K x 8) High-speed Parallel EEPROM with Page Write and Software Data Protection
More results

Similar Description - AT28HC64B-70JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C64B ATMEL-AT28C64B Datasheet
660Kb / 12P
   64K (8K x 8) CMOS E2PROM with Page Write and Software Data Protection
AT28LV64B ATMEL-AT28LV64B Datasheet
484Kb / 9P
   64K 8K x 8 Low Voltage CMOS E2PROM with Page Write and Software Data Protection
AT28HC64B ATMEL-AT28HC64B_08 Datasheet
341Kb / 18P
   64K (8K x 8) High Speed Parallel EEPROM with Page Write and Software Data Protection
AT28HC64B-90PU ATMEL-AT28HC64B-90PU Datasheet
342Kb / 18P
   64K (8K x 8) High Speed Parallel EEPROM with Page Write and Software Data Protection
AT28HC64B ATMEL-AT28HC64B_09 Datasheet
394Kb / 17P
   64K (8K x 8) High-speed Parallel EEPROM with Page Write and Software Data Protection
AT28HC64BF ATMEL-AT28HC64BF Datasheet
301Kb / 18P
   64K (8K x 8) High Speed Parallel EEPROM with Page Write and Software Data Protection
AT28C64B ATMEL-AT28C64B_06 Datasheet
297Kb / 18P
   64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
AT28C64B ATMEL-AT28C64B Datasheet
317Kb / 13P
   64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
AT28C64B ATMEL-AT28C64B_09 Datasheet
313Kb / 18P
   64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
AT28BV64B ATMEL-AT28BV64B Datasheet
254Kb / 12P
   64K (8K x 8) Battery-Voltage??Parallel EEPROM with Page Write and Software Data Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com