Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9422CGJ50 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # 9422CGJ50
Description  Accurate and reliable control of motors
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

9422CGJ50 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button 9422CGJ50 Datasheet HTML 2Page - List of Unclassifed Manufacturers 9422CGJ50 Datasheet HTML 3Page - List of Unclassifed Manufacturers 9422CGJ50 Datasheet HTML 4Page - List of Unclassifed Manufacturers 9422CGJ50 Datasheet HTML 5Page - List of Unclassifed Manufacturers 9422CGJ50 Datasheet HTML 6Page - List of Unclassifed Manufacturers 9422CGJ50 Datasheet HTML 7Page - List of Unclassifed Manufacturers 9422CGJ50 Datasheet HTML 8Page - List of Unclassifed Manufacturers 9422CGJ50 Datasheet HTML 9Page - List of Unclassifed Manufacturers 9422CGJ50 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
For other versions, please consult with your local Schneider Electric/
Square D sales office: visit www.us.telemanique.com.
5/5
5
Mounting accessories for 3-pole reversing contactors
2 identical contactors with screw clamp terminals or connectors, horizontally mounted
Mechanical interlock
Set of connections
Mechanical interlock
with an electrical interlocking kit for the contactors
LC1D09–D38
LAD9R1V
included
with integral electrical interlocking
LC1D40–D65
LA9D6569
LA9D4002
LC1D80 and D95 (AC)
LA9D8069
LA9D4002
LC1D80 and D95 (DC)
LA9D8069
LA9D8002
LC1D115 and D150
LA9D11569
LA9D11502
without electrical interlocking
LC1D09–D38
LA99R1
included
LC1D40–D65
LA9D6569
LA9D50978
LC1D80 and D95 (AC)
LA9D8069
LA9D50978
LC1D80 and D95 (DC)
LA9D8069
LA9D80978
Mechanical latch blocks
Clip-on front mounting, manual or electrical unlatching control
For use on contactor
Catalog number
Standard control circuit voltages
LC1D40–D65 3P AC or DC, LC1D65 4P AC, LC1D65 4P DC
LA6DK10•
B E F M Q
LC1D80–D150 3P AC, LC1D80 and D115 3P AC, LC1D115 4P DC
LA6DK20•
B E F M Q
LC1D09–D38 AC or DC, LC1DT20–DT40 AC or DC
LA66K10•
B E F M Q
1000 V on AC supply, 690 V on DC supply
38 A
40 A
50 A
65 A
80 A
95 A
115 A
150 A
60 A
80 A
125 A
200 A
12 Hp
15 Hp
20 Hp
25 Hp
30 Hp
30 Hp
40 Hp
50 Hp
25 Hp
25 Hp
30 Hp
40 Hp
50 Hp
60 Hp
75 Hp
100Hp
25 Hp
30 Hp
30/40 Hp
50 Hp
60 Hp
60 Hp
75 Hp
100 Hp
25 Hp
30 Hp
40 Hp
50 Hp
75 Hp
75 Hp
100 Hp
125Hp
25 Hp
40 Hp
44 Hp
50 Hp
60 Hp
60 Hp
100 Hp
125Hp
-
30 Hp
40 Hp
50 Hp
60 Hp
60 Hp
100 Hp
125 Hp
LC1D38
LC1D40
LC1D50
LC1D65
LC1D80
LC1D95
LC1D115
LC1D150
LC2D38
LC2D40
LC2D50
LC2D65
LC2D80
LC2D95
LC2D115
LC2D150
Te
Sys
D-line


Similar Part No. - 9422CGJ50

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
9422CGJ30 SCHNEIDER-9422CGJ30 Datasheet
108Kb / 2P
   OPERATING MECHANISM CABLE MECHANISM NEMA
9422CGJD3 SCHNEIDER-9422CGJD3 Datasheet
55Kb / 2P
   Disconnect mechanism, circuit breaker, cable operated, 3 pole, GJL Mag-Gard circuit breaker, two 36 inch cable
9422CGJD4 SCHNEIDER-9422CGJD4 Datasheet
52Kb / 1P
   Disconnect mechanism, circuit breaker, cable operated, 3 pole, GJL Mag-Gard circuit breaker, two 48 inch cable
9422CGJD5 SCHNEIDER-9422CGJD5 Datasheet
52Kb / 1P
   Disconnect mechanism, circuit breaker, cable operated, 3 pole, GJL Mag-Gard circuit breaker, two 60 inch cable
More results

Similar Description - 9422CGJ50

ManufacturerPart #DatasheetDescription
logo
ELMOS Semiconductor AG
E910.94 ELMOS-E910.94 Datasheet
128Kb / 1P
   Sensorless speed control of DC-motors
E910.40 ELMOS-E910.40 Datasheet
129Kb / 1P
   Sensorless position control of DC-motors
logo
NXP Semiconductors
KMZ41 NXP-KMZ41_10 Datasheet
244Kb / 10P
   Magnetic field sensor Accurate and reliable angle measurement
Rev. 6-18 November 2010
logo
QUARTZCOM the communica...
TX7-705CM-SQ-COSA QUARTZCOM-TX7-705CM-SQ-COSA Datasheet
183Kb / 2P
   Analogue compensated high accurate and reliable CMOS SMD TCXO
logo
ELMOS Semiconductor AG
E910.71 ELMOS-E910.71 Datasheet
136Kb / 1P
   Sensorless position control of DC-motors, with drivers
logo
STMicroelectronics
AN2502 STMICROELECTRONICS-AN2502 Datasheet
94Kb / 9P
   Enhanced sensorless startup control of BLDC motors using ST7FMC
logo
Amphenol Corporation
NDK102C2R1 AMPHENOL-NDK102C2R1 Datasheet
74Kb / 2P
   Designed for accurate temperature measurement, control and compensation
NK501C2 AMPHENOL-NK501C2 Datasheet
67Kb / 2P
   Designed for accurate temperature measurement, control and compensation
logo
TDK Electronics
HVC4223F TDK-HVC4223F Datasheet
548Kb / 5P
   Motor Drivers for Control of BLDC, BDC, or Stepper Motors
July 9, 2021
logo
PHOENIX CONTACT
1424661 PHOENIX-1424661 Datasheet
89Kb / 4P
   Reliable and quick connection of electric cables
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com