Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTL20-19O0-103 Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # PTL20-19O0-103
Description  PTL Series Slide Potentiometer w/LED
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PTL20-19O0-103 Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  PTL20-19O0-103 Datasheet HTML 1Page - Bourns Electronic Solutions PTL20-19O0-103 Datasheet HTML 2Page - Bourns Electronic Solutions PTL20-19O0-103 Datasheet HTML 3Page - Bourns Electronic Solutions PTL20-19O0-103 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Specificationsaresubjecttochangewithoutnotice.
Customersshouldverifyactualdeviceperformanceintheirspecificapplications.
PTLSeriesSlidePotentiometerw/LED
LED Characteristics
Emitter Color Item
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Red
Forward Voltage
VF
IF = 20 mA
2.1
2.5
V
Luminous Intensity
IV
0.3
0.6
mcd
Peak Emission Wavelength
lp
660
nm
Dominant Wavelength
ld
643
nm
Spectral Line Half Width
Dl
20
nm
Orange
Forward Voltage
VF
IF = 20 mA
2.2
2.5
V
Luminous Intensity
IV
1.5
3.0
mcd
Peak Emission Wavelength
lp
610
nm
Dominant Wavelength
ld
605
nm
Spectral Line Half Width
Dl
35
nm
Green
Forward Voltage
VF
IF = 20 mA
2.1
2.5
V
Luminous Intensity
IV
0.6
1.2
mcd
Peak Emission Wavelength
lp
530
nm
Dominant Wavelength
ld
35
nm
Spectral Line Half Width
Dl
160
nm
Amber
Forward Voltage
VF
IF = 20 mA
2.1
2.6
V
Luminous Intensity
IV
5.0
mcd
Peak Emission Wavelength
lp
585
nm
Dominant Wavelength
ld
582
595
nm
Spectral Line Half Width
Dl
35
nm
White
Forward Voltage
VF
IF = 20 mA
3.5
4
V
Luminous Intensity
IV
300.0
mcd
Peak Emission Wavelength
lp
520
nm
Dominant Wavelength
ld
460
470
nm
Spectral Line Half Width
Dl
35
nm
How To Order
PTL 30 - 10 R 0 - 103 B2
Model Number
Designator
PTL = Slide
Potentiometer
w/LED
Length of Travel
20 = 20 mm
45 = 45 mm
30 = 30 mm
60 = 60 mm
Lever Length
10 = 10 mm
15 = 15 mm
19 = 19 mm
LED Color
R = Red
A = Amber
O = Orange
W = White
G = Green
Detent Option
0 = No Detent
1 = Center Detent
Resistance Code
(See Standard Resistance Table)
Resistance Taper (See Taper Charts)
Taper Series followed by Curve Number
Circuit
B (+)
E (-)
REV. 09/11
L=DUMMYTERMINAL


Similar Part No. - PTL20-19O0-103

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PTL-10-432 ETC2-PTL-10-432 Datasheet
2Mb / 1P
   TLS 2200 Voice & Data Comm Materials
PTL-101-432 ETC2-PTL-101-432 Datasheet
2Mb / 1P
   TLS 2200 Voice & Data Comm Materials
PTL-11-432 ETC2-PTL-11-432 Datasheet
2Mb / 1P
   TLS 2200 Voice & Data Comm Materials
PTL-16-430 ETC2-PTL-16-430 Datasheet
2Mb / 1P
   TLS 2200 Voice & Data Comm Materials
PTL-17-430 ETC2-PTL-17-430 Datasheet
2Mb / 1P
   TLS 2200 Voice & Data Comm Materials
More results

Similar Description - PTL20-19O0-103

ManufacturerPart #DatasheetDescription
logo
Bi technologies
PS100-1 BITECH-PS100-1 Datasheet
101Kb / 3P
   Slide Potentiometer
PS45G BITECH-PS45G Datasheet
110Kb / 4P
   Slide Potentiometer
logo
SHINMEI ELECTRIC CO., L...
SLR-1-10101B SHINMEI-SLR-1-10101B Datasheet
140Kb / 3P
   SLIDE POTENTIOMETER
logo
Bi technologies
PS30M BITECH-PS30M Datasheet
168Kb / 6P
   Slide Potentiometer
PS30 BITECH-PS30 Datasheet
102Kb / 4P
   Slide Potentiometer
logo
Bourns Electronic Solut...
PSM01-082A-103B2 BOURNS-PSM01-082A-103B2 Datasheet
368Kb / 3P
   PSM Series Motorized Slide Potentiometer
logo
TT Electronics.
PSM050S-10B10KB TTELEC-PSM050S-10B10KB Datasheet
376Kb / 3P
   Miniature Slide Potentiometer
12/2021
logo
Bourns Electronic Solut...
PDV30-21D-104B BOURNS-PDV30-21D-104B Datasheet
280Kb / 4P
   PDV Series - Open Frame Slide Potentiometer
PTF45-152A-103B2 BOURNS-PTF45-152A-103B2 Datasheet
544Kb / 7P
   PTF Series Long Life Slide Potentiometer
PTA BOURNS-PTA Datasheet
223Kb / 2P
   Low Profile Slide Potentiometer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com