Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP112T-290ETT Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP112T-290ETT
Description  Micropower Voltage Detector
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP112T-290ETT Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP112T-290ETT Datasheet HTML 7Page - Microchip Technology MCP112T-290ETT Datasheet HTML 8Page - Microchip Technology MCP112T-290ETT Datasheet HTML 9Page - Microchip Technology MCP112T-290ETT Datasheet HTML 10Page - Microchip Technology MCP112T-290ETT Datasheet HTML 11Page - Microchip Technology MCP112T-290ETT Datasheet HTML 12Page - Microchip Technology MCP112T-290ETT Datasheet HTML 13Page - Microchip Technology MCP112T-290ETT Datasheet HTML 14Page - Microchip Technology MCP112T-290ETT Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
© 2005 Microchip Technology Inc.
DS21889D-page 11
MCP111/112
4.0
APPLICATION INFORMATION
For many of today’s microcontroller applications, care
must be taken to prevent low-power conditions that can
cause many different system problems. The most
common causes are brown-out conditions, where the
system supply drops below the operating level momen-
tarily. The second most common cause is when a slowly
decaying power supply causes the microcontroller to
begin executing instructions without sufficient voltage to
sustain SRAM, thus producing indeterminate results.
Figure 4-1 shows a typical application circuit.
FIGURE 4-1:
Typical Application Circuit.
4.1
V
TRIP Operation
The voltage trip point (V
TRIP) is determined on the falling
edge of V
DD. The actual voltage trip point (VTRIPAC) will
be between the minimum trip point (V
TRIPMIN) and the
maximum trip point (V
TRIPMAX). There is a hysteresis on
this trip point to remove any “jitter” that would occur on
the V
OUT pin when the device VDD is at the trip point.
Figure 4-2 shows the state of the V
OUT
pin as
determined by the V
DD voltage. The VTRIP specification
is for falling V
DD voltages. When the VDD voltage is
rising, the V
OUT pin will not be driven high until VDD is at
V
TRIP + VHYS.
FIGURE 4-2:
VOUT Operation as Determined by the VTRIP and VHYS.
2
MCP11X
VDD
VDD
VDD
VOUT
MCLR
(Reset Input)
VSS
GND
PICmicro®
Microcontroller
3
1
RPU
Note 1: RPU may be required with the MCP111
due to the open-drain output. Resistor
RPU is not required with the MCP112.
0.1
µF
(1)
VDD
VTRIPMAX
VTRIPMIN
VTRIPAC
VTRIPAC
VTRIPAC + VHYSAC
VOUT
1V
< 1 V is outside the
device specifications


Similar Part No. - MCP112T-290ETT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP112T-290E MICROCHIP-MCP112T-290E Datasheet
332Kb / 22P
   Micropower Voltage Detector
2004
MCP112T-290E/LB MICROCHIP-MCP112T-290E/LB Datasheet
396Kb / 32P
   Micropower Voltage Detector
06/23/16
MCP112T-290E/MB MICROCHIP-MCP112T-290E/MB Datasheet
396Kb / 32P
   Micropower Voltage Detector
06/23/16
MCP112T-290E/TO MICROCHIP-MCP112T-290E/TO Datasheet
396Kb / 32P
   Micropower Voltage Detector
06/23/16
MCP112T-290E/TT MICROCHIP-MCP112T-290E/TT Datasheet
396Kb / 32P
   Micropower Voltage Detector
06/23/16
More results

Similar Description - MCP112T-290ETT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP111T-195I MICROCHIP-MCP111T-195I Datasheet
295Kb / 26P
   Micropower Voltage Detector
04/20/05
MCP111 MICROCHIP-MCP111_05 Datasheet
379Kb / 26P
   Micropower Voltage Detector
2005
MCP111T-240E MICROCHIP-MCP111T-240E Datasheet
296Kb / 26P
   Micropower Voltage Detector
04/20/05
MCP111T-475E MICROCHIP-MCP111T-475E Datasheet
296Kb / 26P
   Micropower Voltage Detector
04/20/05
MCP111 MICROCHIP-MCP111_16 Datasheet
396Kb / 32P
   Micropower Voltage Detector
06/23/16
MCP111T-315E MICROCHIP-MCP111T-315E Datasheet
296Kb / 26P
   Micropower Voltage Detector
04/20/05
MCP111 MICROCHIP-MCP111_13 Datasheet
400Kb / 26P
   Micropower Voltage Detector
2004-2013
MCP111 MICROCHIP-MCP111 Datasheet
332Kb / 22P
   Micropower Voltage Detector
2004
logo
Intersil Corporation
ICL7665S INTERSIL-ICL7665S Datasheet
86Kb / 11P
   CMOS Micropower Over/Under Voltage Detector
ICL7665S INTERSIL-ICL7665S_06 Datasheet
354Kb / 14P
   CMOS Micropower Over/Under Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com