Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GJM0335C1E1R0CB01D Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # GJM0335C1E1R0CB01D
Description  Application Specifi c Capacitors High Frequency Ceramic Capacitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GJM0335C1E1R0CB01D Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  GJM0335C1E1R0CB01D Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. GJM0335C1E1R0CB01D Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. GJM0335C1E1R0CB01D Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. GJM0335C1E1R0CB01D Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GJM0335C1E1R0CB01D Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GJM0335C1E1R0CB01D Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GJM0335C1E1R0CB01D Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GJM0335C1E1R0CB01D Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GJM0335C1E1R0CB01D Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
6 – Innovator in Electronics
C-29-C
www .m
urata.com
GJM Series: The Murata GJM
series is a High Q, ultra-small capacitor
series for high frequency applications
in the 500MHz to 10GHz range. They
are suitable for applications such as
VCO and PA modules. The GJM series
is made with copper electrodes as a
cost effective solution for low ESR and
power consumption due to the high
Q (low loss) performance. A variety of
tight tolerance versions are available,
offered in EIA sizes 0201 and 0402 with
a capacitance range of 0.1 to 33pF.
Features:
Size: 0201, 0402
Voltage: 6.3, 25 and 50VDC
Cap Range: 0.1-20pF 25 -50VDC and 22 - 33pF in 6.3VDC
Internal Electrode: Cu
Termination: Cu + Ni/Sn plating
ESR: Very Low
Power: Low (<=5W)
Frequency Range: 500MHz -10GHz, High Q and Low ESR at VHF, UHF and Microwave
Frequencies
Tolerance: Tight Tolerance Available ([W]=+/-0.05 pF for under 10pF, [B]=+/-0.1pF for
under 10 pF, [C]=+/-0.25pF for under 10pF, [G]=+/-2% for 10pF and over
Temp. Characteristics: C0G (0+/-30ppm/°C-55 to 125°C) and C0H (0+/-60ppm/°C-55
to 125°C)
Applications: Handheld
and Cellular, Bluetooth®, VCO,
WLAN, PA Modules,Wireless
Modems, RKE,Wireless PDAs,
Antenna Tuning and GPS
Applic Ation Speci F ic cA pA cit or S
High Frequency Ceramic Capacitors
GJM Product Summary


Similar Part No. - GJM0335C1E1R0CB01D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GJM0335C1E1R0CB01 MURATA-GJM0335C1E1R0CB01 Datasheet
724Kb / 25P
   Chip Monolithic Ceramic Capacitor High-Q Type for General
More results

Similar Description - GJM0335C1E1R0CB01D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
ERB1885C2E100GDX5D MURATA-ERB1885C2E100GDX5D Datasheet
2Mb / 20P
   Application Spec ifi c Capacitors High Frequency Ceramic Capacitors
GQM1885C1H101JB01D MURATA-GQM1885C1H101JB01D Datasheet
1Mb / 30P
   Application Specific Capacitors High Frequency Ceramic Capacitors ??GQM Series
MA18101 MURATA-MA18101 Datasheet
240Kb / 6P
   HIGH FREQUENCY CERAMIC CAPACITORS
logo
Murata Manufacturing Co...
ERB1885C2D100RDX1D MURATA1-ERB1885C2D100RDX1D Datasheet
2Mb / 20P
   High Frequency Ceramic Capacitors
logo
Johanson Technology Inc...
201R15C101JV4E JOHANSON-201R15C101JV4E Datasheet
393Kb / 5P
   C-SERIES HIGH FREQUENCY CHIP CAPACITORS
logo
List of Unclassifed Man...
201R15C ETC1-201R15C Datasheet
172Kb / 5P
   C-SERIES HIGH FREQUENCY CHIP CAPACITORS
MHP3150 ETC1-MHP3150 Datasheet
564Kb / 5P
   High Frequency Poser Ceramic Capacitors
MHP1151 ETC1-MHP1151 Datasheet
555Kb / 5P
   High Frequency Power Ceramic Capacitors
logo
Taiyo Yuden (U.S.A.), I...
TMF212B7104KGHT TAIYO-YUDEN-TMF212B7104KGHT Datasheet
402Kb / 3P
   High Reliability (Automotive) Application Multilayer Ceramic Capacitors
UMF212B7224KGHT TAIYO-YUDEN-UMF212B7224KGHT Datasheet
402Kb / 3P
   High Reliability (Automotive) Application Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com