Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XTL-1021 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # XTL-1021
Description  General, industrial, microcontrollers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

XTL-1021 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  XTL-1021 Datasheet HTML 1Page - List of Unclassifed Manufacturers XTL-1021 Datasheet HTML 2Page - List of Unclassifed Manufacturers XTL-1021 Datasheet HTML 3Page - List of Unclassifed Manufacturers XTL-1021 Datasheet HTML 4Page - List of Unclassifed Manufacturers XTL-1021 Datasheet HTML 5Page - List of Unclassifed Manufacturers XTL-1021 Datasheet HTML 6Page - List of Unclassifed Manufacturers XTL-1021 Datasheet HTML 7Page - List of Unclassifed Manufacturers XTL-1021 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Crystals
Page <2>
17/04/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
Case
Vibration
HC 49U
Frequency
Mode
Ω Maximum
3.5 - 3.99 MHz
F
90
4 - 4.99 MHz
F
80
5 - 5.99 MHz
F
70
6 - 6.99 MHz
F
60
7 - 7.99 MHz
F
50
8 - 9.99 MHz
F
40
10 - 13.99 MHz
F
35
14 - 23.99 MHz
F
25
24 - 25 MHz
F / 3
25 / 50
25 - 30 MHz
F / 3
25 / 50
30 - 75 MHz
3
50
75 - 125 MHz
5
80
125 - 150 MHz
5
100
150 - 200 MHz
5
120
ESR Table
Part Number Table
Case
Frequency
(MHz)
Frequency
Tolerance
(PPM)
Temperature
Stability
(PPM)
Temperature
Range
60 = -10 to +60
70 = -20 to +70
Load
Capacitance
pf
00 = Series
Vibration Mode
AT Cut
F = Fund
0.3 Overtone
Ant Part
Number
HC49U
1.8432
20
50
60
30
ATF
XTL-1012
HC49U
2
50
100
60
20
ATF
XTL-1014
HC49U
2.4576
20
50
60
30
ATF
XTL-1017
HC49U
3.2768
20
30
60
12
ATF
XTL-1020
HC49U
3.579545
20
50
60
20
ATF
XTL-1021
HC49U
3.6864
20
50
60
30
ATF
XTL-1023
HC49U
3.6864
30
50
70
30
ATF
XTL-1024
HC49U
4
20
10
70
30
ATF
XTL-1027
HC49U
4
20
50
60
30
ATF
XTL-1028
HC49U
4
30
50
70
30
ATF
XTL-1029
HC49U
4.096
20
20
70
30
ATF
XTL-1031
HC49U
4.096
30
50
70
30
ATF
XTL-1032
HC49U
4.194304
20
30
60
12
ATF
XTL-1033
HC49U
4.608
20
50
60
30
ATF
XTL-1037


Similar Part No. - XTL-1021

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
XTL VISHAY-XTL Datasheet
147Kb / 11P
   Wet Tantalum Capacitors Cylindrical Body, Hermetically Sealed
Revision: 25-Jul-11
logo
RF Monolithics, Inc
XTL1001 RFM-XTL1001 Datasheet
458Kb / 3P
   Surface Mount Seam-Weld Package
XTL1002 RFM-XTL1002 Datasheet
458Kb / 3P
   Surface Mount Seam-Weld Package
XTL1003 RFM-XTL1003 Datasheet
458Kb / 3P
   Surface Mount Seam-Weld Package
XTL1003-1 RFM-XTL1003-1 Datasheet
505Kb / 6P
   Surface Mount Seam-Weld Package
More results

Similar Description - XTL-1021

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68HC05JJ6 FREESCALE-MC68HC05JJ6 Datasheet
1Mb / 216P
   General Release Specification Microcontrollers
logo
New Jersey Semi-Conduct...
PLQ08 NJSEMI-PLQ08 Datasheet
49Kb / 1P
   GENERAL PURPOSE INDUSTRIAL
logo
Microchip Technology
PIC24FJ128GA MICROCHIP-PIC24FJ128GA Datasheet
3Mb / 232P
   General Purpose, 16-Bit Flash Microcontrollers
2006
logo
Fairchild Semiconductor
BAX16 FAIRCHILD-BAX16 Datasheet
36Kb / 1P
   General Purpose Industrial Diode
logo
Freescale Semiconductor...
PXN20PB FREESCALE-PXN20PB Datasheet
119Kb / 23P
   32-bit Power Architecture짰 Dual Core Microcontrollers for Industrial Networking
logo
TE Connectivity Ltd
RMC TEC-RMC Datasheet
274Kb / 3P
   General Purpose Relays Industrial Relays
logo
Tyco Electronics
2-1393114-4 MACOM-2-1393114-4 Datasheet
617Kb / 3P
   General Purpose Relays Industrial Relays
2-1393117-0 MACOM-2-1393117-0 Datasheet
1Mb / 5P
   General Purpose Relays Industrial Relays
2-1393117-2 MACOM-2-1393117-2 Datasheet
1Mb / 5P
   General Purpose Relays Industrial Relays
R10-E1Y4-V700 MACOM-R10-E1Y4-V700 Datasheet
762Kb / 6P
   General Purpose Relays Industrial Relays
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com