Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25320N-10SI Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT25320N-10SI
Description  SPI Serial EEPROMs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25320N-10SI Datasheet(HTML) 1 Page - ATMEL Corporation

  AT25320N-10SI Datasheet HTML 1Page - ATMEL Corporation AT25320N-10SI Datasheet HTML 2Page - ATMEL Corporation AT25320N-10SI Datasheet HTML 3Page - ATMEL Corporation AT25320N-10SI Datasheet HTML 4Page - ATMEL Corporation AT25320N-10SI Datasheet HTML 5Page - ATMEL Corporation AT25320N-10SI Datasheet HTML 6Page - ATMEL Corporation AT25320N-10SI Datasheet HTML 7Page - ATMEL Corporation AT25320N-10SI Datasheet HTML 8Page - ATMEL Corporation AT25320N-10SI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
Features
Serial Peripheral Interface (SPI) Compatible
Supports SPI Modes 0 (0,0) and 3 (1,1)
Low Voltage and Standard Voltage Operation
– 5.0 (V
CC = 4.5V to 5.5V)
– 2.7 (V
CC = 2.7V to 5.5V)
– 1.8 (V
CC = 1.8V to 3.6V)
2.1 MHz Clock Rate
32-Byte Page Mode
Block Write Protection
– Protect 1/4, 1/2, or Entire Array
Write Protect (WP) Pin and Write Disable Instructions for
Both Hardware and Software Data Protection
Self-Timed Write Cycle (5 ms Typical)
High Reliability
– Endurance: 1 Million Write Cycles
– Data Retention: 100 Years
– ESD Protection: >4000V
Automotive Grade and Extended Temperature Devices Available
8-Pin PDIP, JEDEC SOIC, and 14-Pin and 20-Pin TSSOP Packages
Description
The AT25080/160/320/640 provides 8192/16384/32768/65536 bits of serial electri-
cally erasable programmable read only memory (EEPROM) organized as
1024/2048/4096/8192 words of 8 bits each. The device is optimized for use in many
industrial and commercial applications where low power and low voltage operation
SPI Serial
EEPROMs
8K (1024 x 8)
16K (2048 x 8)
32K (4096 x 8)
64K (8192 x 8)
AT25080
AT25160
AT25320
AT25640
Rev. 0675C–08/98
(continued)
Pin Configuration
Pin Name
Function
CS
Chip Select
SCK
Serial Data Clock
SI
Serial Data Input
SO
Serial Data Output
GND
Ground
V
CC
Power Supply
WP
Write Protect
HOLD
Suspends Serial Input
NC
No Connect
DC
Don’t Connect
8-Pin PDIP
1
2
3
4
8
7
6
5
CS
SO
WP
GND
VCC
HOLD
SCK
SI
8-Pin SOIC
1
2
3
4
8
7
6
5
CS
SO
WP
GND
VCC
HOLD
SCK
SI
14-Lead TSSOP
1
2
3
4
5
6
7
14
13
12
11
10
9
8
CS
SO
NC
NC
NC
WP
GND
VCC
HOLD
NC
NC
NC
SCK
SI
20-Lead TSSOP*
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
NC
CS
SO
SO
NC
NC
WP
GND
DC
NC
NC
VCC
HOLD
HOLD
NC
NC
SCK
SI
DC
NC
*Pins 3, 4 and 17, 18 are internally connected for 14-lead TSSOP socket compatibility.


Similar Part No. - AT25320N-10SI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25320N-10SI-2.7 ATMEL-AT25320N-10SI-2.7 Datasheet
331Kb / 21P
   SPI Serial EEPROMs
More results

Similar Description - AT25320N-10SI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25010 ATMEL-AT25010_03 Datasheet
155Kb / 17P
   SPI Serial EEPROMs
AT25HP256 ATMEL-AT25HP256_06 Datasheet
414Kb / 21P
   SPI Serial EEPROMs
AT25080A ATMEL-AT25080A_07 Datasheet
448Kb / 24P
   SPI Serial EEPROMs
AT25010 ATMEL-AT25010 Datasheet
165Kb / 15P
   SPI Serial EEPROMs
AT25128 ATMEL-AT25128 Datasheet
230Kb / 12P
   SPI Serial EEPROMs
AT25HP256 ATMEL-AT25HP256 Datasheet
178Kb / 15P
   SPI Serial EEPROMs
AT25128A ATMEL-AT25128A_05 Datasheet
437Kb / 21P
   SPI Serial EEPROMs
AT25640A ATMEL-AT25640A Datasheet
388Kb / 20P
   SPI Serial EEPROMs
AT25080 ATMEL-AT25080_03 Datasheet
331Kb / 21P
   SPI Serial EEPROMs
AT25128 ATMEL-AT25128_05 Datasheet
432Kb / 22P
   SPI Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com