Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT28C16E-15PI Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT28C16E-15PI
Description  16K 2K x 8 CMOS E2PROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28C16E-15PI Datasheet(HTML) 3 Page - ATMEL Corporation

  AT28C16E-15PI Datasheet HTML 1Page - ATMEL Corporation AT28C16E-15PI Datasheet HTML 2Page - ATMEL Corporation AT28C16E-15PI Datasheet HTML 3Page - ATMEL Corporation AT28C16E-15PI Datasheet HTML 4Page - ATMEL Corporation AT28C16E-15PI Datasheet HTML 5Page - ATMEL Corporation AT28C16E-15PI Datasheet HTML 6Page - ATMEL Corporation AT28C16E-15PI Datasheet HTML 7Page - ATMEL Corporation AT28C16E-15PI Datasheet HTML 8Page - ATMEL Corporation AT28C16E-15PI Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AT28C16
3
Device Operation
READ: The AT28C16 is accessed like a Static RAM.
When CE and OE are low and WE is high, the data stored
at the memory location determined by the address pins is
asserted on the outputs. The outputs are put in a high
impedance state whenever CE or OE is high. This dual line
control gives designers increased flexibility in preventing
bus contention.
BYTE WRITE: Writing data into the AT28C16 is similar to
writing into a Static RAM. A low pulse on the WE or CE
input with OE high and CE or WE low (respectively) ini-
tiates a byte write. The address location is latched on the
last falling edge of WE (or CE); the new data is latched on
the first rising edge. Internally, the device performs a self-
clear before write. Once a byte write has been started, it
will automatically time itself to completion. Once a pro-
gramming operation has been initiated and for the duration
of t
WC, a read operation will effectively be a polling opera-
tion.
FAST BYTE WRITE: The AT28C16E offers a byte write
time of 200
µs maximum. This feature allows the entire
device to be rewritten in 0.4 seconds.
DATA POLLING: The AT28C16 provides DATA POLLING
to signal the completion of a write cycle. During a write
cycle, an attempted read of the data being written results in
the complement of that data for I/O
7 (the other outputs are
indeterminate). When the write cycle is finished, true data
appears on all outputs.
WRITE PROTECTION: Inadvertent writes to the device
are protected against in the following ways: (a) V
CC
sense—if V
CC is below 3.8V (typical) the write function is
inhibited; (b) V
CC power on delay—once VCC has reached
3.8V the device will automatically time out 5 ms (typical)
before allowing a byte write; and (c) write inhibit—holding
any one of OE low, CE high or WE high inhibits byte write
cycles.
CHIP CLEAR: The contents of the entire memory of the
AT28C16 may be set to the high state by the CHIP CLEAR
operation. By setting CE low and OE to 12 volts, the chip is
cleared when a 10 msec low pulse is applied to WE.
DEVICE ID E N TIF I CAT IO N: An extr a 32 bytes of
EEPROM memory are available to the user for device iden-
tification. By raising A9 to 12
± 0.5V and using address
locations 7E0H to 7FFH the additional bytes may be written
to or read from in the same manner as the regular memory
array.


Similar Part No. - AT28C16E-15PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C16E-15PI ATMEL-AT28C16E-15PI Datasheet
176Kb / 12P
   16K (2K x 8) Parallel EEPROMs
More results

Similar Description - AT28C16E-15PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C17 ATMEL-AT28C17 Datasheet
605Kb / 9P
   16K 2K x 8 CMOS E2PROM
AT28BV16 ATMEL-AT28BV16 Datasheet
398Kb / 8P
   16K 2K x 8 Battery-Voltage CMOS E2PROM
logo
Microchip Technology
28C17A MICROCHIP-28C17A Datasheet
67Kb / 8P
   16K (2K x 8) CMOS EEPROM
1996
28C16A MICROCHIP-28C16A Datasheet
64Kb / 8P
   16K (2K x 8) CMOS EEPROM
1996
28C16A MICROCHIP-28C16A_04 Datasheet
125Kb / 10P
   16K (2K x 8) CMOS EEPROM
2004
logo
Sharp Corporation
LH5116 SHARP-LH5116 Datasheet
87Kb / 10P
   CMOS 16K (2K x 8) Static RAM
LH5116S SHARP-LH5116S Datasheet
58Kb / 7P
   CMOS 16K (2K x 8) Static RAM
logo
Integrated Device Techn...
IDT6116SA IDT-IDT6116SA Datasheet
111Kb / 11P
   CMOS STATIC RAM 16K (2K x 8 BIT)
logo
Catalyst Semiconductor
CAT25C01 CATALYST-CAT25C01 Datasheet
59Kb / 10P
   1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
CAT25C03 CATALYST-CAT25C03 Datasheet
66Kb / 10P
   2K/4K/8K/16K/32K SPI Serial CMOS E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com