Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GJM0335C1E1R5CB01D Datasheet(PDF) 11 Page - Murata Manufacturing Co., Ltd.

Part # GJM0335C1E1R5CB01D
Description  Application Specifi c Capacitors High Frequency Ceramic Capacitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GJM0335C1E1R5CB01D Datasheet(HTML) 11 Page - Murata Manufacturing Co., Ltd.

Back Button GJM0335C1E1R5CB01D Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GJM0335C1E1R5CB01D Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GJM0335C1E1R5CB01D Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GJM0335C1E1R5CB01D Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. GJM0335C1E1R5CB01D Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. GJM0335C1E1R5CB01D Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. GJM0335C1E1R5CB01D Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. GJM0335C1E1R5CB01D Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. GJM0335C1E1R5CB01D Datasheet HTML 14Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
16 – Innovator in Electronics
C-29-C
www .m
urata.com
Applic Ation Speci F ic cA pA cit or S
High Frequency Ceramic Capacitors
GJM Soldering and Mounting
3. Reflow Soldering
When sudden heat is applied to the components, the
mechanical strength of the components should go down
because remarkable temperature change causes
deformity inside components. In order to prevent
mechanical damage in the components, preheating should
be required for both of the components and the PCB board.
Preheating conditions are shown in Table 1. It is required to
keep temperature differential between the soldering and
the components surface ( T) as small as possible.
Solderability of Tin plating termination chip might be
deteriorated when low temperature soldering profile where
peak solder temperature is below the Tin melting point is
used. Please confirm the solderability of Tin plating
termination chip before use.
When components are immersed in solvent after mounting,
be sure to maintain the temperature difference ( T)
between the component and solvent within the range
shown in theTable 1.
GRM02/03/15/18/21/31
GJM03/15
LLL15/18/21/31
ERB18/21
GQM18/21
GRM32/43/55
LLA18/21/31
LLM21/31
GNM
ERB32
T 190
T 130
Part Number
Temperature Differential
Table 1
Recommended Conditions
Standard Conditions for Reflow Soldering
Allowable Soldering Temperature and Time
In case of repeated soldering, the accumulated
soldering time must be within the range shown above.
Soldering Time (sec.)
260
270
280
250
240
230
220
0
30
60
90
120
Inverting the PCB
Make sure not to impose an abnormal mechanical shock on
the PCB.
Continued from the preceding page.
Continued on the following page.
Peak Temperature
Atmosphere
Pb-Sn Solder
Infrared Reflow
230-250 C
Air
Vapor Reflow
230-240 C
Air
Lead Free Solder
240-260 C
Air or N2
Infrared Reflow
Vapor Reflow
60-120 seconds 30-60 seconds
T
Gradual
Cooling
Soldering
Preheating
200 C
170 C
150 C
130 C
Time
Temperature ( )
Peak Temperature
60-120 seconds 20 seconds max.
T
Gradual
Cooling
Soldering
Preheating
170 C
150 C
130 C
Time
Temperature ( )
Peak Temperature
Pb-Sn Solder: Sn-37Pb
Lead Free Solder: Sn-3.0Ag-0.5Cu
Optimum Solder Amount for Reflow Soldering
Overly thick application of solder paste results in
excessive fillet height solder.
This makes the chip more susceptible to mechanical
and thermal stress on the board and may cause
cracked chips.
Too little solder paste results in a lack of adhesive
strength on the outer electrode, which may result in
chips breaking loose from the PCB.
Make sure the solder has been applied smoothly to the
end surface to a height of 0.2mm min.
Optimum Solder Amount for Reflow Soldering
0.2mm min.
Caution
13
Note • Please read rating and CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
84
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
Note
C02E.pdf
07.2.6
GJM03/15
Reflow Soldering
When sudden heat is applied to the components, the
mechanical strength of the components should go down
because remarkable temperature change causes
deformity inside components. In order to prevent
mechanical damage in the components, preheating should
be required for both of the components and the PCB board.
Preheating conditions are shown in Table 1. It is required to
keep temperature differential between the soldering and
the components surface ( T) as small as possible.
Solderability of Tin plating termination chip might be
deteriorated when low temperature soldering profile where
peak solder temperature is below the Tin melting point is
used. Please confirm the solderability of Tin plating
termination chip before use.
When components are immersed in solvent after mounting,
be sure to maintain the temperature difference ( T)
between the component and solvent within the range
shown in the Table 1.
GRM02/03/15/18/21/31
GJM03/15
ERB18/21
GQM18/21
GRM32/43/55
GNM
ERB32
T 190
T 130
Part Number
Temperature Differential
Table 1
Recommended Conditions
Standard Conditions for Reflow Soldering
Allowable Soldering Temperature and Time
In case of repeated soldering, the accumulated
soldering time must be within the range shown above.
Soldering Time (sec.)
260
270
280
250
240
230
220
0
30
60
90
120
Inverting the PCB
Make sure not to impose an abnormal mechanical shock on
the PCB.
Continued on the following page.
Peak Temperature
Atmosphere
Pb-Sn Solder
Infrared Reflow
230-250 C
Air
Vapor Reflow
230-240 C
Air
Lead Free Solder
240-260 C
Air or N2
Infrared Reflow
Vapor Reflow
60-120 seconds 30-60 seconds
T
Gradual
Cooling
Soldering
Preheating
200 C
170 C
150 C
130 C
Time
Temperature ( )
Peak Temperature
60-120 seconds
20 seconds max.
T
Gradual
Cooling
Soldering
Preheating
170 C
150 C
130 C
Time
Temperature ( )
Peak Temperature
Pb-Sn Solder: Sn-37Pb
Lead Free Solder: Sn-3.0Ag-0.5Cu
Optimum Solder Amount for Reflow Soldering
Overly thick application of solder paste results in
excessive fillet height solder.
This makes the chip more susceptible to mechanical
and thermal stress on the board and may cause
cracked chips.
Too little solder paste results in a lack of adhesive
strength on the outer electrode, which may result in
chips breaking loose from the PCB.
Make sure the solder has been applied smoothly to the
end surface to a height of 0.2mm min.
Optimum Solder Amount for Reflow Soldering
0.2mm min.
Reflow Soldering
When sudden heat is applied to the components, the
mechanical strength of the components should go down
because remarkable temperature change causes
deformity inside components. In order to prevent
mechanical damage in the components, preheating should
be required for both of the components and the PCB board.
Preheating conditions are shown in Table 1. It is required to
keep temperature differential between the soldering and
the components surface ( T) as small as possible.
Solderability of Tin plating termination chip might be
deteriorated when low temperature soldering profile where
peak solder temperature is below the Tin melting point is
used. Please confirm the solderability of Tin plating
termination chip before use.
When components are immersed in solvent after mounting,
be sure to maintain the temperature difference ( T)
between the component and solvent within the range
shown in the Table 1.
GRM02/03/15/18/21/31
GJM03/15
ERB18/21
GQM18/21
GRM32/43/55
GNM
ERB32
T 190
T 130
Part Number
Temperature Differential
Table 1
Recommended Conditions
Standard Conditions for Reflow Soldering
Allowable Soldering Temperature and Time
In case of repeated soldering, the accumulated
soldering time must be within the range shown above.
Soldering Time (sec.)
260
270
280
250
240
230
220
0
30
60
90
120
Inverting the PCB
Make sure not to impose an abnormal mechanical shock on
the PCB.
Continued on the following page.
Peak Temperature
Atmosphere
Pb-Sn Solder
Infrared Reflow
230-250 C
Air
Vapor Reflow
230-240 C
Air
Lead Free Solder
240-260 C
Air or N2
Infrared Reflow
Vapor Reflow
60-120 seconds 30-60 seconds
T
Gradual
Cooling
Soldering
Preheating
200 C
170 C
150 C
130 C
Time
Temperature ( )
Peak Temperature
60-120 seconds
20 seconds max.
T
Gradual
Cooling
Soldering
Preheating
170 C
150 C
130 C
Time
Temperature ( )
Peak Temperature
Pb-Sn Solder: Sn-37Pb
Lead Free Solder: Sn-3.0Ag-0.5Cu
Optimum Solder Amount for Reflow Soldering
Overly thick application of solder paste results in
excessive fillet height solder.
This makes the chip more susceptible to mechanical
and thermal stress on the board and may cause
cracked chips.
Too little solder paste results in a lack of adhesive
strength on the outer electrode, which may result in
chips breaking loose from the PCB.
Make sure the solder has been applied smoothly to the
end surface to a height of 0.2mm min.
Optimum Solder Amount for Reflow Soldering
0.2mm min.


Similar Part No. - GJM0335C1E1R5CB01D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GJM0335C1E1R5CB01 MURATA-GJM0335C1E1R5CB01 Datasheet
729Kb / 25P
   Chip Monolithic Ceramic Capacitor High-Q Type for General
More results

Similar Description - GJM0335C1E1R5CB01D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
ERB1885C2E100GDX5D MURATA-ERB1885C2E100GDX5D Datasheet
2Mb / 20P
   Application Spec ifi c Capacitors High Frequency Ceramic Capacitors
GQM1885C1H101JB01D MURATA-GQM1885C1H101JB01D Datasheet
1Mb / 30P
   Application Specific Capacitors High Frequency Ceramic Capacitors ??GQM Series
MA18101 MURATA-MA18101 Datasheet
240Kb / 6P
   HIGH FREQUENCY CERAMIC CAPACITORS
logo
Murata Manufacturing Co...
ERB1885C2D100RDX1D MURATA1-ERB1885C2D100RDX1D Datasheet
2Mb / 20P
   High Frequency Ceramic Capacitors
logo
Johanson Technology Inc...
201R15C101JV4E JOHANSON-201R15C101JV4E Datasheet
393Kb / 5P
   C-SERIES HIGH FREQUENCY CHIP CAPACITORS
logo
List of Unclassifed Man...
201R15C ETC1-201R15C Datasheet
172Kb / 5P
   C-SERIES HIGH FREQUENCY CHIP CAPACITORS
MHP3150 ETC1-MHP3150 Datasheet
564Kb / 5P
   High Frequency Poser Ceramic Capacitors
MHP1151 ETC1-MHP1151 Datasheet
555Kb / 5P
   High Frequency Power Ceramic Capacitors
logo
Taiyo Yuden (U.S.A.), I...
TMF212B7104KGHT TAIYO-YUDEN-TMF212B7104KGHT Datasheet
402Kb / 3P
   High Reliability (Automotive) Application Multilayer Ceramic Capacitors
UMF212B7224KGHT TAIYO-YUDEN-UMF212B7224KGHT Datasheet
402Kb / 3P
   High Reliability (Automotive) Application Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com