Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9422CLA30 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # 9422CLA30
Description  Accurate and reliable control of motors
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

9422CLA30 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button 9422CLA30 Datasheet HTML 6Page - List of Unclassifed Manufacturers 9422CLA30 Datasheet HTML 7Page - List of Unclassifed Manufacturers 9422CLA30 Datasheet HTML 8Page - List of Unclassifed Manufacturers 9422CLA30 Datasheet HTML 9Page - List of Unclassifed Manufacturers 9422CLA30 Datasheet HTML 10Page - List of Unclassifed Manufacturers 9422CLA30 Datasheet HTML 11Page - List of Unclassifed Manufacturers 9422CLA30 Datasheet HTML 12Page - List of Unclassifed Manufacturers 9422CLA30 Datasheet HTML 13Page - List of Unclassifed Manufacturers 9422CLA30 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
For other versions, please consult with your local Schneider Electric/
Square D sales office: visit www.us.telemanique.com.
5/9
5
Auxiliary contact blocks
instantaneous
dust&dampprotectedcontacts
time delay 1N.O. + 1 N.C.
Composition
Catalognumber
Composition
Catalognumber
Composition
Catalognumber
Composition
Catalognumber
Type
Range
Catalognumber
N.O. N.C.
N.O. N.C.
N.O. N.C.
N.O. N.C.
1-
LADN10
11
LADN11
22
LADN22
2
-
-
-
LA1DX20
On-delay
0.1–3 s
LADT0
-1
LADN01
2-
LADN20
13
LADN13
22-
-
LA1DY20
0.1–30 s
LADT2
-2
LADN02
4-
LADN40
2-
2
-
LA1DZ40
10–180 s
LADT4
-4
LADN04
2-
1
1
LA1DZ31
1–30 s
LADS2
31
LADN31
Off-delay
0.1–3 s
LADR0
22
LADC22
0.1–30 s
LADR2
10–180 s
LADR4
Mounting accessories for 3-pole reversing contactors for motor control
2 identical contactors, horizontally mounted
Mechanical interlock with an electrical interlocking kit for the contactors
Contactor type
Set of connections
Mechanical interlock
LC1F115
LA9FF976
LA9FF970
LC1F150
LA9F15076
LA9FF970
LC1F185
LA9FG976
LA9FG970
LC1F225
LA9F22576
LA9FG970
LC1F265
LA9FH976
LA9FJ970
LC1F330
LA9FJ976
LA9FJ970
LC1F400
LA9FJ976
LA9FJ970
LC1F500
LA9FK976
LA9FJ970
LC1F630 or LC1F800
LA9FL976
LA9FL970
400 A
500 A
630 A
780 A
800 A
500 A
700 A
1 000 A
1 600 A
1 000 A
1 000 V
1 000 V
1 000 V
1 000 V
1 000 V
2, 3 or 4
2, 3 or 4
2, 3 or 4
3 or 4
3
150 Hp
200 Hp
300 Hp
350 Hp
400 Hp
300 Hp
400 Hp
450 Hp
600 Hp
600 Hp
350 Hp
450 Hp
500 Hp
500 Hp
600 Hp
400 Hp
400 Hp
600 Hp
500 Hp
600 Hp
300 Hp
475 Hp
600 Hp
600 Hp
600 Hp
450 Hp
450 Hp
600 Hp
600 Hp
600 Hp
250 Hp
450 Hp
600 Hp
600 Hp
600 Hp
LC1F400
LC1F500
LC1F630
LC1F780
LC1F800
For customer assembly
Te
Sys
F-line


Similar Part No. - 9422CLA30

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
9422CLA31 SCHNEIDER-9422CLA31 Datasheet
108Kb / 2P
   Disconnect mechanism, circuit breaker, cable operated, 400A, 2 or 3 pole, LAL, LHL breaker, 36 inch cable, A1 handle
More results

Similar Description - 9422CLA30

ManufacturerPart #DatasheetDescription
logo
ELMOS Semiconductor AG
E910.94 ELMOS-E910.94 Datasheet
128Kb / 1P
   Sensorless speed control of DC-motors
E910.40 ELMOS-E910.40 Datasheet
129Kb / 1P
   Sensorless position control of DC-motors
logo
NXP Semiconductors
KMZ41 NXP-KMZ41_10 Datasheet
244Kb / 10P
   Magnetic field sensor Accurate and reliable angle measurement
Rev. 6-18 November 2010
logo
QUARTZCOM the communica...
TX7-705CM-SQ-COSA QUARTZCOM-TX7-705CM-SQ-COSA Datasheet
183Kb / 2P
   Analogue compensated high accurate and reliable CMOS SMD TCXO
logo
ELMOS Semiconductor AG
E910.71 ELMOS-E910.71 Datasheet
136Kb / 1P
   Sensorless position control of DC-motors, with drivers
logo
STMicroelectronics
AN2502 STMICROELECTRONICS-AN2502 Datasheet
94Kb / 9P
   Enhanced sensorless startup control of BLDC motors using ST7FMC
logo
Amphenol Corporation
NDK102C2R1 AMPHENOL-NDK102C2R1 Datasheet
74Kb / 2P
   Designed for accurate temperature measurement, control and compensation
NK501C2 AMPHENOL-NK501C2 Datasheet
67Kb / 2P
   Designed for accurate temperature measurement, control and compensation
logo
TDK Electronics
HVC4223F TDK-HVC4223F Datasheet
548Kb / 5P
   Motor Drivers for Control of BLDC, BDC, or Stepper Motors
July 9, 2021
logo
PHOENIX CONTACT
1424661 PHOENIX-1424661 Datasheet
89Kb / 4P
   Reliable and quick connection of electric cables
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com