Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9422CLA50 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 9422CLA50
Description  Accurate and reliable control of motors
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

9422CLA50 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  9422CLA50 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9422CLA50 Datasheet HTML 2Page - List of Unclassifed Manufacturers 9422CLA50 Datasheet HTML 3Page - List of Unclassifed Manufacturers 9422CLA50 Datasheet HTML 4Page - List of Unclassifed Manufacturers 9422CLA50 Datasheet HTML 5Page - List of Unclassifed Manufacturers 9422CLA50 Datasheet HTML 6Page - List of Unclassifed Manufacturers 9422CLA50 Datasheet HTML 7Page - List of Unclassifed Manufacturers 9422CLA50 Datasheet HTML 8Page - List of Unclassifed Manufacturers 9422CLA50 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 50 page
background image
Te
Sys U - LU9
Control increases in power
Simpl y Smart benefits
Introducing the 1
st intelligent starter
capable of integrating motor control,
control and changeo ver functions in a
unit 45 mm wide! Simple in its modular
format, it is also open to standard buses
and can monitor your applications via the
web.
Applications
b
bb
bb Industry: ideal solution when the motor
star ter needs to be decentralized in the
machine or the process
5/1
5
Contents
Motor control components
Te
Sys contactors ................................................................. 5/2 to 5/9
b Contactors, models K, D, F
Te
Sys protection components ...................................... 5/10 to 5/21
b Manual motor starters
b Switch-disconnector-fuses
b Thermal overload relays
b Electronic thermal overload relays
b Multifunction protection relays
b Switch disconnectors Mini Vario and Vario
Te
Sys starters ................................................................. 5/22 to 5/25
b Self-protected starter, U-Line
b Solid state overload relay system, U-Line
IEC type industrial control relays ..................................
5/26 to 5/29
b TeSys type CA2K, CA3K and CA4K
b TeSys type CAD
NEMA type .......................................................................
5/30 to 5/49
b Contactors and starters
b Combination starters
b Solid state overload relays Motor Logic®
b Definite purpose contactors
b Lighting contactors
b Manual starters and switches
b Accessories
b Industrial control relays
b Circuit breaker operating mechanisms
b Disconnect switches


Similar Part No. - 9422CLA50

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
9422CLA51 SCHNEIDER-9422CLA51 Datasheet
108Kb / 2P
   Disconnect mechanism, circuit breaker, cable operated, 400A, 2 or 3 pole, LAL, LHL breaker, 60 inch cable, A1 handle
More results

Similar Description - 9422CLA50

ManufacturerPart #DatasheetDescription
logo
ELMOS Semiconductor AG
E910.94 ELMOS-E910.94 Datasheet
128Kb / 1P
   Sensorless speed control of DC-motors
E910.40 ELMOS-E910.40 Datasheet
129Kb / 1P
   Sensorless position control of DC-motors
logo
NXP Semiconductors
KMZ41 NXP-KMZ41_10 Datasheet
244Kb / 10P
   Magnetic field sensor Accurate and reliable angle measurement
Rev. 6-18 November 2010
logo
QUARTZCOM the communica...
TX7-705CM-SQ-COSA QUARTZCOM-TX7-705CM-SQ-COSA Datasheet
183Kb / 2P
   Analogue compensated high accurate and reliable CMOS SMD TCXO
logo
ELMOS Semiconductor AG
E910.71 ELMOS-E910.71 Datasheet
136Kb / 1P
   Sensorless position control of DC-motors, with drivers
logo
STMicroelectronics
AN2502 STMICROELECTRONICS-AN2502 Datasheet
94Kb / 9P
   Enhanced sensorless startup control of BLDC motors using ST7FMC
logo
Amphenol Corporation
NDK102C2R1 AMPHENOL-NDK102C2R1 Datasheet
74Kb / 2P
   Designed for accurate temperature measurement, control and compensation
NK501C2 AMPHENOL-NK501C2 Datasheet
67Kb / 2P
   Designed for accurate temperature measurement, control and compensation
logo
TDK Electronics
HVC4223F TDK-HVC4223F Datasheet
548Kb / 5P
   Motor Drivers for Control of BLDC, BDC, or Stepper Motors
July 9, 2021
logo
PHOENIX CONTACT
1424661 PHOENIX-1424661 Datasheet
89Kb / 4P
   Reliable and quick connection of electric cables
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com