Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAT1544-2015CIA202 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PAT1544-2015CIA202
Description  Low Profi le Slide Potentiometer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PAT1544-2015CIA202 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PAT1544-2015CIA202 Datasheet HTML 1Page - Bourns Electronic Solutions PAT1544-2015CIA202 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Carbon element
Metal housing
15-60 mm travel
Single and dual gang
Center detent option
Dust cover option
RoHS compliant*
PTA Series - Low Profile Slide Potentiometer
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Electrical Characteristics
Taper.................................... Linear, audio
Standard Resistance Range
....................... 1 K ohms to 1 M ohms
Standard Resistance Tolerance.....±20 %
Residual Resistance
....................... 500 ohms or 1 % max.
Insulation Resistance
........ Min. 100 megohms at 250 V DC
Environmental Characteristics
Operating Temperature
...................................-10 °C to +50 °C
Power Rating, Linear
15 mm ....0.05 W (0.025 W Dual Gang)
20 mm .......................... 0.1 W (0.05 W)
30 mm ............................ 0.2 W (0.1 W)
45 mm ...................... 0.25 W (0.125 W)
60 mm ...................... 0.25 W (0.125 W)
Power Rating, Audio
15 mm ..0.025 W (0.015 W Dual Gang)
20 mm ...................... 0.05 W (0.025 W)
30 mm .......................... 0.1 W (0.05 W)
45 mm ...................... 0.125 W (0.06 W)
60 mm ...................... 0.125 W (0.06 W)
Maximum Operating Voltage, Linear
15 mm .................................. 100 V DC
20-60 mm ............................. 200 V DC
Maximum Operating Voltage, Audio
15 mm .................................... 50 V DC
20-60 mm ............................. 150 V DC
Withstand Voltage, Audio
............................... 1 Min. at 300 V AC
Sliding Noise ................ 100 mV maximum
Tracking Error..............3 dB at -40 to 0 dB
Mechanical Characteristics
Operating Force ............. 30 to 250 g-cm
Stop Strength ..................... 5 kg-cm min.
Sliding Life......................... 15,000 cycles
Soldering Condition
........... 300 °C max. within 3 seconds
Travel .................... 15, 20, 30, 45, 60 mm
Lever Style & Product Dimensions
DIMENSIONS:
MM
(INCHES)
How To Order
PTA 15 4 3 - 2 0 10 DP B 203
Model
Stroke Length
• 15 = 15 mm
• 20 = 20 mm
• 30 = 30 mm
• 45 = 45 mm
• 60 = 60 mm
Dust Cover Option
• 4 = No Dust Cover
• 5 = Rubber
Dust Cover**
No. of Gangs
• 3 = Single Gang
• 4 = Dual Gang
Pin Style
• 2 = PC Pins Down Facing
Center Detent Option
• 0 = No Detent
• 2 = Center Detent
Standard Lever Length
(See Table)
• 10 = 10 mm (CI Lever)
• 15 = 15 mm (DP, CP and CI)
Lever Style
• DP = Metal Lever (Refer to Drawing)
• CP = Metal Lever (Refer to Drawing)
• CI = Insulated Lever
(Refer to Drawing)
Resistance Taper
• A = Audio Taper
• B = Linear Taper
Resistance Code (See Table)
Other styles available.
** Part numbers with dust covers must be
mounted with screws to a panel to prevent
issues with the dust cover during usage.
Standard Resistance Table
Resistance
Resistance
(Ohms)
Code
1,000
102
2,000
202
5,000
502
10,000
103
20,000
203
50,000
503
100,000
104
200,000
204
500,000
504
1,000,000
105
Derating Curve
Ambient Temperature (°C)
20
40 50 60 70
80 90 100
30
10
0
20
33
40
60
80
100
0
45
°
DP METAL LEVER
CP METAL LEVER
CI INSULATED LEVER
Actuator Styles
1.0
(.039)
1.0
(.039)
15.0
(.590)
10.0
(.393)
4.0
(.157)
3.0
(.118)
5.0
(.196)
6.6
(.259)
3.0
(.118)
R0.4 2 PLCS.
5.0
5.0
(.196)
4.0
(.157)
15.0
(.590)
10.0
(.393)
1.0
(.039)
10.0
(.393)
4.0
(.157)
5.0
(.196)
6.6
(.259)
2.0
(.087)
1.0
(.039)
1.8
(.070)
1.2
(.047)
Optional Dust Cover
NOTE: DUST COVER HAS ADHESIVE BACK.
59 ± 0.5
(2.323 ± .020)
0.3 ± 0.1
(.0118 ± .004)
T =
8.2 ± 0.2
(.323 ± .008)


Similar Part No. - PAT1544-2015CIA202

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PAT15012 NIEC-PAT15012 Datasheet
248Kb / 4P
   150A Avg 1200~1600 Volts
PAT15012 NIEC-PAT15012 Datasheet
261Kb / 5P
   THYRISTOR MODULE
PAT15016 NIEC-PAT15016 Datasheet
248Kb / 4P
   150A Avg 1200~1600 Volts
PAT15016 NIEC-PAT15016 Datasheet
261Kb / 5P
   THYRISTOR MODULE
logo
Kyocera Kinseki Corpota...
PAT15016 KSS-PAT15016 Datasheet
970Kb / 3P
   Thyristor
More results

Similar Description - PAT1544-2015CIA202

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PTB0143-2010BPA102 BOURNS-PTB0143-2010BPA102 Datasheet
320Kb / 2P
   Low Profi le Slide Potentiometer
PTE45-152A-103B2 BOURNS-PTE45-152A-103B2 Datasheet
286Kb / 3P
   PTE Series Low Profi le Slide Potentiometer
PTA6043-2015DPB103 BOURNS-PTA6043-2015DPB103 Datasheet
373Kb / 2P
   PTA Series - Low Profi le Slide Potentiometer
PEC11L BOURNS-PEC11L_13 Datasheet
220Kb / 2P
   11 mm Low Profi le Encoder
logo
Power System Technology
FAB0502019 PST-FAB0502019 Datasheet
237Kb / 3P
   Chassis mounting applications, low profi le
logo
TDK Electronics
SWS600L TDK-SWS600L Datasheet
397Kb / 2P
   Single Output Low Profi le Power Supplies
logo
Cornell Dubilier Electr...
944U CDE-944U Datasheet
267Kb / 4P
   High Current, Low Profi le for Inverter Applications
logo
Bourns Electronic Solut...
4310R-102-332 BOURNS-4310R-102-332 Datasheet
208Kb / 2P
   Low profi le provides compatibility with DIPs
logo
Visual Communications C...
LPCM VCC-LPCM Datasheet
1Mb / 1P
   Low Profi le, Panel Flush Light Pipe
logo
Panasonic Semiconductor
ELT5KT220L PANASONIC-ELT5KT220L Datasheet
92Kb / 2P
   Voltage Step-up Coils High inductance, low profi le choke coil Low profi le (H=1.2 mm max.)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com