Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9422CSF10 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 9422CSF10
Description  Accurate and reliable control of motors
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

9422CSF10 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  9422CSF10 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9422CSF10 Datasheet HTML 2Page - List of Unclassifed Manufacturers 9422CSF10 Datasheet HTML 3Page - List of Unclassifed Manufacturers 9422CSF10 Datasheet HTML 4Page - List of Unclassifed Manufacturers 9422CSF10 Datasheet HTML 5Page - List of Unclassifed Manufacturers 9422CSF10 Datasheet HTML 6Page - List of Unclassifed Manufacturers 9422CSF10 Datasheet HTML 7Page - List of Unclassifed Manufacturers 9422CSF10 Datasheet HTML 8Page - List of Unclassifed Manufacturers 9422CSF10 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
For other versions, please consult with your localSchneider Electric /
Square D sales office: visit www.us.telemanique.com.
5/4
5
Connections
screw clamp terminals or connectors
Rated operational voltage
690 V
Rated operational current
Ie max AC-3 (Ue - 440V)
9 A
12 A
18 A
25 A
32 A
Ie AC-1 (
θ - 60° C)
25 A
32 A
40 A
50 A
Rated operational power
220/240 V
3 Hp
4 Hp
5 Hp
7.5 Hp
10 Hp
in category AC3
380/400 V
5 Hp
7.5 Hp
10 Hp
15 Hp
20 Hp
415/440 V
5 Hp
7.5 Hp
12 Hp
15 Hp
20 Hp
500 V
7.5 Hp
10 Hp
13 Hp
20 Hp
25 Hp
660/690 V
7.5 Hp
10 Hp
13 Hp
20 Hp
25 Hp
1000 V
-
-
-
-
-
Contactor type(1)
LC1D09
LC1D12
LC1D18
LC1D25
LC1D32
Reversing contactor type * with mechanical interlock
LC2D09
LC2D12
LC2D18
LC2D25
LC2D32
spring terminals (1)
Add the figure 3 before the voltage code. Example LC1D09P7 becomes LC1093P7
ring tongue terminals (2)
Add the figure 6 before the voltage code. Example LC1D09P7 becomes LC1096P7
slip-on connectors (3) 2 x 6.35 (power) and 1 x 6.35 (control) up to D12 only
Add the figure 9 before the voltage code. Example LC1D09P7 becomes LC1099P7
(1) Basic catalog number to be completed by adding the coil voltage. Example: LC1D09P7.
Standard control circuit voltages
AC supply
Volts
24
42
48
110
115
220
230
240
380
400
415
440
500
Contactors LC1D09–D50 (coils D115 and D150 with integral suppression device fitted as standard)
50/60 Hz
B7
D7
E7
F7
FE7
M7
P7
U7
Q7
V7
N7
R7
-
Contactors LC1D40–D115
50 Hz
B5
D5
E5
F5
FE5
M5
P5
U5
Q5
V5
N5
R5
S5
60 Hz
B6
-
E6
F6-
M6
-
U6Q6
-
-
R6
-
DCsupply
Volts
12
24
36
48
60
72
110
125
220
250
440
Contactors LC1D09–D38 (coils with integral suppression device fitted as standard)
U 0.7–1.25 Uc
JD
BD
CD
ED
ND
SD
FD
GD
MD
UD
RD
Contactors LC1D40–D95
U 0.85–1.1 Uc
JD
BD
CD
ED
ND
SD
FD
GD
MD
UD
RD
U 0.75–1.2 Uc
JW
BW
CW
EW
-
SW
FW
-
MW
-
-
Contactors LC1D115 and D150 (coils with integral suppression device fitted as standard)
U 0.75–1.2 Uc
-
BD
-
ED
ND
SD
FD
GD
MD
UD
RD
Low consumption
Contactors LC1D09–D38 (coils with integral suppression device fitted as standard)
Volts DC
5
12
20
24
48
110
120
250
U
0.7–1.25 Uc
AL
JL
ZL
BL
EL
FL
ML
UL
Example of complete catalog number LC1D09P7.
For enclosed version of d-Line starters up to 80A, reference catalog 8502CT9901.
Te
Sys
D-line
Contactors
0.5–125 Hp
(1) LC1D093P7
(3) LC1D099P7
(2)LC1D096P7


Similar Part No. - 9422CSF10

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
9422CSF10 SCHNEIDER-9422CSF10 Datasheet
108Kb / 2P
   Disconnect mechanism, circuit breaker, cable operated, 150/250A, 3 pole, PowerPact H and J breaker, 120 inch cable
More results

Similar Description - 9422CSF10

ManufacturerPart #DatasheetDescription
logo
ELMOS Semiconductor AG
E910.94 ELMOS-E910.94 Datasheet
128Kb / 1P
   Sensorless speed control of DC-motors
E910.40 ELMOS-E910.40 Datasheet
129Kb / 1P
   Sensorless position control of DC-motors
logo
NXP Semiconductors
KMZ41 NXP-KMZ41_10 Datasheet
244Kb / 10P
   Magnetic field sensor Accurate and reliable angle measurement
Rev. 6-18 November 2010
logo
QUARTZCOM the communica...
TX7-705CM-SQ-COSA QUARTZCOM-TX7-705CM-SQ-COSA Datasheet
183Kb / 2P
   Analogue compensated high accurate and reliable CMOS SMD TCXO
logo
ELMOS Semiconductor AG
E910.71 ELMOS-E910.71 Datasheet
136Kb / 1P
   Sensorless position control of DC-motors, with drivers
logo
STMicroelectronics
AN2502 STMICROELECTRONICS-AN2502 Datasheet
94Kb / 9P
   Enhanced sensorless startup control of BLDC motors using ST7FMC
logo
Amphenol Corporation
NDK102C2R1 AMPHENOL-NDK102C2R1 Datasheet
74Kb / 2P
   Designed for accurate temperature measurement, control and compensation
NK501C2 AMPHENOL-NK501C2 Datasheet
67Kb / 2P
   Designed for accurate temperature measurement, control and compensation
logo
TDK Electronics
HVC4223F TDK-HVC4223F Datasheet
548Kb / 5P
   Motor Drivers for Control of BLDC, BDC, or Stepper Motors
July 9, 2021
logo
PHOENIX CONTACT
1424661 PHOENIX-1424661 Datasheet
89Kb / 4P
   Reliable and quick connection of electric cables
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com