Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEM1303 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PEM1303
Description  Power Over Ethernet PD Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PEM1303 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PEM1303 Datasheet HTML 1Page - List of Unclassifed Manufacturers PEM1303 Datasheet HTML 2Page - List of Unclassifed Manufacturers PEM1303 Datasheet HTML 3Page - List of Unclassifed Manufacturers PEM1303 Datasheet HTML 4Page - List of Unclassifed Manufacturers PEM1303 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PEM1300 SERIES
by
Power Over Ethernet PD Module
www.poweredethernet.com
PEM1300_11G-R0-8 (DRAFT)
Page 3 of 5
F.4. Output Voltage Adjustment
The PEM1300 series has an OADJ pin, which allows the output voltage to be increased or decreased from its nominal value using a 1/16W power rating or
greater and 1% tolerance resistor connected between the OADJ pin and either the +VDC or –VDC pin as per figures below. Only one connection i.e. between
OADJ and +VDC or between OADJ and –VDC is permitted at a time. A change of more than ± 10% from nominal is not permitted. Please contact Infomart
technical support for more details or specific resistor values.
Figure 3
Figure 4
Figure 5
F.5. Pin Connections
INPUT PINS
OUTPUT PINS
1
VINA+. This pin connects to Ethernet cable spare pair (for Mode
B PoE injection). Not polarity sensitive.
7
-VDC. The ground return for the +VDC output. Max. current 3A per
pin.
2
VINA-. This pin connects to Ethernet cable spare pair (for Mode
B PoE injection). Not polarity sensitive.
8
+VDC. This pin provides the regulated output from the DC/DC
converter. Max. current 3A per pin.
3
VINB+. This pin connects to the output of the data transformer
centre-tap (for Mode A PoE injection). Not polarity sensitive.
9
OADJ. The output voltage can be adjusted from is nominal value,
by connecting an external resistor from this pin to either the +VDC
pin or the -VDC pin. For more details please see section F.4.
4
VINB-. This pin connects to the output of the data transformer
centre-tap (for Mode A PoE injection). Not polarity sensitive.
10
NC Do not connect
5
CP1. Connect this pin only as per instructions in Table 1.
To maintain isolation integrity, always connect respective input and
output poles only via X or Y safety capacitor. Maintain isolation
barrier on motherboard PCB as per physical package.
6
CP2. Connect this pin only as per instructions in Table 1.


Similar Part No. - PEM1303

ManufacturerPart #DatasheetDescription
logo
CUI INC
PEM1-S CUI-PEM1-S Datasheet
548Kb / 6P
   DC-DC CONVERTER
PEM1-S CUI-PEM1-S Datasheet
1Mb / 7P
   DC-DC CONVERTER
07/07/2021
PEM1-S12-D12-S CUI-PEM1-S12-D12-S Datasheet
548Kb / 6P
   DC-DC CONVERTER
PEM1-S12-D12-S CUI-PEM1-S12-D12-S Datasheet
1Mb / 7P
   DC-DC CONVERTER
07/07/2021
PEM1-S12-D15-S CUI-PEM1-S12-D15-S Datasheet
548Kb / 6P
   DC-DC CONVERTER
More results

Similar Description - PEM1303

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PEM3112C ETC2-PEM3112C Datasheet
688Kb / 13P
   30W Power Over Ethernet Plus (POE) PD Module
logo
National Semiconductor ...
LM5071 NSC-LM5071 Datasheet
857Kb / 18P
   Power Over Ethernet PD Controller with Auxiliary Power Power Over Ethernet PD Controller with Auxiliary Power
logo
Texas Instruments
LM5073 TI1-LM5073 Datasheet
1Mb / 27P
[Old version datasheet]   100V Power Over Ethernet PD Interface
LM5072 TI1-LM5072 Datasheet
1Mb / 34P
[Old version datasheet]   Integrated 100V Power Over Ethernet PD Interface
logo
PCA ELECTRONICS INC.
EPC3248G-X PCA-EPC3248G-X Datasheet
57Kb / 2P
   Power over Ethernet (PoE/PD) Flyback Transformer
EPC3248G-1 PCA-EPC3248G-1_11 Datasheet
151Kb / 2P
   Power over Ethernet (PoE/PD) Flyback Transformer
logo
Microsemi Corporation
PD70101 MICROSEMI-PD70101 Datasheet
831Kb / 20P
   Power Over Ethernet 802.3af/at PD Controller
Rev.2.0, 17-Jan-2017
logo
PCA ELECTRONICS INC.
EPC3248G-X PCA-EPC3248G-X_11 Datasheet
151Kb / 2P
   Power over Ethernet (PoE/PD) Flyback Transformer
logo
List of Unclassifed Man...
AG8200 ETC2-AG8200 Datasheet
354Kb / 16P
   Power-Over-Ethernet Module
logo
AAEON Technology
PER-P09D AAEON-PER-P09D Datasheet
204Kb / 1P
   Power over Ethernet Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com