Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4420R-601-CC Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 4420R-601-CC
Description  RC Networks T-Filters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

4420R-601-CC Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  4420R-601-CC Datasheet HTML 1Page - Bourns Electronic Solutions 4420R-601-CC Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
601 Series - RC Networks T-Filters
General Description
Continual advances in digital IC technology are creating stringent demands on
EMI/RFI levels in equipment.
EMI/RFI low pass filters are required in personal computers, data terminals, test
equipment and process controllers for high frequency suppression into or out of
electronic equipment.
Electrical Specifications - Resistors
Standard Resistance Range* ............................................................10 ohms - 100 ohms
Series Resistance Tolerance ..................................................................................±10 %
Temperature Coefficient of Resistance .......................................................±300 ppm/°C
Operating Voltage .................................................................................25 volts maximum
Operating Temperatures ........................................................................+10 °C to +85 °C
*Other Resistance Values Available, 10 ohms - 1 megohm
Electrical Specifications - Capacitors
Standard Capacitance Range .................................................................50 pF to 200 pF
Capacitance Tolerance............................................................................................±30 %
Temperature Characteristic ........................................................................................Z5U
Operating Temperatures .........................................................................+10 °C to +85 °C
Voltage Rating .......................................................................................................25 volts
Dielectric Withstand Voltage ...............................................................2.5 x rated voltage
Insulation Resistance ............................................................10,000 megohms minimum
Environmental Specifications - Resistors
∆R MAXIMUM
Thermal Shock ......................................................................................................±0.5 %
Resistance to Solder Heat ....................................................................................±0.5 %
Terminal Strength ..................................................................................................±0.5 %
Mechanical Specifications
Flammability ...................................................................................Conforms to UL94 V-0
Leadframe .....................................................................................Copper, solder coated
Body Material ............................................................................................Epoxy/Novolac
Lead Solderability .................................Meet requirements of MIL-STD-202 Method 208
PIN #1 REF.
4118R AND 4120R
.635
(.025)
MAX.
27.05
(1.065)
MAX.
24.51
(.965)
TYP.
.89 ± .25
(.035 ± .010)
4.57 + .12/ - .28
(.180 + .005/ - .011)
MAX.
8.40
(.331)
3.43 + .38/ - .25
(.135 + .015/ - .010)
2.03 ± .12
(.080 ± .005)
2.54 ± .25
(.100 ± .010*)
TYP.
NON-ACCUM.
1.65 + .12/ - .07
(.065 + .005/ - .003)
.438 ± .050
(.019 ± .002)
TYP.
7.87 ± .25
(.310 ± .010)
TO OUTSIDE
WHEN PINS
ARE PARALLEL
6.71 ± .10
(.264 ± .004)
.76 ± .25
(.030 ± .010)
.254 ± .050
(.010 ± .002)
8.64 ± .50
(.340 ± .020)
Governing dimensions are metric. Dimensions in parentheses
are inches and are approximate.
*Terminal centerline to centerline measurements made at point of
emergence of the lead from the body.
4420P
.432 ± .056
(.017 ± .002)
.940 + .355
(.037 ± .014)
8° MAX.
7.493 ± .076
(.295 ± .003)
10.34 ± .25
(.407 ± .010)
TYP.
12.95 ± .07
(.510 ± .003)
1.27 ± .076
(.050 ± .003*)
TYP.
.127 + .127/ - .000
(.005 + .005/ - .000)
2.65
(.104)
MAX.
.305 + .000/ - .076
(.012 + .000/ - .003)
Features
Cost effective R-C construction
Insulation resistance testing for reliability
Molded surface mount or DIP packaging
Compatible with automatic assembly
equipment
Custom value capability
RoHS compliant version available
(“L” part number suffix)
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
For Standard Values Used in Capacitors, Inductors, and Resistors, click here.
For information on EMI/RFI Filters,
download Bourns’ EMI/RFI Filters
Application Note.
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex


Similar Part No. - 4420R-601-CC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
4420R-601-RC/CC BOURNS-4420R-601-RC/CC Datasheet
231Kb / 2P
   RC Network T-Filters
More results

Similar Description - 4420R-601-CC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
4120R-601-101 BOURNS-4120R-601-101 Datasheet
231Kb / 2P
   RC Network T-Filters
4120R-601-RC BOURNS-4120R-601-RC_14 Datasheet
231Kb / 2P
   RC Network T-Filters
4420P-601-201 BOURNS-4420P-601-201 Datasheet
231Kb / 2P
   RC Network T-Filters
4420P-601-250 BOURNS-4420P-601-250 Datasheet
231Kb / 2P
   RC Network T-Filters
601 BOURNS-601 Datasheet
231Kb / 2P
   RC Network T-Filters
4120R-601-250 BOURNS-4120R-601-250 Datasheet
231Kb / 2P
   RC Network T-Filters
4608H-701-RC BOURNS-4608H-701-RC Datasheet
349Kb / 2P
   RC Terminator Networks
logo
Panasonic Semiconductor
EZA-CT31AAAJ PANASONIC-EZA-CT31AAAJ Datasheet
430Kb / 9P
   Chip RC Networks
logo
Bourns Electronic Solut...
4610H-701-470 BOURNS-4610H-701-470 Datasheet
332Kb / 2P
   RC Terminator Networks
logo
Panasonic Semiconductor
EZA-ST21AAAJ PANASONIC-EZA-ST21AAAJ Datasheet
430Kb / 9P
   Chip RC Networks
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com