Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTE45-121C-502 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # PTE45-121C-502
Description  PTE Series Low Profi le Slide Potentiometer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PTE45-121C-502 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  PTE45-121C-502 Datasheet HTML 1Page - Bourns Electronic Solutions PTE45-121C-502 Datasheet HTML 2Page - Bourns Electronic Solutions PTE45-121C-502 Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
87.5 ± 0.1
(3.444 ± 0.004)
60.0 ± 0.5
(2.362 ± 0.020)
TRAVEL
72.0
(2.835)
30.0
(1.181)
20.0
(0.787)
0.5
(0.020)
80.0 ± 0.3
(3.150 ± 0.012)
87.0 ± 0.5
(3.425 ± 0.020)
1.5 +0.2/-0
(0.059 +0.008/-0)
DIA. 6 PLCS.
2.1
(0.083)
1.0
(0.039)
0.5
(0.020)
2
1
1’
3
3’
2’
MOUNTING
SURFACE
3.8
(0.150)
3.8
(0.150)
5.0 ± 0.2
(0.197 ± 0.008)
4.0 +0/-0.1
(0.157 +0/-0.004)
8.0
(0.315)
1.2 ± 0.05
(0.047 ± 0.002)
10.0 ± 0.1
(0.394 ± 0.004)
L ± 0.5
(L ± 0.020)
4.1
(0.161)
0.3
(0.012)
R
0.5
(0.020)
R
10.0 ± 0.5
(0.394 ± 0.020)
11.25 ± 0.1
(0.443 ± 0.004)
3.75 ± 0.1
(0.148 ± 0.004)
2.8
(0.110)
16.0 ± 0.5
(0.630 ± 0.020)
M3
2 PLCS.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
PTE Series Low Profile Slide Potentiometer
Product Dimensions
Tapers
60 mm Length of Travel
Lever End Style “A”
DIMENSIONS:
MM
(INCHES)
Lever
Length
15.0
(.591)
20.0
(.787)
010
10
20
20
30
30
40
40
50
50
60
60
70
70
80
80
90
90
100
100
A Series Tapers
Terminal 1
Terminal 3
Rotational Travel (%)
(05A);A1
(10A);A2
(15A);A3
(20A);A4
(25A);A5
(30A);A6
010
10
20
20
30
30
40
40
50
50
60
60
70
70
80
80
90
90
100
100
B Series Tapers
Terminal 1
Terminal 3
Rotational Travel (%)
(5B);B5
010
10
20
20
30
30
40
40
50
50
60
60
70
70
80
80
90
90
100
100
C Series Tapers
Terminal 1
Terminal 3
Rotational Travel (%)
(05C);C1
(10
C);C2
(15C);C3
(20C);C4
(25
C);C5
(30C);C6
Applications
Mixing consoles
Drum machines
Keyboards and synthesizers
Equalizers


Similar Part No. - PTE45-121C-502

ManufacturerPart #DatasheetDescription
logo
celduc-relais
PTE41320 CELDUC-PTE41320 Datasheet
491Kb / 3P
   MAGNETIC PROXIMITY SENSOR
PTE41321 CELDUC-PTE41321 Datasheet
491Kb / 3P
   MAGNETIC PROXIMITY SENSOR
More results

Similar Description - PTE45-121C-502

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PTA1543-2010DPB203 BOURNS-PTA1543-2010DPB203_14 Datasheet
374Kb / 2P
   Low Profi le Slide Potentiometer
PTB0143-2010BPA102 BOURNS-PTB0143-2010BPA102 Datasheet
320Kb / 2P
   Low Profi le Slide Potentiometer
PTA6043-2015DPB103 BOURNS-PTA6043-2015DPB103 Datasheet
373Kb / 2P
   PTA Series - Low Profi le Slide Potentiometer
PEC11L BOURNS-PEC11L_13 Datasheet
220Kb / 2P
   11 mm Low Profi le Encoder
logo
Power System Technology
FAB0502019 PST-FAB0502019 Datasheet
237Kb / 3P
   Chassis mounting applications, low profi le
logo
Bourns Electronic Solut...
PEC11L BOURNS-PEC11L Datasheet
212Kb / 2P
   PEC11L Series - 11 mm Low Profi le Encoder
logo
TDK Electronics
SWS600L TDK-SWS600L Datasheet
397Kb / 2P
   Single Output Low Profi le Power Supplies
logo
Cornell Dubilier Electr...
944U CDE-944U Datasheet
267Kb / 4P
   High Current, Low Profi le for Inverter Applications
logo
Bourns Electronic Solut...
4310R-102-332 BOURNS-4310R-102-332 Datasheet
208Kb / 2P
   Low profi le provides compatibility with DIPs
logo
Visual Communications C...
LPCM VCC-LPCM Datasheet
1Mb / 1P
   Low Profi le, Panel Flush Light Pipe
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com