Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9422CSJ504 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # 9422CSJ504
Description  Accurate and reliable control of motors
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

9422CSJ504 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button 9422CSJ504 Datasheet HTML 3Page - List of Unclassifed Manufacturers 9422CSJ504 Datasheet HTML 4Page - List of Unclassifed Manufacturers 9422CSJ504 Datasheet HTML 5Page - List of Unclassifed Manufacturers 9422CSJ504 Datasheet HTML 6Page - List of Unclassifed Manufacturers 9422CSJ504 Datasheet HTML 7Page - List of Unclassifed Manufacturers 9422CSJ504 Datasheet HTML 8Page - List of Unclassifed Manufacturers 9422CSJ504 Datasheet HTML 9Page - List of Unclassifed Manufacturers 9422CSJ504 Datasheet HTML 10Page - List of Unclassifed Manufacturers 9422CSJ504 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
For other versions, please consult with your localSchneider Electric /
Square D sales office: visit www.us.telemanique.com.
5/6
5
Maximum number of auxiliary contacts that can be fitted
Contactors
Instantaneous auxiliary contact blocks
Time delay
Type
Number of poles and size
Side mounting
Front mounting
Front mounting
1 contact
2 contacts
4 contacts
AC
3PLC1D09–D38
1 on LH side and
-
1
or 1
or 1
LC1D40–D95(50/60 Hz)
1 on each side or
2
and 1
or 1
or 1
LC1D40–D95 (50 or 60 Hz)
1 on each side and 2
and 1
or 1
or 1
LC1D115 and D150
1 on LH side
-
and 1
or 1
or 1
4PLC1DT20–DT40
1 on LH side
-
1
or 1
or 1
LC1D65and D80
1 on each side or
1
or 1
or 1
or 1
LC1D115
1 on each side and 1
or 1
or 1
or 1
DC
3PLC1D09–D38
-
-
1
or 1
or 1
LC1D40–D95
-
1
or 1
or 1
or 1
LC1D115 and D150
1 on LH side and
-
1
or 1
or 1
4PLC1DT20–DT40
-
-
1
or 1
or 1
LP1D65 and D80
-
2
and 1
or 1
or 1
LC1D115
1 on each side
-
and 1
or 1
or 1
Low Consumption
3PLC1D09–D38
--1
--
4PLC1DT20–DT40
--1
Auxiliary contact blocks
instantaneous, for connection by screw clamp terminals
time delay
front mounting
side mounting
front mounting
Composition
Catalognumber
Composition
Catalognumber
Composition
Catalognumber
Composition
Catalognumber
Type
Range
Catalognumber
N.O. N.C.
N.O. N.C.
N.O. N.C.
N.O. N.C.
1-
LADN10
11
LADN11
22
LADN22
11
LAD8N11
On-delay
0.1–3 s
LADT0
-1
LADN01
2-
LADN20
13
LADN13
2-
LAD8N20
0.1–30 s
LADT2
-2
LADN02
4-
LADN40
-2
LAD8N02
10–180 s
LADT4
-4
LADN04
Off-delay
0.1–3 s
LADR0
31
LADN31
0.1–30 s
LADR2
10–180 s
LADR4
Te
Sys
D-line
Contactors
0.5–125 Hp


Similar Part No. - 9422CSJ504

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
9422CSJ504 SCHNEIDER-9422CSJ504 Datasheet
112Kb / 2P
   Disconnect mechanism, circuit breaker, cable operated, 600A, 4 pole, PowerPact D and L breaker, 60 inch cable
More results

Similar Description - 9422CSJ504

ManufacturerPart #DatasheetDescription
logo
ELMOS Semiconductor AG
E910.94 ELMOS-E910.94 Datasheet
128Kb / 1P
   Sensorless speed control of DC-motors
E910.40 ELMOS-E910.40 Datasheet
129Kb / 1P
   Sensorless position control of DC-motors
logo
NXP Semiconductors
KMZ41 NXP-KMZ41_10 Datasheet
244Kb / 10P
   Magnetic field sensor Accurate and reliable angle measurement
Rev. 6-18 November 2010
logo
QUARTZCOM the communica...
TX7-705CM-SQ-COSA QUARTZCOM-TX7-705CM-SQ-COSA Datasheet
183Kb / 2P
   Analogue compensated high accurate and reliable CMOS SMD TCXO
logo
ELMOS Semiconductor AG
E910.71 ELMOS-E910.71 Datasheet
136Kb / 1P
   Sensorless position control of DC-motors, with drivers
logo
STMicroelectronics
AN2502 STMICROELECTRONICS-AN2502 Datasheet
94Kb / 9P
   Enhanced sensorless startup control of BLDC motors using ST7FMC
logo
Amphenol Corporation
NDK102C2R1 AMPHENOL-NDK102C2R1 Datasheet
74Kb / 2P
   Designed for accurate temperature measurement, control and compensation
NK501C2 AMPHENOL-NK501C2 Datasheet
67Kb / 2P
   Designed for accurate temperature measurement, control and compensation
logo
TDK Electronics
HVC4223F TDK-HVC4223F Datasheet
548Kb / 5P
   Motor Drivers for Control of BLDC, BDC, or Stepper Motors
July 9, 2021
logo
PHOENIX CONTACT
1424661 PHOENIX-1424661 Datasheet
89Kb / 4P
   Reliable and quick connection of electric cables
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com