Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GJM0335C1E5R1DB01D Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # GJM0335C1E5R1DB01D
Description  Application Specifi c Capacitors High Frequency Ceramic Capacitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GJM0335C1E5R1DB01D Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  GJM0335C1E5R1DB01D Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. GJM0335C1E5R1DB01D Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. GJM0335C1E5R1DB01D Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. GJM0335C1E5R1DB01D Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GJM0335C1E5R1DB01D Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GJM0335C1E5R1DB01D Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GJM0335C1E5R1DB01D Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GJM0335C1E5R1DB01D Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GJM0335C1E5R1DB01D Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Innovator in Electronics – 7
C-29-C
www .m
urata.com
Individual Specification Code
Product ID
Series
Dimension (LxW)
Dimension (T)
Temperature Characteristics
Rated Voltage
Capacitance
Capacitance Tolerance
Packaging
Code
Product
GJ
High Frequency
Low Loss Type
Code
Dimension (LxW)
03
0.6x0.3mm
15
1.0x0.5mm
Code
Dimension (T)
3
0.3mm
5
0.5mm
Code
Capacitance
R10
0.1pF
1R0
1pF
100
10pF
Code Rated Voltage
0J
DC 6.3V
1H
DC 50V
Code
TC
Temp.Coefficient
Operating Temp. Range
5C
C0G
0+/-30ppm/°C
-55 to 125°C
6C
C0H
0+/-60ppm/°C
-55 to 125°C
Code
Cap. Tol.
TC
W
+/-0.05pF C0G, C0H (under 10pF)
B
+/-0.1pF
C0G, C0H (under 10pF)
C
+/-0.25pF C0G, C0H (under 10pF)
D
+/-0.5pF
C0G, C0H (5.1 to 9.1pF)
F
+/-1%
C0G, C0H (10pF & over)
G
+/-2%
C0G, C0H (10pF & over)
J
+/-5%
C0G, C0H (10pF & over)
1E
DC 25V
1H
DC 50V
D
+/-0.5pF
C0G, C0H (5.1pF - 9.9pF)
G
+/-2%
C0G, C0H (10pF & over)
J
+/-5%
C0G, C0H (10pF & over)
Code
Product
M
Tin Plated
Termination
Code
Packaging
B
Bulk in nylon bag
D
180mm Paper Taping
High Frequency / High Q GJM Series
Global Part Numbering
GJ M 03 3 5C 1E 1R0 C B01 D
Chip Dimensions Table
Series EIA size
L
W
T
e
g min.
GJM03
0201
0.6+/-0.03 0.3+/-0.03 0.3+/-0.03 0.1 to 0.2
0.2
GJM15
0402
1.0+/-0.05 0.5+/-0.05 0.5+/-0.05 0.15 to 0.3
0.4
Re-Flow Soldering
Series
a
b
c
GJM03 0.2 ~ 0.3 0.2 ~ 0.35 0.2 ~ 0.4
GJM15 0.3 ~ 0.5 0.35 ~ 0.45 0.4 ~ 0.6
)
T
(
n
o
i
s
n
e
m
i
D
:-
4
-
)
W
x
L
(
n
o
i
s
n
e
m
i
D
:-
3
-
s
e
ir
e
S
:-
2
-
D
I
t
c
u
d
o
r
P
:-
1
-
Code
Product
Code
Product
Code
Dimension (LxW)
Code Dimension (T)
GJ
High Frequency Low Loss Type
M
Tin Plated Termination
03 0.6x0.3mm (EIA:0201)
3
0.3mm
15 1.0x0.5mm (EIA:0402)
5
0.5mm
-1- -2- -3- -4- -5-
-6-
-7- -8- -9- -10-
GJ M 03 3 5C 1E 1R0 C B01 D
-5-:Temperature Characteristics
-6-:Rated Voltage
-7-:Capacitance
-8-:Capacitance Tolerance
Code TC Temp.Range
Cap Change
Code Rated Voltage
Code Capacitance
Code Cap. Tol.
TC
5C C0G -55 to 125C
0+/-30ppm/C
1A
DC 10V
R10
0.1pF
W +/-0.05pF
C0G (5pF & under)
6C C0H -55 to 125C
0+/-60ppm/C
1C
DC 16V
1R0
1pF
B
+/-0.1pF C0G, C0H (under 10pF)
1E
DC 25V
100
10pF
C +/-0.25pF C0G, C0H (under 10pF)
-9-:Individual Specification Code
-10-:Packaging
Code
Packaging
B
Bulk in nyron bag
D
? 178mm Paper Taping
Mass Production
Capacitance Range
Unit: mm
Chip Structure
Chip Dimensions
Inner Electrode (Cu)
Sn
Ni
Cu
Ceramics
L
T
e
e
g
Chip Capacitor
c
b
a
Land
Solder
Resist
Land Pattern Dimensions
Dielectric
(Ceramic)
Plating
(Sn)
Barrier
(Ni)
Termination
(Cu)
Inner Electrode
(Cu)
Dielectric
(Ceramic)
Plating
(Sn)
Barrier
(Ni)
Termination
(Cu)
Inner Electrode
(Cu)
Series
TC
WV
Capacitance Range
1pF
10pF
100pF
pF
GJM03
C0G
25
0.2 - 6.8pF
C0H
25
7 - 20pF
C0G
6.3
22 - 33pF
GJM15
C0G
50
0.1 - 20pF
Mass Production
Applic Ation Speci F ic cA pA cit or S
High Frequency Ceramic Capacitors
GJM Data Sheet


Similar Part No. - GJM0335C1E5R1DB01D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GJM0335C1E5R1DB01D MURATA-GJM0335C1E5R1DB01D Datasheet
356Kb / 19P
   Chip Monolithic Ceramic Capacitors
More results

Similar Description - GJM0335C1E5R1DB01D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
ERB1885C2E100GDX5D MURATA-ERB1885C2E100GDX5D Datasheet
2Mb / 20P
   Application Spec ifi c Capacitors High Frequency Ceramic Capacitors
GQM1885C1H101JB01D MURATA-GQM1885C1H101JB01D Datasheet
1Mb / 30P
   Application Specific Capacitors High Frequency Ceramic Capacitors ??GQM Series
MA18101 MURATA-MA18101 Datasheet
240Kb / 6P
   HIGH FREQUENCY CERAMIC CAPACITORS
logo
Murata Manufacturing Co...
ERB1885C2D100RDX1D MURATA1-ERB1885C2D100RDX1D Datasheet
2Mb / 20P
   High Frequency Ceramic Capacitors
logo
Johanson Technology Inc...
201R15C101JV4E JOHANSON-201R15C101JV4E Datasheet
393Kb / 5P
   C-SERIES HIGH FREQUENCY CHIP CAPACITORS
logo
List of Unclassifed Man...
201R15C ETC1-201R15C Datasheet
172Kb / 5P
   C-SERIES HIGH FREQUENCY CHIP CAPACITORS
MHP3150 ETC1-MHP3150 Datasheet
564Kb / 5P
   High Frequency Poser Ceramic Capacitors
MHP1151 ETC1-MHP1151 Datasheet
555Kb / 5P
   High Frequency Power Ceramic Capacitors
logo
Taiyo Yuden (U.S.A.), I...
TMF212B7104KGHT TAIYO-YUDEN-TMF212B7104KGHT Datasheet
402Kb / 3P
   High Reliability (Automotive) Application Multilayer Ceramic Capacitors
UMF212B7224KGHT TAIYO-YUDEN-UMF212B7224KGHT Datasheet
402Kb / 3P
   High Reliability (Automotive) Application Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com