Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

27C800 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # 27C800
Description  8-Megabit 512K x 16 or 1024K x 8 UV Erasable EPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

27C800 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button 27C800 Datasheet HTML 2Page - ATMEL Corporation 27C800 Datasheet HTML 3Page - ATMEL Corporation 27C800 Datasheet HTML 4Page - ATMEL Corporation 27C800 Datasheet HTML 5Page - ATMEL Corporation 27C800 Datasheet HTML 6Page - ATMEL Corporation 27C800 Datasheet HTML 7Page - ATMEL Corporation 27C800 Datasheet HTML 8Page - ATMEL Corporation 27C800 Datasheet HTML 9Page - ATMEL Corporation 27C800 Datasheet HTML 10Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
AT27C800
6
Output Test Load
Note:
1.
CL = 100 pF including
jig capacitance.
Pin Capaticance (f = 1 MHz, T = 25
°V)(1)
Note:
1. Typical values for nominal supply voltage. This parameter is only sampled and is not 100% tested.
Typ
Max
Units
Conditions
C
IN
410
pF
V
IN = 0V
C
OUT
812
pF
V
OUT = 0V
Input Test Waveforms and Measurement Levels
t
R, tF < 20 ns (10% to 90%)


Similar Part No. - 27C800

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
27C800 STMICROELECTRONICS-27C800 Datasheet
171Kb / 18P
   8 Mbit 1Mb x8 or 512Kb x16 UV EPROM and OTP EPROM
logo
Macronix International
27C800 MCNIX-27C800 Datasheet
936Kb / 15P
   8M-BIT [1M x8] CMOS EPROM
27C8000-10 MCNIX-27C8000-10 Datasheet
985Kb / 15P
   8M-BIT [1M x8] CMOS EPROM
27C8000-12 MCNIX-27C8000-12 Datasheet
985Kb / 15P
   8M-BIT [1M x8] CMOS EPROM
27C8000-15 MCNIX-27C8000-15 Datasheet
985Kb / 15P
   8M-BIT [1M x8] CMOS EPROM
More results

Similar Description - 27C800

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C080 ATMEL-AT27C080 Datasheet
167Kb / 10P
   8-Megabit 1M x 8 UV Erasable CMOS EPROM
AT27BV800 ATMEL-AT27BV800 Datasheet
260Kb / 11P
   8-Megabit 512K x 16 or 1024K x 8 Unregulated Battery-Voltage High Speed OTP EPROM
AT27C400 ATMEL-AT27C400 Datasheet
184Kb / 10P
   4-Megabit 256K x 16 or 512K x 8 OTP EPROM
logo
Winbond
W27E040 WINBOND-W27E040 Datasheet
174Kb / 15P
   512K X 8 ELECTRICALLY ERASABLE EPROM
logo
Eon Silicon Solution In...
EN29LV800C EON-EN29LV800C Datasheet
1Mb / 40P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory
logo
STMicroelectronics
ST27C1001 STMICROELECTRONICS-ST27C1001 Datasheet
132Kb / 2P
   1024K ( 128K X 8 ) CMOS UV ERASABLE PROM
logo
Cypress Semiconductor
CY14B108L CYPRESS-CY14B108L Datasheet
860Kb / 24P
   8 Mbit (1024K x 8/512K x 16) nvSRAM
logo
STMicroelectronics
M27512 STMICROELECTRONICS-M27512 Datasheet
90Kb / 11P
   NMOS 512K 64K x 8 UV EPROM
logo
Cypress Semiconductor
CY14E108L CYPRESS-CY14E108L Datasheet
611Kb / 20P
   8 Mbit (1024K x 8/512K x 16) nvSRAM
logo
ATMEL Corporation
97314 ATMEL-97314 Datasheet
306Kb / 14P
   4-Megabit (512K x 8) otp eprom
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com