Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT27C080-15JI Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT27C080-15JI
Description  8-Megabit 1M x 8 UV Erasable CMOS EPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C080-15JI Datasheet(HTML) 2 Page - ATMEL Corporation

  AT27C080-15JI Datasheet HTML 1Page - ATMEL Corporation AT27C080-15JI Datasheet HTML 2Page - ATMEL Corporation AT27C080-15JI Datasheet HTML 3Page - ATMEL Corporation AT27C080-15JI Datasheet HTML 4Page - ATMEL Corporation AT27C080-15JI Datasheet HTML 5Page - ATMEL Corporation AT27C080-15JI Datasheet HTML 6Page - ATMEL Corporation AT27C080-15JI Datasheet HTML 7Page - ATMEL Corporation AT27C080-15JI Datasheet HTML 8Page - ATMEL Corporation AT27C080-15JI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
AT27C080
2
The AT27C080 is available in a choice of packages, includ-
ing; one-time programmable (OTP) plastic PLCC, PDIP,
SOIC (SOP), and TSOP, as well as windowed ceramic
Cerdip. All devices feature two-line control (CE, OE) to give
designers the flexibility to prevent bus contention.
With h igh dens ity 1M byte s torage capabi lity, the
AT27C080 allows firmware to be stored reliably and to be
accessed by the system without the delays of mass storage
media.
Atmel’s 27C080 has additional features to ensure high
quality and efficient production use. The Rapid
Program-
ming Algorithm reduces the time required to program the
part and guarantees reliable programming. Programming
time is typically only 50
µs/byte. The Integrated Product
Identification Code electronically identifies the device and
manufacturer. This feature is used by industry standard
programming equipment to select the proper programming
algorithms and voltages.
Erasure Characteristics
The entire memory array of the AT27C080 is erased (all
outputs read as V
OH) after exposure to ultraviolet light at a
wavelength of 2,537Å. Complete erasure is assured after a
minimum of 20 minutes of exposure using 12,000
µW/cm2
intensity lamps spaced one inch away from the chip. Mini-
mum erase time for lamps at other intensity ratings can be
calculated from the minimum integrated erasure dose of 15
W.sec/cm
2. To prevent unintentional erasure, an opaque
label is recommended to cover the clear window on any UV
erasable EPROM that will be subjected to continuous
flourescent indoor lighting or sunlight.
System Considerations
Switching between active and standby conditions via the
Chip Enable pin may produce transient voltage excursions.
Unless accommodated by the system design, these tran-
sients may exceed data sheet limits, resulting in device
non-conformance. At a minimum, a 0.1
µF high frequency,
low inherent inductance, ceramic capacitor should be uti-
lized for each device. This capacitor should be connected
between the V
CC and Ground terminals of the device, as
close to the device as possible. Additionally, to stabilize the
supply voltage level on printed circuit boards with large
EPROM arrays, a 4.7
µF bulk electrolytic capacitor should
be utilized, again connected between the VCC and Ground
terminals. This capacitor should be positioned as close as
possible to the point where the power supply is connected
to the array.


Similar Part No. - AT27C080-15JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C080-90JI ATMEL-AT27C080-90JI Datasheet
352Kb / 14P
   8-Megabit (1M x 8) OTP EPROM
AT27C080-90JU ATMEL-AT27C080-90JU Datasheet
352Kb / 14P
   8-Megabit (1M x 8) OTP EPROM
AT27C080-90PI ATMEL-AT27C080-90PI Datasheet
352Kb / 14P
   8-Megabit (1M x 8) OTP EPROM
AT27C080-90PU ATMEL-AT27C080-90PU Datasheet
352Kb / 14P
   8-Megabit (1M x 8) OTP EPROM
AT27C080-90TI ATMEL-AT27C080-90TI Datasheet
352Kb / 14P
   8-Megabit (1M x 8) OTP EPROM
More results

Similar Description - AT27C080-15JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C800 ATMEL-AT27C800 Datasheet
177Kb / 10P
   8-Megabit 512K x 16 or 1024K x 8 UV Erasable EPROM
AT27C080 ATMEL-AT27C080_07 Datasheet
352Kb / 14P
   8-Megabit (1M x 8) OTP EPROM
logo
Fairchild Semiconductor
NM27C020 FAIRCHILD-NM27C020 Datasheet
119Kb / 14P
   2,097,152-Bit (256K x 8) UV Erasable CMOS EPROM
logo
Macronix International
MX27C1000 MCNIX-MX27C1000 Datasheet
997Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1000A MCNIX-MX27C1000A Datasheet
960Kb / 15P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1001 MCNIX-MX27C1001 Datasheet
91Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
logo
STMicroelectronics
ST27C1001 STMICROELECTRONICS-ST27C1001 Datasheet
132Kb / 2P
   1024K ( 128K X 8 ) CMOS UV ERASABLE PROM
logo
Winbond
W27E512 WINBOND-W27E512 Datasheet
191Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27LE520 WINBOND-W27LE520 Datasheet
104Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
logo
ATMEL Corporation
AT27C010 ATMEL-AT27C010 Datasheet
256Kb / 9P
   1 Megabit 128K x 8 OTP CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com