Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QS18VN6CV45 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # QS18VN6CV45
Description  WORLD-BEAM QS18
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

QS18VN6CV45 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  QS18VN6CV45 Datasheet HTML 1Page - List of Unclassifed Manufacturers QS18VN6CV45 Datasheet HTML 2Page - List of Unclassifed Manufacturers QS18VN6CV45 Datasheet HTML 3Page - List of Unclassifed Manufacturers QS18VN6CV45 Datasheet HTML 4Page - List of Unclassifed Manufacturers QS18VN6CV45 Datasheet HTML 5Page - List of Unclassifed Manufacturers QS18VN6CV45 Datasheet HTML 6Page - List of Unclassifed Manufacturers QS18VN6CV45 Datasheet HTML 7Page - List of Unclassifed Manufacturers QS18VN6CV45 Datasheet HTML 8Page - List of Unclassifed Manufacturers QS18VN6CV45 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Performance Curves
Opposed Mode
Excess Gain Curve
Beam Pattern
Excess Gain Curve
Beam Pattern
1
10
100
1 m
3.3 ft
10 m
33 ft
100 m
330 ft
0.1 m
0.3 ft
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
QS186E, EV and
QS18...R
Opposed Mode
20 m
66 ft
16 m
52 ft
12 m
40 ft
8 m
26 ft
4 m
12 ft
0
0
250 mm
500 mm
750 mm
250 mm
500 mm
750 mm
0
10 in
20 in
30 in
10 in
20 in
30 in
DISTANCE
QS186E, EV and QS18...R
Opposed Mode
1
10
100
0.1 m
0.33 ft
1 m
3.3 ft
10 m
33 ft
0.01 m
0.03 ft
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
QS186EB and
QS18...RB
Opposed Mode
3.75 m
12.5 ft
3.0 m
10 ft
2.25 m
7.5 ft
1.5 m
5 ft
.75 m
2.5 ft
0
0
150 mm
300 mm
450 mm
150 mm
300 mm
450 mm
0
6 in
12 in
18 in
6 in
12 in
18 in
DISTANCE
QS186EB and QS18...RB
Opposed Mode
Polarized Retroreflective
Retroreflective
Excess Gain Curve
Beam Pattern
Excess Gain Curve
Beam Pattern
1
10
100
0.1 m
0.33 ft
1 m
3.3 ft
10 m
33 ft
0.01 m
0.03 ft
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
QS18...LP
Retroreflective Mode
with BRT-84 Reflector
3.75 m
12.5 ft
3.0 m
10 ft
2.25 m
7.5 ft
1.5 m
5 ft
.75 m
2.5 ft
0
0
10 mm
20 mm
30 mm
10 mm
20 mm
30 mm
0
0.4 in
0.8 in
1.2 in
0.4 in
0.8 in
1.2 in
DISTANCE
QS18...LP
Retroreflective Mode
with BRT-84 Reflector
1
10
100
0.1 m
0.33 ft
1 m
3.3 ft
10 m
33 ft
0.01 m
0.03 ft
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
QS18...LV
Retroreflective Mode
with BRT-84 Reflector
7.5 m
25 ft
6.0 m
20 ft
4.5 m
15 ft
3.0 m
10 ft
1.5 m
5 ft
0
0
50 mm
100 mm
150 mm
50 mm
100 mm
150 mm
0
2 in
4 in
6 in
2 in
4 in
6 in
DISTANCE
QS18...LV
Retroreflective Mode
with BRT-84 Reflector
Convergent (Performance is based on a 90% reflectance white test card.)
Excess Gain Curve
Beam Pattern
Excess Gain Curve
Beam Pattern
1
10
100
10 mm
0.4 in
100 mm
4.0 in
1000 mm
40.0 in
1 mm
0.04 in
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
QS18...CV15
Convergent Mode
50 mm
2.0 in
40 mm
1.6 in
30 mm
1.2 in
20 mm
0.8 in
10 mm
0.4 in
0
0
2 mm
4 mm
6 mm
2 mm
4 mm
6 mm
0
.08 in
.16 in
.24 in
.08 in
.16 in
.24 in
DISTANCE
Convergent Mode
QS18...CV15
1
10
100
10 mm
0.4 in
100 mm
4.0 in
1000 mm
40.0 in
1 mm
0.04 in
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
QS18...CV45
Convergent Mode
75 mm
3.0 in
60 mm
2.4 in
45 mm
1.8 in
30 mm
1.2 in
15 mm
0.6 in
0
0
2 mm
4 mm
6 mm
2 mm
4 mm
6 mm
0
.08 in
.16 in
.24 in
.08 in
.16 in
.24 in
DISTANCE
Convergent Mode
QS18...CV45
WORLD-BEAM QS18
P/N 63908 Rev. H
www.bannerengineering.com - tel: 763-544-3164
5


Similar Part No. - QS18VN6CV45

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QS18VN6CV45 ETC2-QS18VN6CV45 Datasheet
709Kb / 10P
   Miniature self-contained photoelectric sensors in universal housing
QS18VN6CV45 ETC2-QS18VN6CV45 Datasheet
7Mb / 42P
   Universal photoelectric family offers 18 mm threaded lens or side mounts
QS18VN6CV45 ETC2-QS18VN6CV45 Datasheet
709Kb / 10P
   Miniature self-contained photoelectric sensors in universal housing
QS18VN6CV45Q8 ETC2-QS18VN6CV45Q8 Datasheet
7Mb / 42P
   Universal photoelectric family offers 18 mm threaded lens or side mounts
More results

Similar Description - QS18VN6CV45

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QS186LEQ8 ETC2-QS186LEQ8 Datasheet
448Kb / 8P
   WORLD-BEAM QS186LE Laser Emitter
logo
Banner Engineering Corp...
QS18U BANNER-QS18U Datasheet
536Kb / 9P
   WORLD-BEAM QS18U Ultrasonic Sensors
logo
List of Unclassifed Man...
QS18UPA ETC2-QS18UPA Datasheet
591Kb / 10P
   WORLD-BEAM QS18U Ultrasonic Sensors
logo
TRIAD MAGNETICS
VPT18-2780 TRIAD-VPT18-2780 Datasheet
239Kb / 1P
   TOROIDAL WORLD SERIES
VPT18-8800 TRIAD-VPT18-8800 Datasheet
239Kb / 1P
   TOROIDAL WORLD SERIES
VPT24-1040 TRIAD-VPT24-1040 Datasheet
239Kb / 1P
   TOROIDAL WORLD SERIES
VPT36-2780 TRIAD-VPT36-2780 Datasheet
239Kb / 1P
   TOROIDAL WORLD SERIES
VPT48-1040 TRIAD-VPT48-1040 Datasheet
239Kb / 1P
   TOROIDAL WORLD SERIES
VPT48-10400 TRIAD-VPT48-10400 Datasheet
239Kb / 1P
   TOROIDAL WORLD SERIES
VPT230-220 TRIAD-VPT230-220 Datasheet
239Kb / 1P
   TOROIDAL WORLD SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com