Electronic Components Datasheet Search |
|
4306H-102-222DLF Datasheet(PDF) 2 Page - Bourns Electronic Solutions |
|
4306H-102-222DLF Datasheet(HTML) 2 Page - Bourns Electronic Solutions |
2 / 2 page 10 1 1 8 R2 R1 R2 R1 R2 R1 R2 R1 R2 R1 R2 R1 8 6 1 4306 4308 4310 4304 4306 4308 68 10 4310 4 4304 4 Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. 4300H Series - Thick Film Molded SIPs REV. 05/12 For information on specific applications, download Bourns’ application notes: ■ DRAM Applications ■ Dual Terminator Resistor Networks ■ R/2R Ladder Networks ■ SCSI Applications Isolated Resistors (102 Circuit) Model 4304H-102-RC (4 Pin) Model 4306H-102-RC (6 Pin) Model 4308H-102-RC (8 Pin) Model 4310H-102-RC (10 Pin) Bussed Resistors (101 Circuit) Model 4304H-101-RC (4 Pin) Model 4306H-101-RC (6 Pin) Model 4308H-101-RC (8 Pin) Model 4310H-101-RC (10 Pin) Dual Terminator (104 Circuit) Model 4304H-104-R1/R2 Model 4306H-104-R1/R2 Model 4308H-104-R1/R2 (shown) Model 4310H-104-R1/R2 These models incorporate 2, 3, 4 or 5 isolated thick-film resistors of equal value, each connected between two pins. Resistance Tolerance 10 ohms to 49 ohms ................... ±1 ohm 50 ohms to 5 megohms ................ ±2 %* Above 5 megohms..........................±5 % Power Rating per Resistor At 70 °C .................................. 0.50 watt Power Temperature Derating Curve These models incorporate 3, 5, 7, or 9 thick-film resistors of equal value, each connected between a common bus (pin 1) and a separate pin. Resistance Tolerance 10 ohms to 49 ohms ................... ±1 ohm 50 ohms to 5 megohms ................ ±2 %* Above 5 megohms..........................±5 % Power Rating per Resistor At 70 °C .................................. 0.30 watt Power Temperature Derating Curve 4308H-104 (shown above) is an 8-pin configuration and terminates 6 lines. Pins 1 and 8 are common for ground and power, respectively. Twelve thick- film resistors are paired in series between the common lines (pins 1 and 8). Resistance Tolerance Below 100 ohms ....................... ±2 ohms 100 ohms to 5 megohms .............. ±2 %* Above 5 megohms..........................±5 % Power Rating per Resistor At 70 °C .................................. 0.30 watt Power Temperature Derating Curve Popular Resistance Values (101, 102 Circuits)** Ohms Code Ohms Code Ohms Code Ohms Code Ohms Code 10 100 180 181 1,800 182 15,000 153 120,000 124 22 220 220 221 2,000 202 18,000 183 150,000 154 27 270 270 271 2,200 222 20,000 203 180,000 184 33 330 330 331 2,700 272 22,000 223 220,000 224 39 390 390 391 3,300 332 27,000 273 270,000 274 47 470 470 471 3,900 392 33,000 333 330,000 334 56 560 560 561 4,700 472 39,000 393 390,000 394 68 680 680 681 5,600 562 47,000 473 470,000 474 82 820 820 821 6,800 682 56,000 563 560,000 564 100 101 1,000 102 8,200 822 68,000 683 680,000 684 120 121 1,200 122 10,000 103 82,000 823 820,000 824 150 151 1,500 152 12,000 123 100,000 104 1,000,000 105 * Add “F” after resistance code for ±1 % tolerance available from 100 Ω through 1M Ω, or add “D” after resistance code for ±0.5 % tolerance available from 100 Ω through 1M Ω. Part number suffix examples: -103 = 10K Ω, ±2 %; -103F = 10K Ω, ±1 %; -103D = 10K Ω, ±0.5 % ** Non-standard values available, within resistance range. Popular Resistance Values (104 Circuit)** Resistance Ohms Code R1 R2 R1 R2 160 240 161 241 180 390 181 391 220 270 221 271 220 330 221 331 330 390 331 391 330 470 331 471 3,000 6,200 302 622 AMBIENT TEMPERATURE ( C ) ° 0 70 125 .50 .40 .30 .20 .10 25 .60 .70 AMBIENT TEMPERATURE ( C ) ° 0 70 125 .50 .40 .30 .20 .10 25 .60 .70 AMBIENT TEMPERATURE ( C ) ° 0 70 125 .50 .40 .30 .20 .10 25 .60 .70 |
Similar Part No. - 4306H-102-222DLF |
|
Similar Description - 4306H-102-222DLF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |