Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4306M-104-222DLF Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 4306M-104-222DLF
Description  Thick Film Molded SIPs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

4306M-104-222DLF Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  4306M-104-222DLF Datasheet HTML 1Page - Bourns Electronic Solutions 4306M-104-222DLF Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
RoHS compliant* versions available (see
How to Order “Termination” option)
Medium profile offers increased power
handling
Compatible with automatic insertion
equipment
Superior package integrity
Now available with improved tolerance
to ±0.5 %
4300M Series - Thick Film Molded SIPs
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Product Characteristics
Resistance Range
.................... 10 ohms to 10 megohms
Maximum Operating Voltage .........100 V
Temperature Coefficient of Resistance
50
Ω to 2.2 megohms.....±100 ppm/°C
below 50
Ω.....................±250 ppm/°C
above 2.2 megohms....... ±250 ppm/°C
TCR Tracking.........................50 ppm/°C
maximum; equal values
Resistor Tolerance............... See circuits
Operating Temperature
................................-55 °C to +125 °C
Insulation Resistance
................ 10,000 megohms minimum
Dielectric Withstanding Voltage
...........................................200 VRMS
Lead Solderability ..... Meet requirements
of MIL-STD-202 Method 208
Environmental Characteristics
TESTS PER MIL-STD-202 ...... ∆R MAX.
Short Time Overload..................±0.25 %
Load Life....................................±1.00 %
Moisture Resistance ..................±0.50 %
Resistance to Soldering Heat
...............................................±0.25 %
Terminal Strength ......................±0.25 %
Thermal Shock ..........................±0.25 %
Physical Characteristics
Flammability ........ Conforms to UL94V-0
Lead Frame Material
.........................Copper, solder coated
Body Material.................. Novolac epoxy
Package Power Temp. Derating Curve
How To Order
43 06 M - 101 - 222 __ __
Model
(43 = Molded SIP)
Number of Pins
Physical Configuration
(M = Thick Film Medium
Profile)
Electrical Configuration
• 101 = Bussed
• 102 = Isolated
• 104 = Dual Terminator
Resistance Code
• First 2 digits are significant
• Third digit represents the
number of zeros to follow.
Resistance Tolerance
• Blank = ±2 % (see “Resistance Tolerance”
on next page for resistance range)
• F = ±1 % (100 ohms - 1 megohm)
• D = ±0.5 % (100 ohms - 1 megohm)
Terminations
• All electrical configurations EXCEPT 104:
LF = Tin-plated (RoHS compliant version)
• ONLY electrical configuration 104:
L = Tin-plated (RoHS compliant version)
• Blank = Tin/Lead-plated
Consult factory for other available options.
Product Dimensions
Package Power Rating at 70 °C
4304M.....................................0.60 watts
4306M.....................................0.90 watts
4308M.....................................1.20 watts
4310M.....................................1.50 watts
Typical Part Marking
Represents total content. Layout may
vary.
For Standard Values Used in
Capacitors, Inductors, and Resistors,
click here.
AMBIENT TEMPERATURE ( C )
°
0
70
125
3.50
3.00
2.50
2.00
1.50
1.00
.50
25
4308M
4306M
4304M
4310M
4310M-101 LF
-473
CYYWW
CIRCUIT
RoHS COMPLIANCY
INDICATOR
RESISTANCE
CODE
PIN ONE
INDICATOR
MANUFACTURER'S
TRADEMARK
COUNTRY OF MANUFACTURE
(C = COSTA RICA)
DATE CODE
PART
NUMBER
6.35
(.250)
MAX.
PIN #1 REF.
24.99
(.984)
MAX.
19.91
(.784)
MAX.
14.83
(.584)
MAX.
9.75
(.384)
MAX.
3.43 + .38/ - .25
(.135 + .015/ - .010)
1.02
.12
(.040
.005)
.483
.050
(.020
.002)
TYP.
2.54
.07
(.100
.003*)
TYP.
NON-ACCUM.
2.16
.10
(.085
.004)
1.02
.05
(.0425
.002)
.254
.050
(.010
.002)
Governing dimensions are in metric. Dimensions in parentheses
are inches and are approximate.
*Terminal centerline to centerline measurements made at point of
emergence of the lead from the body.
.407 + .102/ - .000
(.016 + .004/ - 000)
4310M
–101
LF
–473
C1127


Similar Part No. - 4306M-104-222DLF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
4306M-LF BOURNS-4306M-LF Datasheet
66Kb / 1P
   Networks
More results

Similar Description - 4306M-104-222DLF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
4300H BOURNS-4300H Datasheet
196Kb / 2P
   Thick Film Molded SIPs
4306H-101-222FLF BOURNS-4306H-101-222FLF Datasheet
212Kb / 2P
   Thick Film Molded SIPs
4300R BOURNS-4300R Datasheet
215Kb / 2P
   Thick Film Molded SIPs
4308R-102-224 BOURNS-4308R-102-224 Datasheet
208Kb / 2P
   4300R Series - Thick Film Molded SIPs
4308R-102-102 BOURNS-4308R-102-102 Datasheet
208Kb / 2P
   4300R Series - Thick Film Molded SIPs
4310R-101-105 BOURNS-4310R-101-105 Datasheet
208Kb / 2P
   4300R Series - Thick Film Molded SIPs
4310R-101-472 BOURNS-4310R-101-472 Datasheet
208Kb / 2P
   4300R Series - Thick Film Molded SIPs
4600X BOURNS-4600X Datasheet
245Kb / 2P
   Thick Film Conformal SIPs
4608X-101-821 BOURNS-4608X-101-821 Datasheet
220Kb / 2P
   Thick Film Conformal SIPs
4600H BOURNS-4600H Datasheet
245Kb / 2P
   Thick Film Conformal SIPs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com