Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTF456-083T502B2 Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # PTF456-083T502B2
Description  PTF Series Long Life Slide Potentiometer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PTF456-083T502B2 Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  PTF456-083T502B2 Datasheet HTML 1Page - Bourns Electronic Solutions PTF456-083T502B2 Datasheet HTML 2Page - Bourns Electronic Solutions PTF456-083T502B2 Datasheet HTML 3Page - Bourns Electronic Solutions PTF456-083T502B2 Datasheet HTML 4Page - Bourns Electronic Solutions PTF456-083T502B2 Datasheet HTML 5Page - Bourns Electronic Solutions PTF456-083T502B2 Datasheet HTML 6Page - Bourns Electronic Solutions PTF456-083T502B2 Datasheet HTML 7Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
110.0 ± 0.1
(4.331 ± 0.004)
120.0 ± 0.1
(4.724 ± 0.004)
2.0 +0.2/-0
(0.079 + 0.008/-0)
DIA. 6 PLCS.
2
2’
1
1’
3
3’
100.0 ± 1.0
(3.937 ± 0.039)
TRAVEL
4.0 +0/-0.1
(0.157 +0/-0.004)
6.0 ± 0.2
(0.236 ± 0.008)
0.5
(0.020)
1.2 ± 0.05
(0.047 ± 0.002)
3.0
(0.118)
7.1 ± 0.1
(0.280 ± 0.004)
1.9
(0.075)
9.0 ± 0.1
(0.354 ± 0.004)
9.0 ± 0.1
(0.354 ± 0.004)
6.0 ± 0.1
(0.236 ± 0.004)
115.0
(4.528)
120.0 ± 0.2
(4.724 ± 0.008)
128.0 ± 0.5
(5.039 ± 0.020)
M3 x 0.5
( M3x 0.020)
2 PLCS.
2.8
(0.110)
20.0 ± 0.5
(0.787 ± 0.020)
MOUNTING
SURFACE
1.5 ± 0.1
(0.059 ± 0.004)
2.8 ± 0.2
(0.110 ± 0.008)
3.5 ± 0.2
(0.138 ± 0.008)
L ± 0.5
(L ± 0.020)
10.5 ± 0.5
(0.413 ± 0.020)
10.0 ± 0.1
(0.394 ± 0.004)
14.0 ± 0.8
(0.551 ± 0.031)
2
2’
1
1’
3’
3
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
PTF Series Long Life Slide Potentiometer
Product Dimensions
100 mm Length of Travel
Lever End Style “A”
DIMENSIONS:
MM
(INCHES)
Mounting Hole Detail


Similar Part No. - PTF456-083T502B2

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PTF45-152A-103B2 BOURNS-PTF45-152A-103B2 Datasheet
544Kb / 7P
   Long Life Slide Potentiometer
More results

Similar Description - PTF456-083T502B2

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PTF BOURNS-PTF Datasheet
544Kb / 7P
   Long Life Slide Potentiometer
logo
Vishay Siliconix
P10L VISHAY-P10L_17 Datasheet
105Kb / 5P
   Long Life Potentiometer - 500 000 Cycles Miniature - Cermet - Fully Sealed
Revision: 04-Jul-17
P30L VISHAY-P30L_17 Datasheet
158Kb / 6P
   Long Life Potentiometer - 2 Million Cycles, Heavy Duty - Cermet, Fully Sealed
Revision: 04-Jul-17
P13L VISHAY-P13L Datasheet
152Kb / 7P
   Long Life Cermet Potentiometer up to 2 Million Cycles
Revision: 04-Jul-17
logo
Grayhill, Inc
68P GRAYHILL-68P Datasheet
905Kb / 2P
   Long Life Potentiometer Substitute
logo
Vishay Siliconix
RV4L VISHAY-RV4L Datasheet
113Kb / 5P
   Long Life / Heavy Duty Potentiometer
logo
Bourns Electronic Solut...
PDF24 BOURNS-PDF24 Datasheet
486Kb / 2P
   24 mm Long Life Potentiometer
logo
Vishay Siliconix
RV4L VISHAY-RV4L_V01 Datasheet
95Kb / 5P
   Long Life / Heavy Duty Potentiometer
01-Jan-2022
logo
Bourns Electronic Solut...
PDA24 BOURNS-PDA24 Datasheet
307Kb / 2P
   PDA24 - 24 mm Long Life Potentiometer
logo
Vishay Siliconix
P11L VISHAY-P11L Datasheet
216Kb / 13P
   Long Life Cermet Potentiometer 2 Million Cycles
Revision: 04-Jul-17
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com