Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT27LV256A-90 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT27LV256A-90
Description  256K 32K x 8 Low Voltage OTP CMOS EPROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27LV256A-90 Datasheet(HTML) 9 Page - ATMEL Corporation

  AT27LV256A-90 Datasheet HTML 1Page - ATMEL Corporation AT27LV256A-90 Datasheet HTML 2Page - ATMEL Corporation AT27LV256A-90 Datasheet HTML 3Page - ATMEL Corporation AT27LV256A-90 Datasheet HTML 4Page - ATMEL Corporation AT27LV256A-90 Datasheet HTML 5Page - ATMEL Corporation AT27LV256A-90 Datasheet HTML 6Page - ATMEL Corporation AT27LV256A-90 Datasheet HTML 7Page - ATMEL Corporation AT27LV256A-90 Datasheet HTML 8Page - ATMEL Corporation AT27LV256A-90 Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
tACC
(ns)
ICC (mA)
Ordering Code
Package
Operation Range
Active
Standby
70
8
0.02
AT27LV256A-70JC
32J
Commercial
AT27LV256A-70RC
28R
(0
°C to 70°C)
AT27LV256A-70TC
28T
8
0.02
AT27LV256A-70JI
32J
Industrial
AT27LV256A-70RI
28R
(-40
°C to 85°C)
AT27LV256A-70TI
28T
90
8
0.02
AT27LV256A-90JC
32J
Commercial
AT27LV256A-90RC
28R
(0
°C to 70°C)
AT27LV256A-90TC
28T
8
0.02
AT27LV256A-90JI
32J
Industrial
AT27LV256A-90RI
28R
(-40
°C to 85°C)
AT27LV256A-90TI
28T
120
8
0.02
AT27LV256A-12JC
32J
Commercial
AT27LV256A-12RC
28R
(0
°C to 70°C)
AT27LV256A-12TC
28T
8
0.02
AT27LV256A-12JI
32J
Industrial
AT27LV256A-12RI
28R
(-40
°C to 85°C)
AT27LV256A-12TI
28T
150
8
0.02
AT27LV256A-15JC
32J
Commercial
AT27LV256A-15RC
28R
(0
°C to 70°C)
AT27LV256A-15TC
28T
8
0.02
AT27LV256A-15JI
32J
Industrial
AT27LV256A-15RI
28R
(-40
°C to 85°C)
AT27LV256A-15TI
28T
Ordering Information
Package Type
32J
32 Lead, Plastic J-Leaded Chip Carrier (PLCC)
28R
28 Lead, 0.330" Wide, Plastic Gull Wing Small Outline (SOIC)
28T
28 Lead, Plastic Thin Small Outline Package (TSOP)
AT27LV256A
3-83


Similar Part No. - AT27LV256A-90

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27LV256A-90JI ATMEL-AT27LV256A-90JI Datasheet
406Kb / 15P
   256K (32K x 8) Low-voltage OTP EPROM
AT27LV256A-90JU ATMEL-AT27LV256A-90JU Datasheet
406Kb / 15P
   256K (32K x 8) Low-voltage OTP EPROM
AT27LV256A-90RI ATMEL-AT27LV256A-90RI Datasheet
406Kb / 15P
   256K (32K x 8) Low-voltage OTP EPROM
AT27LV256A-90RU ATMEL-AT27LV256A-90RU Datasheet
406Kb / 15P
   256K (32K x 8) Low-voltage OTP EPROM
AT27LV256A-90TI ATMEL-AT27LV256A-90TI Datasheet
406Kb / 15P
   256K (32K x 8) Low-voltage OTP EPROM
More results

Similar Description - AT27LV256A-90

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C256R ATMEL-AT27C256R Datasheet
251Kb / 9P
   256K 32K x 8 OTP CMOS EPROM
AT27LV256A ATMEL-AT27LV256A_07 Datasheet
406Kb / 15P
   256K (32K x 8) Low-voltage OTP EPROM
AT27C256R ATMEL-AT27C256R_07 Datasheet
415Kb / 15P
   256K (32K x 8) OTP EPROM
logo
Microchip Technology
27LV256 MICROCHIP-27LV256 Datasheet
64Kb / 12P
   256K (32K x 8) Low-Voltage CMOS EPROM
1996
27LV256 MICROCHIP-27LV256_04 Datasheet
132Kb / 10P
   256K (32K x 8) Low-Voltage CMOS EPROM
2004
logo
Maxwell Technologies
27C256T MAXWELL-27C256T Datasheet
126Kb / 14P
   256K (32K x 8-Bit) OTP EPROM
logo
AMIC Technology
A27020 AMICC-A27020_15 Datasheet
138Kb / 14P
   256K X 8 OTP CMOS EPROM
logo
Microchip Technology
27C256 MICROCHIP-27C256_04 Datasheet
91Kb / 10P
   256K (32K x 8) CMOS EPROM
2004
logo
AMIC Technology
A27020 AMICC-A27020 Datasheet
170Kb / 14P
   256K X 8 OTP CMOS EPROM
A27020A AMICC-A27020A Datasheet
175Kb / 14P
   256K X 8 OTP CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com