Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

27C4096 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # 27C4096
Description  4-Megabit 256K x 16 OTP EPROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

27C4096 Datasheet(HTML) 6 Page - ATMEL Corporation

  27C4096 Datasheet HTML 1Page - ATMEL Corporation 27C4096 Datasheet HTML 2Page - ATMEL Corporation 27C4096 Datasheet HTML 3Page - ATMEL Corporation 27C4096 Datasheet HTML 4Page - ATMEL Corporation 27C4096 Datasheet HTML 5Page - ATMEL Corporation 27C4096 Datasheet HTML 6Page - ATMEL Corporation 27C4096 Datasheet HTML 7Page - ATMEL Corporation 27C4096 Datasheet HTML 8Page - ATMEL Corporation 27C4096 Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
AT27C4096
6
Programming Waveforms(1)
Notes:
1.
The Input Timing Reference is 0.8V for VIL and 2.0V for VIH.
2.
tOE and tDFP are characteristics of the device but must be accommodated by the programmer.
3.
When programming the AT27C4096, a 0.1
µF capacitor is required across V
PP and ground to suppress spurious voltage
transients.
DC Programming Characteristics
TA = 25 ± 5°C, VCC = 6.5 ± 0.25V, VPP = 13.0 ± 0.25V
Limits
Symbol
Parameter
Test Conditions
Min
Max
Units
ILI
Input Load Current
VIN = VIL, VIH
±10
µA
VIL
Input Low Level
-0.6
0.8
V
VIH
Input High Level
2.0
VCC + 0.7
V
VOL
Output Low Voltage
IOL = 2.1 mA
0.4
V
VOH
Output High Voltage
IOH = -400 µA2.4
V
ICC2
VCC Supply Current
(Program and Verify)
50
mA
IPP2
VPP Supply Current
CE = VIL
30
mA
VID
A9 Product Identification Voltage
11.5
12.5
V


Similar Part No. - 27C4096

ManufacturerPart #DatasheetDescription
logo
Winbond
27C4096 WINBOND-27C4096 Datasheet
230Kb / 15P
   256K X 16 ELECTRICALLY ERASABLE EPROM
logo
Advanced Micro Devices
27C4096 AMD-27C4096 Datasheet
165Kb / 12P
   4 Megabit (256 K x 16-Bit) CMOS EPROM
logo
Macronix International
27C4096 MCNIX-27C4096 Datasheet
785Kb / 18P
   4M-BIT [512K x 8/256K x 16] CMOS EPROM
27C4096-10 MCNIX-27C4096-10 Datasheet
785Kb / 18P
   4M-BIT [512K x 8/256K x 16] CMOS EPROM
27C4096-12 MCNIX-27C4096-12 Datasheet
785Kb / 18P
   4M-BIT [512K x 8/256K x 16] CMOS EPROM
More results

Similar Description - 27C4096

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C4096 ATMEL-AT27C4096_07 Datasheet
360Kb / 14P
   4-Megabit (256K x 16) OTP EPROM
AT27C400 ATMEL-AT27C400 Datasheet
184Kb / 10P
   4-Megabit 256K x 16 or 512K x 8 OTP EPROM
AT27C020 ATMEL-AT27C020_07 Datasheet
373Kb / 14P
   2-megabit (256K x 8) OTP EPROM
AT27C020 ATMEL-AT27C020 Datasheet
170Kb / 9P
   2-Megabit 256K x 8 OTP EPROM
AT27BV4096 ATMEL-AT27BV4096 Datasheet
223Kb / 9P
   4 Megabit 256K x 16 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
AT27C1024 ATMEL-AT27C1024 Datasheet
261Kb / 9P
   1-Megabit 64K x 16 OTP EPROM
AT27C1024 ATMEL-AT27C1024_07 Datasheet
370Kb / 14P
   1-Megabit (64K x 16) OTP EPROM
AT27LV020A ATMEL-AT27LV020A Datasheet
220Kb / 9P
   2 Megabit 256K x 8 Low Voltage OTP EPROM
AT27C2048 ATMEL-AT27C2048 Datasheet
163Kb / 9P
   2-Megabit 128K x 16 OTP EPROM
AT27LV020A ATMEL-AT27LV020A_07 Datasheet
377Kb / 15P
   2-Megabit (256K x 8) Low Voltage OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com