Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT24C256-10PI-1.8 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT24C256-10PI-1.8
Description  2-Wire Serial EEPROMs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C256-10PI-1.8 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT24C256-10PI-1.8 Datasheet HTML 6Page - ATMEL Corporation AT24C256-10PI-1.8 Datasheet HTML 7Page - ATMEL Corporation AT24C256-10PI-1.8 Datasheet HTML 8Page - ATMEL Corporation AT24C256-10PI-1.8 Datasheet HTML 9Page - ATMEL Corporation AT24C256-10PI-1.8 Datasheet HTML 10Page - ATMEL Corporation AT24C256-10PI-1.8 Datasheet HTML 11Page - ATMEL Corporation AT24C256-10PI-1.8 Datasheet HTML 12Page - ATMEL Corporation AT24C256-10PI-1.8 Datasheet HTML 13Page - ATMEL Corporation AT24C256-10PI-1.8 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
AT24C128/256
10
AT24C128 Ordering Information
tWR (max)
(ms)
ICC (max)
(
µµµµA)
ISB (max)
(
µµµµA)
fMAX
(kHz)
Ordering Code
Package
Operation Range
10
3000
6.0
1000
AT24C128-10PC
AT24C128N-10SC
AT24C128W-10SC
AT24C128-10CC
AT24C128C1-10CC
AT24C128T1-10TC
8P3
8S1
8S2
8C
8C1
14T
Commercial
(0
°C to 70°C)
3000
6.0
1000
AT24C128-10PI
AT24C128N-10SI
AT24C128W-10SI
AT24C128-10CI
AT24C128C1-10CI
AT24C128T1-10TI
8P3
8S1
8S2
8C
8C1
14T
Industrial
(-40
°C to 85°C)
10
1500
0.5
400
AT24C128-10PC-2.7
AT24C128N-10SC-2.7
AT24C128W-10SC-2.7
AT24C128-10CC-2.7
AT24C128C1-10CC-2.7
AT24C128T1-10TC-2.7
8P3
8S1
8S2
8C
8C1
14T
Commercial
(0
°C to 70°C)
1500
0.5
400
AT24C128-10PI-2.7
AT24C128N-10SI-2.7
AT24C128W-10SI-2.7
AT24C128-10CI-2.7
AT24C128C1-10CI-2.7
AT24C128T1-10TI-2.7
8P3
8S1
8S2
8C
8C1
14T
Industrial
(-40
°C to 85°C)
Package Type
8C
8-Lead, 0.230" Wide, Leadless Array Package (LAP)
8C1
8-Lead, 0.300" Wide, Leadless Array Package (LAP)
8P3
8-Lead, 0.300" Wide, Plastic Dual Inline Package (PDIP)
8S1
8-Lead, 0.150" Wide, Plastic Gull Wing Small Outline Package (JEDEC SOIC)
8S2
8-Lead, 0.200" Wide, Plastic Gull Wing Small Outline Package (EIAJ SOIC)
14T
14-Lead, 0.170" Wide, Thin Shrink Small Outline Package (TSSOP)
Options
Blank
Standard Operation (4.5V to 5.5V)
-2.7
Low-Voltage (2.7V to 5.5V)
-1.8
Low-Voltage (1.8V to 3.6V)


Similar Part No. - AT24C256-10PI-1.8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C256-10PU-1.8 ATMEL-AT24C256-10PU-1.8 Datasheet
367Kb / 23P
   Two-wire Serial EEPROMs
AT24C256-10PU-2.7 ATMEL-AT24C256-10PU-2.7 Datasheet
367Kb / 23P
   Two-wire Serial EEPROMs
More results

Similar Description - AT24C256-10PI-1.8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C128 ATMEL-AT24C128_03 Datasheet
208Kb / 20P
   2-wire Serial EEPROMs
logo
GTM CORPORATION
GSC24BC01 GTM-GSC24BC01 Datasheet
284Kb / 9P
   2-WIRE SERIAL EEPROMS
GSC93BC46-66 GTM-GSC93BC46-66 Datasheet
276Kb / 8P
   2-WIRE SERIAL EEPROMS
logo
ATMEL Corporation
AT24C01C ATMEL-AT24C01C_14 Datasheet
727Kb / 19P
   2-wire Automotive Temperature Serial EEPROMs
AT24C02C ATMEL-AT24C02C_14 Datasheet
727Kb / 19P
   2-wire Automotive Temperature Serial EEPROMs
AT24C256N-10SU-2.7 ATMEL-AT24C256N-10SU-2.7 Datasheet
367Kb / 23P
   Two-wire Serial EEPROMs
AT93C46 ATMEL-AT93C46 Datasheet
154Kb / 15P
   3-Wire Serial EEPROMs
AT59C11 ATMEL-AT59C11 Datasheet
131Kb / 13P
   4-Wire Serial EEPROMs
AT93C46 ATMEL-AT93C46_05 Datasheet
371Kb / 21P
   Three-wire Serial EEPROMs
AT24C256W-10SU-2.7 ATMEL-AT24C256W-10SU-2.7 Datasheet
367Kb / 23P
   Two-wire Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com