Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25320N-10SI-1.8 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT25320N-10SI-1.8
Description  SPI Serial EEPROMs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25320N-10SI-1.8 Datasheet(HTML) 4 Page - ATMEL Corporation

  AT25320N-10SI-1.8 Datasheet HTML 1Page - ATMEL Corporation AT25320N-10SI-1.8 Datasheet HTML 2Page - ATMEL Corporation AT25320N-10SI-1.8 Datasheet HTML 3Page - ATMEL Corporation AT25320N-10SI-1.8 Datasheet HTML 4Page - ATMEL Corporation AT25320N-10SI-1.8 Datasheet HTML 5Page - ATMEL Corporation AT25320N-10SI-1.8 Datasheet HTML 6Page - ATMEL Corporation AT25320N-10SI-1.8 Datasheet HTML 7Page - ATMEL Corporation AT25320N-10SI-1.8 Datasheet HTML 8Page - ATMEL Corporation AT25320N-10SI-1.8 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AT25080/160/320/640
4
AC Characteristics
Applicable over recommended operating range from T
A = -40°C to +85°C, VCC = As Specified,
CL = 1 TTL Gate and 100 pF (unless otherwise noted).
Symbol
Parameter
Voltage
Min
Max
Units
f
SCK
SCK Clock Frequency
4.5 - 5.5
2.7 - 5.5
1.8 - 3.6
0
0
0
2.1
2.1
0.5
MHz
t
RI
Input Rise Time
4.5 - 5.5
2.7 - 5.5
1.8 - 3.6
2
2
2
µs
t
FI
Input Fall Time
4.5 - 5.5
2.7 - 5.5
1.8 - 3.6
2
2
2
µs
t
WH
SCK High Time
4.5 - 5.5
2.7 - 5.5
1.8 - 3.6
200
200
800
ns
t
WL
SCK Low Time
4.5 - 5.5
2.7 - 5.5
1.8 - 3.6
200
200
800
ns
t
CS
CS High Time
4.5 - 5.5
2.7 - 5.5
1.8 - 3.6
250
250
1000
ns
t
CSS
CS Setup Time
4.5 - 5.5
2.7 - 5.5
1.8 - 3.6
250
250
1000
ns
t
CSH
CS Hold Time
4.5 - 5.5
2.7 - 5.5
1.8 - 3.6
250
250
1000
ns
t
SU
Data In Setup Time
4.5 - 5.5
2.7 - 5.5
1.8 - 3.6
50
50
100
ns
t
H
Data In Hold Time
4.5 - 5.5
2.7 - 5.5
1.8 - 3.6
50
50
100
ns
t
HD
Hold Setup Time
4.5 - 5.5
2.7 - 5.5
1.8 - 3.6
100
100
400
t
CD
Hold Hold Time
4.5 - 5.5
2.7 - 5.5
1.8 - 3.6
200
200
400
ns
t
V
Output Valid
4.5 - 5.5
2.7 - 5.5
1.8 - 3.6
0
0
0
200
200
800
ns
t
HO
Output Hold Time
4.5 - 5.5
2.7 - 5.5
1.8 - 3.6
0
0
0
ns


Similar Part No. - AT25320N-10SI-1.8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25320N-10SI-2.7 ATMEL-AT25320N-10SI-2.7 Datasheet
331Kb / 21P
   SPI Serial EEPROMs
More results

Similar Description - AT25320N-10SI-1.8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25010 ATMEL-AT25010_03 Datasheet
155Kb / 17P
   SPI Serial EEPROMs
AT25HP256 ATMEL-AT25HP256_06 Datasheet
414Kb / 21P
   SPI Serial EEPROMs
AT25080A ATMEL-AT25080A_07 Datasheet
448Kb / 24P
   SPI Serial EEPROMs
AT25010 ATMEL-AT25010 Datasheet
165Kb / 15P
   SPI Serial EEPROMs
AT25128 ATMEL-AT25128 Datasheet
230Kb / 12P
   SPI Serial EEPROMs
AT25HP256 ATMEL-AT25HP256 Datasheet
178Kb / 15P
   SPI Serial EEPROMs
AT25128A ATMEL-AT25128A_05 Datasheet
437Kb / 21P
   SPI Serial EEPROMs
AT25640A ATMEL-AT25640A Datasheet
388Kb / 20P
   SPI Serial EEPROMs
AT25080 ATMEL-AT25080_03 Datasheet
331Kb / 21P
   SPI Serial EEPROMs
AT25128 ATMEL-AT25128_05 Datasheet
432Kb / 22P
   SPI Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com