Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25320N-10SI-1.8 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT25320N-10SI-1.8
Description  SPI Serial EEPROMs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25320N-10SI-1.8 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT25320N-10SI-1.8 Datasheet HTML 3Page - ATMEL Corporation AT25320N-10SI-1.8 Datasheet HTML 4Page - ATMEL Corporation AT25320N-10SI-1.8 Datasheet HTML 5Page - ATMEL Corporation AT25320N-10SI-1.8 Datasheet HTML 6Page - ATMEL Corporation AT25320N-10SI-1.8 Datasheet HTML 7Page - ATMEL Corporation AT25320N-10SI-1.8 Datasheet HTML 8Page - ATMEL Corporation AT25320N-10SI-1.8 Datasheet HTML 9Page - ATMEL Corporation AT25320N-10SI-1.8 Datasheet HTML 10Page - ATMEL Corporation AT25320N-10SI-1.8 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AT25080/160/320/640
7
Functional Description
The AT25080/160/320/640 is designed to interface directly
with the synchronous serial peripheral interface (SPI) of the
6805 and 68HC11 series of microcontrollers.
The AT25080/160/320/640 utilizes an 8 bit instruction reg-
ister. The list of instructions and their operation codes are
contained in Table 1. All instructions, addresses, and data
are transferred with the MSB first and start with a high-to-
low CS transition.
WRITE ENABLE (WREN): The device will power up in the
write disable state when V
CC is applied. All programming
instructions must therefore be preceded by a Write Enable
instruction.
WRITE DISABLE (WRDI): To protect the device against
inadvertent writes, the Write Disable instruction disables all
programming modes. The WRDI instruction is independent
of the status of the WP pin.
READ STATUS REGISTER (RDSR): The Read Status
Register instruction provides access to the status register.
The READY/BUSY and Write Enable status of the device
can be determined by the RDSR instruction. Similarly, the
Block Write Protection bits indicate the extent of protection
employed. These bits are set by using the WRSR instruc-
tion.
WRITE STATUS REGISTER (WRSR): The WRSR instruc-
tion allows the user to select one of four levels of protec-
tion. The AT25080/160/320/640 is divided into four array
segments. One quarter (1/4), one half (1/2), or all of the
memory segments can be protected. Any of the data within
any selected segment will therefore be READ only. The
block write protection levels and corresponding status reg-
ister control bits are shown in Table 4.
The three bits, BP0, BP1, and WPEN are nonvolatile cells
that have the same properties and functions as the regular
memory cells (e.g. WREN, tWC, RDSR).
The WRSR instruction also allows the user to enable or
disable the write protect (WP) pin through the use of the
Write Protect Enable (WPEN) bit. Hardware write protec-
tion is enabled when the WP pin is low and the WPEN bit is
“1”. Hardware write protection is disabled when either the
WP pin is high or the WPEN bit is “0”. When the device is
hardware write protected, writes to the Status Register,
including the Block Protect bits and the WPEN bit, and the
block-protected sections in the memory array are disabled.
Table 1. Instruction Set for the AT25080/160/320/640
Instruction
Name
Instruction
Format
Operation
WREN
0000 X110
Set Write Enable Latch
WRDI
0000 X100
Reset Write Enable Latch
RDSR
0000 X101
Read Status Register
WRSR
0000 X001
Write Status Register
READ
0000 X011
Read Data from Memory Array
WRITE
0000 X010
Write Data to Memory Array
Table 2. Status Register Format
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
WPEN
X
X
X
BP1
BP0
WEN
RDY
Table 3. Read Status Register Bit Definition
Bit
Definition
Bit 0 (RDY)
Bit 0 = 0 (RDY) indicates the device is READY. Bit
0 = 1 indicates the write cycle is in progress.
Bit 1 (WEN)
Bit 1= 0 indicates the device is not WRITE
ENABLED. Bit 1 = 1 indicates the device is WRITE
ENABLED.
Bit 2 (BP0)
See Table 3.
Bit 3 (BP1)
See Table 3.
Bits 4-6 are 0s when device is not in an internal write cycle.
Bit 7 (WPEN)
See Table 4.
Bits 0-7 are 1s during an internal write cycle.
Table 4. Block Write Protect Bits
Level
Status
Register
Bits
Array Addresses Protected
BP1
BP0
AT25080
AT25160
AT25320
AT25640
0
0
0
None
None
None
None
1(1/4)
0
1
0300
-03FF
0600
-07FF
0C00
-0FFF
1800
-1FFF
2(1/2)
1
0
0200
-03FF
0400
-07FF
0800
-0FFF
1000
-1FFF
3(All)
1
1
0000
-03FF
0000
-07FF
0000
-0FFF
0000
-1FFF


Similar Part No. - AT25320N-10SI-1.8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25320N-10SI-2.7 ATMEL-AT25320N-10SI-2.7 Datasheet
331Kb / 21P
   SPI Serial EEPROMs
More results

Similar Description - AT25320N-10SI-1.8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25010 ATMEL-AT25010_03 Datasheet
155Kb / 17P
   SPI Serial EEPROMs
AT25HP256 ATMEL-AT25HP256_06 Datasheet
414Kb / 21P
   SPI Serial EEPROMs
AT25080A ATMEL-AT25080A_07 Datasheet
448Kb / 24P
   SPI Serial EEPROMs
AT25010 ATMEL-AT25010 Datasheet
165Kb / 15P
   SPI Serial EEPROMs
AT25128 ATMEL-AT25128 Datasheet
230Kb / 12P
   SPI Serial EEPROMs
AT25HP256 ATMEL-AT25HP256 Datasheet
178Kb / 15P
   SPI Serial EEPROMs
AT25128A ATMEL-AT25128A_05 Datasheet
437Kb / 21P
   SPI Serial EEPROMs
AT25640A ATMEL-AT25640A Datasheet
388Kb / 20P
   SPI Serial EEPROMs
AT25080 ATMEL-AT25080_03 Datasheet
331Kb / 21P
   SPI Serial EEPROMs
AT25128 ATMEL-AT25128_05 Datasheet
432Kb / 22P
   SPI Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com