Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT28C256-20PI Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT28C256-20PI
Description  256K 32K x 8 Paged CMOS E2PROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28C256-20PI Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT28C256-20PI Datasheet HTML 6Page - ATMEL Corporation AT28C256-20PI Datasheet HTML 7Page - ATMEL Corporation AT28C256-20PI Datasheet HTML 8Page - ATMEL Corporation AT28C256-20PI Datasheet HTML 9Page - ATMEL Corporation AT28C256-20PI Datasheet HTML 10Page - ATMEL Corporation AT28C256-20PI Datasheet HTML 11Page - ATMEL Corporation AT28C256-20PI Datasheet HTML 12Page - ATMEL Corporation AT28C256-20PI Datasheet HTML 13Page - ATMEL Corporation AT28C256-20PI Datasheet HTML 14Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
(continued)
tACC
(ns)
ICC (mA)
Ordering Code
Package
Operation Range
Active
Standby
150
50
0.2
AT28C256(E,F)-15JC
32J
Commercial
AT28C256(E,F)-15PC
28P6
(0
°C to 70°C)
AT28C256(E,F)-15SC
28S
AT28C256(E,F)-15TC
28T
AT28C256(E,F)-15JI
32J
Industrial
AT28C256(E,F)-15PI
28P6
(-40
°C to 85°C)
AT28C256(E,F)-15SI
28S
AT28C256(E,F)-15TI
28T
50
0.3
AT28C256(E,F)-15DM/883
28D6
Military/883C
AT28C256(E,F)-15FM/883
28F
Class B, Fully Compliant
AT28C256(E,F)-15LM/883
32L
(-55
°C to 125°C)
AT28C256(E,F)-15UM/883
28U
200
50
0.2
AT28C256(E,F)-20JC
32J
Commercial
AT28C256(E,F)-20PC
28P6
(0
°C to 70°C)
AT28C256(E,F)-20SC
28S
AT28C256(E,F)-20TC
28T
AT28C256(E,F)-20JI
32J
Industrial
AT28C256(E,F)-20PI
28P6
(-40
°C to 85°C)
AT28C256(E,F)-20SI
28S
AT28C256(E,F)-20TI
28T
50
0.3
AT28C256(E,F)-20DM/883
28D6
Military/883C
AT28C256(E,F)-20FM/883
28F
Class B, Fully Compliant
AT28C256(E,F)-20LM/883
32L
(-55
°C to 125°C)
AT28C256(E,F)-20UM/883
28U
250
50
0.2
AT28C256(E,F)-25JC
32J
Commercial
AT28C256(E,F)-25PC
28P6
(0
°C to 70°C)
AT28C256-W
DIE
AT28C256(E,F)-25JI
32J
Industrial
AT28C256(E,F)-25PI
28P6
(-40
°C to 85°C)
50
0.3
AT28C256(E,F)-25DM/883
28D6
Military/883C
AT28C256(E,F)-25FM/883
28F
Class B, Fully Compliant
AT28C256(E,F)-25LM/883
32L
(-55
°C to 125°C)
AT28C256(E,F)-25UM/883
28U
AT28C256(E,F)-35UM/883
28U
50
0.2
AT28C256-W
DIE
Commercial
(0
°C to 70°C)
Ordering Information
(2)
AT28C256
2-227


Similar Part No. - AT28C256-20PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C256-20DM/883 ATMEL-AT28C256-20DM/883 Datasheet
665Kb / 25P
   256K (32K x 8) Paged Parallel EEPROM
AT28C256-20FM/883 ATMEL-AT28C256-20FM/883 Datasheet
665Kb / 25P
   256K (32K x 8) Paged Parallel EEPROM
AT28C256-20LM/883 ATMEL-AT28C256-20LM/883 Datasheet
665Kb / 25P
   256K (32K x 8) Paged Parallel EEPROM
AT28C256-20UM/883 ATMEL-AT28C256-20UM/883 Datasheet
665Kb / 25P
   256K (32K x 8) Paged Parallel EEPROM
More results

Similar Description - AT28C256-20PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28LV256 ATMEL-AT28LV256 Datasheet
602Kb / 10P
   256K 32K x 8 Low Voltage CMOS E2PROM
AT28C256-15PU ATMEL-AT28C256-15PU Datasheet
665Kb / 25P
   256K (32K x 8) Paged Parallel EEPROM
AT28C256E-15PU ATMEL-AT28C256E-15PU Datasheet
665Kb / 25P
   256K (32K x 8) Paged Parallel EEPROM
AT28C256 ATMEL-AT28C256_08 Datasheet
668Kb / 27P
   256K (32K x 8) Paged Parallel EEPROM
AT28C010 ATMEL-AT28C010 Datasheet
657Kb / 11P
   1 Megabit 128K x 8 Paged CMOS E2PROM
AT28C010 ATMEL-AT28C010 Datasheet
570Kb / 11P
   1 Megabit 128K x 8 Paged CMOS E2PROM
logo
Microchip Technology
27C256 MICROCHIP-27C256_04 Datasheet
91Kb / 10P
   256K (32K x 8) CMOS EPROM
2004
logo
Sharp Corporation
LH53259 SHARP-LH53259 Datasheet
59Kb / 6P
   CMOS 256K (32K x 8) MROM
logo
Microchip Technology
27C256 MICROCHIP-27C256 Datasheet
67Kb / 12P
   256K (32K x 8) CMOS EPROM
1996
logo
ATMEL Corporation
AT28LV010 ATMEL-AT28LV010 Datasheet
498Kb / 9P
   1 Megabit 128K x 8 Low Voltage Paged CMOS E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com