Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT29C010A-90TC Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT29C010A-90TC
Description  1 Megabit 128K x 8 5-volt Only CMOS Flash Memory
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT29C010A-90TC Datasheet(HTML) 5 Page - ATMEL Corporation

  AT29C010A-90TC Datasheet HTML 1Page - ATMEL Corporation AT29C010A-90TC Datasheet HTML 2Page - ATMEL Corporation AT29C010A-90TC Datasheet HTML 3Page - ATMEL Corporation AT29C010A-90TC Datasheet HTML 4Page - ATMEL Corporation AT29C010A-90TC Datasheet HTML 5Page - ATMEL Corporation AT29C010A-90TC Datasheet HTML 6Page - ATMEL Corporation AT29C010A-90TC Datasheet HTML 7Page - ATMEL Corporation AT29C010A-90TC Datasheet HTML 8Page - ATMEL Corporation AT29C010A-90TC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AC Read Characteristics
AT29C010A-70
AT29C010A-90
AT29C010A-12
AT29C010A-15
Symbol
Parameter
Min
Max
Min
Max
Min
Max
Min
Max
Units
tACC
Address to Output Delay
70
90
120
150
ns
tCE (1)
CE to Output Delay
70
90
120
150
ns
tOE (2)
OE to Output Delay
0
35
0
40
0
50
0
70
ns
tDF (3, 4)
CE or OE to Output Float
0
25
0
25
0
30
0
40
ns
tOH
Output Hold from OE,
CE or Address,
whichever occurred first
00
0
0
ns
Notes: 1. CE may be delayed up to tACC - tCE after the address
transition without impact on tACC .
2. OE may be delayed up to tCE - tOE after the falling
edge of CE without impact on tCE or by tACC - tOE
after an address change without impact on tACC .
3. tDF is specified from OE or CE whichever occurs first
(CL = 5 pF).
4. This parameter is characterized and is not 100% tested.
AC Read Waveforms
(1, 2, 3, 4)
tR, tF < 5 ns
Input Test Waveforms and
Measurement Level
Output Test Load
70 ns
90/120/150 ns
Pin Capacitance
(f = 1 MHz, T = 25°C)
(1)
Typ
Max
Units
Conditions
CIN
46
pF
VIN = 0V
COUT
812
pF
VOUT = 0V
Note:
1. This parameter is characterized and is not 100% tested.
AT29C010A
4-133


Similar Part No. - AT29C010A-90TC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29C010A-90TC ATMEL-AT29C010A-90TC Datasheet
214Kb / 18P
   1-Megabit (128K x 8) 5-volt Only Flash Memory
More results

Similar Description - AT29C010A-90TC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F010 ATMEL-AT49F010 Datasheet
248Kb / 10P
   1-Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT29C010A ATMEL-AT29C010A_08 Datasheet
408Kb / 18P
   1-megabit (128K x 8) 5-volt Only Flash Memory
AT49F001 ATMEL-AT49F001 Datasheet
152Kb / 16P
   1-Megabit 128K x 8 5-volt Only Flash Memory
AT29C010A-70TI ATMEL-AT29C010A-70TI Datasheet
314Kb / 18P
   1-megabit (128K x 8) 5-volt Only Flash Memory
AT29C010A ATMEL-AT29C010A_02 Datasheet
214Kb / 18P
   1-Megabit (128K x 8) 5-volt Only Flash Memory
AT29LV010A-12TU ATMEL-AT29LV010A-12TU Datasheet
721Kb / 16P
   1-megabit (128K x 8) 3-volt Only Flash Memory
AT49F2048 ATMEL-AT49F2048 Datasheet
207Kb / 11P
   2-Megabit 128K x 16 5-volt Only CMOS Flash Memory
AT29LV010A ATMEL-AT29LV010A Datasheet
491Kb / 10P
   1 Megabit 128K x 8 3-volt Only CMOS Flash
AT49F2048A ATMEL-AT49F2048A Datasheet
275Kb / 13P
   2-megabit 256K x 8/ 128K x 16 5-volt Only CMOS Flash Memory
AT49F001A ATMEL-AT49F001A Datasheet
283Kb / 18P
   1-MEGABIT (128 X 8) 5-VOLT ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com